Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP87L20CJN-3N Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP87L20CJN-3N
Description  8-Bit Microcontroller with Multi-Input Wake Up and Brown Out Detector
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP87L20CJN-3N Datasheet(HTML) 4 Page - National Semiconductor (TI)

  COP87L20CJN-3N Datasheet HTML 1Page - National Semiconductor (TI) COP87L20CJN-3N Datasheet HTML 2Page - National Semiconductor (TI) COP87L20CJN-3N Datasheet HTML 3Page - National Semiconductor (TI) COP87L20CJN-3N Datasheet HTML 4Page - National Semiconductor (TI) COP87L20CJN-3N Datasheet HTML 5Page - National Semiconductor (TI) COP87L20CJN-3N Datasheet HTML 6Page - National Semiconductor (TI) COP87L20CJN-3N Datasheet HTML 7Page - National Semiconductor (TI) COP87L20CJN-3N Datasheet HTML 8Page - National Semiconductor (TI) COP87L20CJN-3N Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AC Electrical Characteristics (Continued)
TLDD11208 – 2
FIGURE 2 MICROWIREPLUS Timing
Comparator DC and AC Characteristics 4V s VCC s 6V b40 C s TA s a 85 C (Note 1)
Parameters
Conditions
Min
Type
Max
Units
Input Offset Voltage
04V k VIN k VCC b 15V
g
10
g
25
mV
Input Common Mode Voltage Range
04
VCC b 15
V
Voltage Gain
300k
VV
DC Supply Current (when enabled)
VCC e 60V
250
m
A
Response Time
TBD mV Step
1
m
s
TBD mV Overdrive 100 pF Load
Note 1
For comparator output current characteristics see L-Port specs
Connection Diagrams
TLDD11208 – 3
Top View
Order Number COPCJ820-XXXN or
COPCJ820-XXXWM
TLDD11208 – 4
Top View
Order Number COPCJ822-XXXN or
COPCJ822-XXXWM
TLDD11208 – 5
Top View
Order Number COPCJ823-XXXWM
FIGURE 3 Connection Diagrams
http
www nationalcom
4


Similar Part No. - COP87L20CJN-3N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L20CJN-3N NSC-COP87L20CJN-3N Datasheet
425Kb / 32P
   8-bit Microcontroller with with Multi-Input Wake Up and Brown Detecter
More results

Similar Description - COP87L20CJN-3N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP840CJ NSC-COP840CJ Datasheet
479Kb / 36P
   8-Bit Microcontrollers with Multi-Input Wake-Up and Brown Out Detector
COPCH823CJ NSC-COPCH823CJ Datasheet
425Kb / 32P
   8-bit Microcontroller with with Multi-Input Wake Up and Brown Detecter
COP820CJ NSC-COP820CJ Datasheet
497Kb / 35P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
COP884CG NSC-COP884CG Datasheet
482Kb / 42P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
COPEG888 NSC-COPEG888 Datasheet
550Kb / 48P
   8-Bit Microcontroller with UART and Three Multi-Function Timers
logo
ATMEL Corporation
T89C5121 ATMEL-T89C5121 Datasheet
800Kb / 110P
   8-bit Microcontroller with Multi protocol SMART Card Interface
T83C5121 ATMEL-T83C5121_03 Datasheet
817Kb / 108P
   8-bit Microcontroller with MULTI-PROTOCOL SMART CARD INTERFACE
logo
Infineon Technologies A...
ICE2PCS04 INFINEON-ICE2PCS04 Datasheet
507Kb / 19P
   Standalone PFC Controller in CCM with Input Brown-Out Protection
Version 2.0, 10 Oct 2007
logo
Monolithic Power System...
MA780 MPS-MA780 Datasheet
1Mb / 32P
   8-Bit to 12-Bit, Low-Power Angle Sensor with Integrated Wake-Up Angle Detection
Rev. 1.2 8/30/2021
logo
SINOWEALTH Electronic L...
SH79F3218 SINOWEALTH-SH79F3218 Datasheet
1Mb / 143P
   8051 Microcontroller with 8 channels Touch-key input and 12 Bit PWM
V2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com