Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY-3.300 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # CNY-3.300
Description  Phototransistor Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNY-3.300 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button CNY-3.300 Datasheet HTML 4Page - Fairchild Semiconductor CNY-3.300 Datasheet HTML 5Page - Fairchild Semiconductor CNY-3.300 Datasheet HTML 6Page - Fairchild Semiconductor CNY-3.300 Datasheet HTML 7Page - Fairchild Semiconductor CNY-3.300 Datasheet HTML 8Page - Fairchild Semiconductor CNY-3.300 Datasheet HTML 9Page - Fairchild Semiconductor CNY-3.300 Datasheet HTML 10Page - Fairchild Semiconductor CNY-3.300 Datasheet HTML 11Page - Fairchild Semiconductor CNY-3.300 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
www.fairchildsemi.com
CNY17-1, CNY17-3, CNY17-2, CNY17-4 Rev. 1.0.2
Figure 19. Switching Time Test Circuit
Figure 20. Switching Time Test Circuit
RL
IF
IC
VCC = 5V
OUTPUT (VCE)
INPUT
INPUT PULSE
OUTPUT PULSE
ton
toff
tr
td
tf
ts
10%
90%


Similar Part No. - CNY-3.300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY117 VISHAY-CNY117 Datasheet
166Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection, 110 Degrees Celcious Rated
Rev. 1.4, 10-Jan-05
CNY117F VISHAY-CNY117F Datasheet
140Kb / 9P
   Optocoupler, Phototransistor Output, No Base Connection, 110 Degree Celcious Rated
Rev. 1.4, 26-Oct-04
CNY117F-1 VISHAY-CNY117F-1 Datasheet
140Kb / 9P
   Optocoupler, Phototransistor Output, No Base Connection, 110 Degree Celcious Rated
Rev. 1.4, 26-Oct-04
CNY117F-2 VISHAY-CNY117F-2 Datasheet
140Kb / 9P
   Optocoupler, Phototransistor Output, No Base Connection, 110 Degree Celcious Rated
Rev. 1.4, 26-Oct-04
CNY117F-3 VISHAY-CNY117F-3 Datasheet
140Kb / 9P
   Optocoupler, Phototransistor Output, No Base Connection, 110 Degree Celcious Rated
Rev. 1.4, 26-Oct-04
More results

Similar Description - CNY-3.300

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT2 FAIRCHILD-MCT2 Datasheet
619Kb / 15P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
MOC8111 QT-MOC8111 Datasheet
434Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AV1M FAIRCHILD-H11AV1M Datasheet
277Kb / 10P
   Phototransistor Optocouplers
CNY171M FAIRCHILD-CNY171M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com