Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS314P Datasheet(PDF) 5 Page - ISOCOM COMPONENTS

Part # IS314P
Description  IGBT/MOSFET Gate Drive
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

IS314P Datasheet(HTML) 5 Page - ISOCOM COMPONENTS

  IS314P Datasheet HTML 1Page - ISOCOM COMPONENTS IS314P Datasheet HTML 2Page - ISOCOM COMPONENTS IS314P Datasheet HTML 3Page - ISOCOM COMPONENTS IS314P Datasheet HTML 4Page - ISOCOM COMPONENTS IS314P Datasheet HTML 5Page - ISOCOM COMPONENTS IS314P Datasheet HTML 6Page - ISOCOM COMPONENTS IS314P Datasheet HTML 7Page - ISOCOM COMPONENTS IS314P Datasheet HTML 8Page - ISOCOM COMPONENTS IS314P Datasheet HTML 9Page - ISOCOM COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5 31/07/2017
IS314P
DD93220
ISOCOM
COMPONENTS
ELECTRICAL CHARACTERISTICS (Typical Values at V
CC ̶ VEE = 10V to 30V and TA = 25°C,
Minimum and Maximum Values at Recommended Operating Conditions,
unless otherwise specified)
Note :
1.
A 0.1uF or bigger bypass capacitor must be connected across pin 6 and pin 4.
2.
PDD is the difference of tPHL and tPLH between any two IS314P devices under same test conditions.
3.
CMH, Common Mode Transient Immunity in High stage is the maximum tolerable positive dVCM/dt on the leading edge of the common
mode impulse signal, VCM, to assure that the output will remain high (VO > 15V).
4.
CML, Common Mode Transient Immunity in Low stage is the maximum tolerable negative dVCM/dt on the trailing edge of the common
mode impulse signal, VCM, to assure that the output will remain low (VO < 1V).
Parameter
Symbol
Test Condition
Min
Typ.
Max
Unit
Insulation Voltage
VISO
RH ≤ 40% to 60%,
t = 1 min, TA = 25°C
5000
V
Input - Output
Resistance
RI-O
VI-O = 500VDC
1012
Input - Output
Capacitance
CI-O
f = 1MHz, TA = 25°C
0.92
pF
ISOLATION


Similar Part No. - IS314P

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
IS314W ISOCOM-IS314W Datasheet
991Kb / 17P
   IGBT/MOSFET Gate Drive
More results

Similar Description - IS314P

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
ICPL3120 ISOCOM-ICPL3120 Datasheet
1Mb / 14P
   IGBT/MOSFET Gate Drive
IS314W ISOCOM-IS314W Datasheet
991Kb / 17P
   IGBT/MOSFET Gate Drive
IS341W ISOCOM-IS341W Datasheet
1Mb / 17P
   IGBT/MOSFET Gate Drive
IS480P ISOCOM-IS480P Datasheet
1Mb / 15P
   Isolated IGBT/MOSFET Gate Drive
logo
Toshiba Semiconductor
TLP5214 TOSHIBA-TLP5214 Datasheet
910Kb / 20P
   Isolated IGBT/Power MOSFET gate drive
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3100-500E AVAGO-HCPL-3100-500E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-3100 HP-HCPL-3100 Datasheet
233Kb / 10P
   Power MOSFET/IGBT Gate Drive Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3100-300E AVAGO-HCPL-3100-300E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
HCPL-3101-000E AVAGO-HCPL-3101-000E Datasheet
429Kb / 14P
   Power MOSFET/IGBT Gate Drive Optocouplers
logo
Solid State Optronic
SG8080 SSOUSA-SG8080 Datasheet
745Kb / 15P
   IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com