Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7823EB2K5 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS7823EB2K5
Description  12-Bit, Sampling A/D Converter with I2C INTERFACE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7823EB2K5 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  ADS7823EB2K5 Datasheet HTML 1Page - Burr-Brown (TI) ADS7823EB2K5 Datasheet HTML 2Page - Burr-Brown (TI) ADS7823EB2K5 Datasheet HTML 3Page - Burr-Brown (TI) ADS7823EB2K5 Datasheet HTML 4Page - Burr-Brown (TI) ADS7823EB2K5 Datasheet HTML 5Page - Burr-Brown (TI) ADS7823EB2K5 Datasheet HTML 6Page - Burr-Brown (TI) ADS7823EB2K5 Datasheet HTML 7Page - Burr-Brown (TI) ADS7823EB2K5 Datasheet HTML 8Page - Burr-Brown (TI) ADS7823EB2K5 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ADS7823
4
SBAS180B
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
Logic Levels: VIH
+VDD 0.7
+VDD + 0.5
✻✻
V
VIL
–0.3
+VDD 0.3
✻✻
V
VOL
At min 3mA Sink Current
0.4
V
Input Leakage: I
IH
V
IH = +VDD +0.5
10
µA
I
IL
V
IL = -0.3
-10
µA
Data Format
Straight
Binary
ADS7823 HARDWARE ADDRESS
10010
Binary
POWER SUPPLY REQUIREMENTS
Power Supply Voltage, +VDD
Specified Performance
4.75
5
5.25
✻✻
V
Quiescent Current
High Speed Mode: SCL= 3.4MHz
0.72
1.0
✻✻
mA
Fast Mode: SCL= 400kHz
380
µA
Standard Mode, SCL=100kHz
240
µA
Power Dissipation
High Speed Mode: SCL= 3.4MHz
3.6
5.0
✻✻
mW
Fast Mode: SCL= 400kHz
1.9
mW
Standard Mode, SCL=100kHz
1.2
mW
Powerdown Mode
High Speed Mode: SCL= 3.4MHz
346
µA
w/Wrong Address Selected
Fast Mode: SCL= 400kHz
136
µA
Standard Mode, SCL=100kHz
34
µA
Full Powerdown
SCL Pulled HIGH, SDA Pulled HIGH
3
3000
✻✻
nA
TEMPERATURE RANGE
Specified Performance
–40
85
✻✻
°C
✻ Specifications same as ADS7823E.
NOTES: (1) LSB means Least Significant Bit. With VREF equal to 2.5V, 1LSB is 610µV. (2) THD measured out to the 9th-harmonic.
PIN CONFIGURATION
Top View
MSOP
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1VREF
Reference Input, 2.5V Nominal
2AIN
Analog Input.
3
A0
Slave Address Bit 0
4
GND
Ground
5
A1
Slave Address Bit 1
6
SDA
Serial Data
7
SCL
Serial Clock
8+VDD
Power Supply, 3.3V Nominal
TIMING DIAGRAM
t
R
t
BUF
t
LOW
t
F
t
HD; STA
t
SP
t
HD; STA
t
SU; STA
t
HD; DAT
t
SU; DAT
t
HIGH
t
SU; STO
SCL
SDA
START
REPEATED
START
STOP
1
2
3
4
V
REF
A
IN
A0
GND
+V
DD
SCL
SDA
A1
8
7
6
5
ADS7823
ELECTRICAL CHARACTERISTICS: +5V (Cont.)
At TA = –40°C to +85°C, +VDD = +5.0V, VREF = +5.0V, SCL Clock Frequency = 3.4MHz (High Speed Mode) unless otherwise noted.
ADS7823E
ADS7823EB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS


Similar Part No. - ADS7823EB2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7823EB/250 TI1-ADS7823EB/250 Datasheet
636Kb / 19P
[Old version datasheet]   Sampling A/D Converter
ADS7823EB/250G4 TI1-ADS7823EB/250G4 Datasheet
636Kb / 19P
[Old version datasheet]   Sampling A/D Converter
ADS7823EB/2K5 TI1-ADS7823EB/2K5 Datasheet
636Kb / 19P
[Old version datasheet]   Sampling A/D Converter
More results

Similar Description - ADS7823EB2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7823 TI1-ADS7823_14 Datasheet
637Kb / 20P
[Old version datasheet]   12-Bit, Sampling A/D Converter with I2C??INTERFACE
logo
Microchip Technology
MCP3221 MICROCHIP-MCP3221_06 Datasheet
681Kb / 28P
   Low Power 12-Bit A/D Converter With I2C??Interface
2006
MCP3221 MICROCHIP-MCP3221 Datasheet
480Kb / 26P
   Low Power 12-Bit A/D Converter With I2C Interface
05/30/03
logo
Texas Instruments
ADS7828E TI-ADS7828E Datasheet
860Kb / 22P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C Interface
ADS7828 TI1-ADS7828_14 Datasheet
877Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828 TI-ADS7828 Datasheet
290Kb / 17P
[Old version datasheet]   12-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
ADS7828-Q1 TI1-ADS7828-Q1 Datasheet
340Kb / 22P
[Old version datasheet]   12-BIT 8-CHANNEL SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH I2C??INTERFACE
logo
Sipex Corporation
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
Sipex Corporation
SP8538 SIPEX-SP8538 Datasheet
305Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com