Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS1100 Datasheet(PDF) 8 Page - ISOCOM COMPONENTS

Part # IS1100
Description  Switching Mode Power Supply
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

IS1100 Datasheet(HTML) 8 Page - ISOCOM COMPONENTS

Back Button IS1100 Datasheet HTML 2Page - ISOCOM COMPONENTS IS1100 Datasheet HTML 3Page - ISOCOM COMPONENTS IS1100 Datasheet HTML 4Page - ISOCOM COMPONENTS IS1100 Datasheet HTML 5Page - ISOCOM COMPONENTS IS1100 Datasheet HTML 6Page - ISOCOM COMPONENTS IS1100 Datasheet HTML 7Page - ISOCOM COMPONENTS IS1100 Datasheet HTML 8Page - ISOCOM COMPONENTS IS1100 Datasheet HTML 9Page - ISOCOM COMPONENTS IS1100 Datasheet HTML 10Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8 30/4/2013
DC93168
IS1100
ISOCOM
COMPONENTS
IR REFLOW SOLDERING TEMPERATURE PROFILE
(One Time Reflow Soldering is Recommended)
TIME (s)
25°C
150°C
70s – 170s
Preheat
200°C
260 °C Peak
255 °C (30s max)
1-3 °C/s Max
217°C
1-3 °C/s Max
60s – 140s


Similar Part No. - IS1100

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
IS111 NJSEMI-IS111 Datasheet
351Kb / 1P
   TRANSIENT VOLTAGE SUPPRESSOR
IS111 NJSEMI-IS111 Datasheet
351Kb / 1P
   General Purpose Diodes
IS111 NJSEMI-IS111 Datasheet
351Kb / 1P
   GENERAL PURPOSE DIODES
IS111 NJSEMI-IS111 Datasheet
351Kb / 1P
   General Purpose Diodes
IS111 NJSEMI-IS111 Datasheet
351Kb / 1P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - IS1100

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SF10A400HDS KODENSHI-SF10A400HDS Datasheet
344Kb / 4P
   Switching mode power supply
logo
ISOCOM COMPONENTS
ISLT100X ISOCOM-ISLT100X Datasheet
842Kb / 11P
   Switching Mode Power Supply
logo
Toshiba Semiconductor
U5FWK2C42 TOSHIBA-U5FWK2C42 Datasheet
184Kb / 4P
   SWITCHING MODE POWER SUPPLY APPLICATION
20DL2C48A TOSHIBA-20DL2C48A_06 Datasheet
345Kb / 6P
   SWITCHING MODE POWER SUPPLY APPLICATION
20DL2CZ47A TOSHIBA-20DL2CZ47A_06 Datasheet
307Kb / 5P
   SWITCHING MODE POWER SUPPLY APPLICATION
30GWJ2C42C TOSHIBA-30GWJ2C42C_06 Datasheet
516Kb / 5P
   SWITCHING MODE POWER SUPPLY APPLICATON
CMH02 TOSHIBA-CMH02 Datasheet
185Kb / 5P
   Switching Mode Power Supply Applications
CMH05A TOSHIBA-CMH05A Datasheet
174Kb / 5P
   Switching Mode Power Supply Applications
CMH08A TOSHIBA-CMH08A Datasheet
186Kb / 5P
   Switching Mode Power Supply Applications
CMS02 TOSHIBA-CMS02 Datasheet
150Kb / 5P
   Switching Mode Power Supply Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com