Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2596GCN220 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CM2596GCN220
Description  3A STEP DOWN VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM2596GCN220 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CM2596GCN220 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM2596GCN220 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM2596GCN220 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM2596GCN220 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM2596GCN220 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM2596GCN220 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM2596GCN220 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM2596GCN220 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM2596GCN220 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CM2596
3A STEP DOWN VOLTAGE REGULATOR
2005/03/04
Champion Microelectronic Corporation
Page 1
GENERAL DESCRIPTION
FEATURES
The CM2596 series are step-down switching regulators with
all required active functions. It is capable of driving 3A load
with excellent line and load regulations. These devices are
available in fixed output voltages of 3.3V, 5V, and an
adjustable output version.
The CM2596 series offers a high-efficiency replacement for
popular three-terminal linear regulators. Also it requires a
minimum number of external components. It substantially not
only reduces the area of board size but also the size of the
heat sink, and in some cases no heat sink is required.
±4% tolerance on output voltage within specified input
voltages and output load conditions is guaranteed. Also, the
oscillator frequency accuracy is within ±10%. External
shutdown is included, featuring 70µA (typical) standby current.
The output switch includes cycle-by-cycle current limiting, as
well as thermal shutdown for full protection under fault
conditions.
Guaranteed 3A output current
3.3V, 5V, and adjustable versions
Wide input voltage range, up to 40V
Internal oscillator of 150KHz fixed frequency
Wide adjustable version output voltage range, from
1.23V to 37V±4% max over line and load conditions
Low standby current, typ. 80µA, at shutdown mode
Requires only 4 external components
Thermal shutdown and current limit protection
Requires only 4 external components
Excellent line and load regulation specifications
TTL shutdown capability
APPLICATIONS
LCD Monitors
ADD-ON Cards Switching Regulators
High Efficiency Step-Down Regulators
Efficient Pre-regulator for Linear Regulators
ORDERING INFORMATION
Package Type
TO-220
TO-263
Output Voltage
CM2596SJCN220
CM2596SJCN263
3.3V
CM2596ZJCN220
CM2596ZJCN263
5.0V
CM2596CN220
CM2596CN263
ADJ.
CM2596GSJCN220
CM2596GSJCN263
3.3V
CM2596GZJCN220
CM2596GZJCN263
5.0V
CM2596GCN220
CM2596GCN263
ADJ.
CM2596
X
X
X
X
Lead Free
Output Voltage
Package Type
Package
220:TO-220
263:TO-263
N: TO package
Blank: Normal
G: Lead Free package
C: Adjustable
SJC: 3.3V
ZJC: 5V


Similar Part No. - CM2596GCN220

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM2596S CHAMP-CM2596S Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
CM2596SCN220 CHAMP-CM2596SCN220 Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
CM2596SCN263 CHAMP-CM2596SCN263 Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
CM2596SGCN220 CHAMP-CM2596SGCN220 Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
CM2596SGCN220B CHAMP-CM2596SGCN220B Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
More results

Similar Description - CM2596GCN220

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
LM2596 ARTSCHIP-LM2596 Datasheet
741Kb / 29P
   3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM2576BM TGS-LM2576BM Datasheet
1Mb / 9P
   3A Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2596S CHAMP-CM2596S_06 Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230 Datasheet
204Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Guangdong Youtai Semico...
LM2596 UMW-LM2596 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
logo
ADDtek Corp
AMC2576 ADDTEK-AMC2576 Datasheet
176Kb / 14P
   3A STEP DOWN VOLTAGE REGULATOR
DECEMBER 2006
logo
Champion Microelectroni...
CM2576 CHAMP-CM2576 Datasheet
313Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com