Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS18A Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # SS18A
Description  Schottky Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SS18A Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  SS18A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SS18A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S118
Rev. 1.2, 28-Apr-14
www.21yangjie.com
SS12A THRU SS120A
■特性曲线(典型) Characteristics(Typical)
0
50
150
图1:正向电流降额曲线
FIG.1: FORWARD CURRENT DERATING CURVE
Resistive or Inductive Load
P.C.B. Mounted on 0.2"×0.2"
(5.0mm×5.0mm)Copper Pad Areas
TL(℃)
100
0.2
0.4
0.6
0.8
1.0
0
25
75
125
SS12A-SS14A
SS15A-SS120A
图3: 典型正向特性曲线
FIG.3: TYPICAL FORWARD CHARACTERISTICS
0.01
VF(V)
0.4
TJ=25℃
Pulse width=300us
1% Duty Cycle
0.1
1.0
10
100
0.6
0.8
1.0
1.2
1.4
SS12A-SS14A
SS15A-SS16A
SS18A-SS110A
SS115A-SS120A
0.2
0
图4:典型反向特性曲线
FIG.4:TYPICAL REVERSE CHARACTERISTICS
Voltage(%)
0
20
40
60
80
100
0.001
Tj=25℃
Tj=75℃
100
10
1.0
0.1
0.01
Tj=125℃
SS12-SS14
SS15-SS120
1
0
图2:耐正向浪涌电流曲线
2
5
10
20
50
100
FIG2:Surge Forward Current Capadility
周波数
Number of Cycles
10
20
30
40
50


Similar Part No. - SS18A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS18A ETC2-SS18A Datasheet
38Kb / 2P
   RATING AND CHARACTERTIC CURVES
logo
HY ELECTRONIC CORP.
SS18A HY-SS18A Datasheet
418Kb / 3P
   Surface Mount Schottky Barrier Recitifiers
logo
RFE international
SS18A RFE-SS18A Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
10-24-2022
logo
DAESAN ELECTRONIC CORP.
SS18AF DAESAN-SS18AF Datasheet
358Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Yangzhou yangjie electr...
SS18AQ YANGJIE-SS18AQ Datasheet
229Kb / 4P
   Surface Mount Schottky Rectifier
More results

Similar Description - SS18A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com