Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2596GSJCN263 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CM2596GSJCN263
Description  3A STEP DOWN VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM2596GSJCN263 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CM2596GSJCN263 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM2596GSJCN263 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM2596GSJCN263 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM2596GSJCN263 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM2596GSJCN263 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM2596GSJCN263 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM2596GSJCN263 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM2596GSJCN263 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM2596GSJCN263 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CM2596
3A STEP DOWN VOLTAGE REGULATOR
2005/03/04
Champion Microelectronic Corporation
Page 4
Note 1: External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system
performance. Refer to Application Information for details.
Note 2: The oscillator frequency reduces to approximately 11KHz in the event of fault conditions, such as output short or
overload. And the regulated output voltage will drop approximately 40% from the nominal output voltage. This self-protection
feature lowers the average power dissipation by lowering the minimum duty cycle from 5% down to approximately 2%.
Note 3: For these parameters, FB is removed from VOUT and connected to +12V to force the output transistor OFF.
Note 4: VOUT pin sourcing current. No diode, inductor or capacitor connect to VOUT.
Note 5: FB is removed from VOUT and connected to 0V.
BLOCK DIAGRAM
4
FB
Thermal Shutdown
Current Limit
3
GND
150KHz
Oscillator
Reset
Requlator
Enable
5
ENABLE
1
Vin
2
Vout
Error Amplifier
-
+
.
R2*
R1*
Comparator
+
-
.
.
.
.
.
.
1.23V
Reference
&
Driver
With


Similar Part No. - CM2596GSJCN263

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM2596S CHAMP-CM2596S Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
CM2596SCN220 CHAMP-CM2596SCN220 Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
CM2596SCN263 CHAMP-CM2596SCN263 Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
CM2596SGCN220 CHAMP-CM2596SGCN220 Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
CM2596SGCN220B CHAMP-CM2596SGCN220B Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
More results

Similar Description - CM2596GSJCN263

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
LM2596 ARTSCHIP-LM2596 Datasheet
741Kb / 29P
   3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM2576BM TGS-LM2576BM Datasheet
1Mb / 9P
   3A Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2596S CHAMP-CM2596S_06 Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230 Datasheet
204Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Guangdong Youtai Semico...
LM2596 UMW-LM2596 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
logo
ADDtek Corp
AMC2576 ADDTEK-AMC2576 Datasheet
176Kb / 14P
   3A STEP DOWN VOLTAGE REGULATOR
DECEMBER 2006
logo
Champion Microelectroni...
CM2576 CHAMP-CM2576 Datasheet
313Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com