Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB2EZ180 Datasheet(PDF) 4 Page - Yangzhou yangjie electronic co., ltd

Part # SMB2EZ180
Description  Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SMB2EZ180 Datasheet(HTML) 4 Page - Yangzhou yangjie electronic co., ltd

  SMB2EZ180 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SMB2EZ180 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SMB2EZ180 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SMB2EZ180 Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
S-S101
Rev. 1.2, 28-Apr-14
www.21yangjie.com
SMB2EZ SERIES
■特性曲线(典型) Characteristics(Typical)
25
0
T(℃)
1:最大连续功率损耗
FIG1: Maximum Continuous Power Dissipation
1.5
0.5
1.0
2.0
50
75
100
125
150
175
0.5
10
100
500
1
IZT(mA)
2:典型齐纳阻抗
FIG2:Typical Zener Impedance
10
1000
100
TJ=25℃
VZ=330V
VZ=56V
VZ=30V
VZ=6.2V
0.4
0.6
0.8
1.0
1.2
0.01
VF(V)
4:典型瞬态正向特性
FIG4:Typical Instantaneous Forward Characteristics
0.1
10
1
1.4
1.6
Pulse width = 300μs
1% Duty Cycle
TJ=25
020
0.01
VZ(%)
5:典型反向特性
FIG5:Typical Reverse Characteristics
0.1
10
1.0
40
60
80
100
TJ=25℃
TJ=100℃
0
0
VZ(V)
3:典型温度系数
FIG3: Typical Temperature Coefficients
50
10
30
70
10
20 30 40 50
60 70 80 90 100
90
110
Tested at rated IZT


Similar Part No. - SMB2EZ180

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMB2EZ180D5 SECOS-SMB2EZ180D5 Datasheet
264Kb / 4P
   2.0 Watts Surface Mount Zener Diode
logo
Anova Technologies CO.,...
SMB2EZ180D5 ANOVA-SMB2EZ180D5 Datasheet
257Kb / 3P
   Surface Mount Zener Diodes
More results

Similar Description - SMB2EZ180

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com