Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ8.5CA Datasheet(PDF) 7 Page - Yangzhou yangjie electronic co., ltd

Part # SMAJ8.5CA
Description  Surface Mount Transient Voltage Suppressor Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SMAJ8.5CA Datasheet(HTML) 7 Page - Yangzhou yangjie electronic co., ltd

  SMAJ8.5CA Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SMAJ8.5CA Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SMAJ8.5CA Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SMAJ8.5CA Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd SMAJ8.5CA Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd SMAJ8.5CA Datasheet HTML 6Page - Yangzhou yangjie electronic co., ltd SMAJ8.5CA Datasheet HTML 7Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SMAJ SERIES 
 
7 / 7
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S096
Rev. 2.0, 28-Apr-14
www.21yangjie.com
Disclaimer
The information presented in this document is for reference only. Yangzhou Yangjie Electronic Technology Co., Ltd. reserves the
right to make changes without notice for the specification of the products displayed herein to improve reliability, function or design
or otherwise.
The product listed herein is designed to be used with ordinary electronic equipment or devices, and not designed to be used with
equipment or devices which require high level of reliability and the malfunction of with would directly endanger human life (such as
medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety
devices), Yangjie or anyone on its behalf, assumes no responsibility or liability for any damages resulting from such improper use
of sale.
This publication supersedes & replaces all information previously supplied. For additional information, please visit our website
http:// www.21yangjie.com , or consult your nearest Yangjie’s sales office for further assistance.


Similar Part No. - SMAJ8.5CA

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ8.5CA BYTES-SMAJ8.5CA Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Semitech Semic...
SMAJ8.5CA SEMITECH-SMAJ8.5CA Datasheet
234Kb / 6P
   Excellent clamping capability
logo
HY ELECTRONIC CORP.
SMAJ8.5CA HY-SMAJ8.5CA Datasheet
506Kb / 4P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Littelfuse
SMAJ8.5CA LITTELFUSE-SMAJ8.5CA Datasheet
141Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Leiditech Elec...
SMAJ8.5CA LEIDITECH-SMAJ8.5CA Datasheet
1Mb / 7P
   SMAJ Series 400W Transient Voltage Suppressor
Rev : 01.06.2014
More results

Similar Description - SMAJ8.5CA

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
1.5SMC12AQ YANGJIE-1.5SMC12AQ Datasheet
245Kb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
logo
RFE international
SMDJ RFE-SMDJ Datasheet
2Mb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
28-APR-2023
logo
SUNMATE electronic Co.,...
CD214B-T5.0A SUNMATE-CD214B-T5.0A Datasheet
510Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Yangzhou yangjie electr...
P4SMA12AQ YANGJIE-P4SMA12AQ Datasheet
233Kb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
SMCJ10AQ YANGJIE-SMCJ10AQ Datasheet
1Mb / 6P
   Surface Mount Transient Voltage Suppressor Diodes
logo
RFE international
5.0SMDJ RFE-5.0SMDJ Datasheet
1Mb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
16-02-2022
logo
SUNMATE electronic Co.,...
5.0SMDJ5.0A SUNMATE-5.0SMDJ5.0A Datasheet
839Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
CD214A-T5.0A SUNMATE-CD214A-T5.0A Datasheet
518Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
CD214C-T5.0A SUNMATE-CD214C-T5.0A Datasheet
520Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
TPSMA6.8A SUNMATE-TPSMA6.8A Datasheet
541Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com