Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC160CA Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # 1.5SMC160CA
Description  Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

1.5SMC160CA Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  1.5SMC160CA Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd 1.5SMC160CA Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd 1.5SMC160CA Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd 1.5SMC160CA Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. 1.1, 28-Apr-14
S-S001
 
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
www.21yangjie.com
1.5SMC SERIES
瞬变电压抑制二极管 Transient Voltage Suppressor Diodes
■特征 Features
■外形尺寸和印记 Outline Dimensions and Mark
PPP 1500W
VBR 6.8V-600V
■用途  Applications
 
箝位电压用  Clamping Voltage
■极限值(绝对最大额定值)
 
Limiting Values (Absolute Maximum Rating)
参数名称
Item
符号
Symbol
单位
Unit
条件
Conditions
最大值
Max
最大损耗功率
(1)(2)
Peak power dissipation
PPPM
W
10/1000us 波形下测试
with a 10/1000us waveform
1500
最大脉冲电流
(1)
Peak pulse current
IPPM
A
10/1000us 波形下测试
with a 10/1000us waveform
见下面表格
See Next Table
功率损耗
Power dissipation
PD
W
无限散热片
@ TA=50℃
on infinite heat sink at TA=50℃
6.5
最大正向浪涌电流
(2)
Peak forward surge current
IFSM
A
8.3ms正弦半波,仅单向型
8.3 ms single half sine-wave unidirectional only
200
工作结温和存储温度范围
Operating junction and storage
temperature range
TJ,TSTG
-55 to +150
■电特性 (Ta=25℃ 除非另有规定)
Electrical Characteristics(Ta=25
Unl
ess otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
条件
Conditions
最大值
Max
最大瞬间正向电压
Maximum instantaneous forward
Voltage
VF
V
100A下测试,仅单向型
at 100A for unidirectional only
3.5
典型热阻
Thermal resistance
RθJA
/W
结到环境
junction to ambient
75
RθJL
/W
结到引线
junction to lead
15
备注:Notes:
(1) 不重复脉冲电流,如图3,在TA= 25℃下功率降额曲线见如图2。
Non-repetitive current pulse, per Fig. 3 and derated above T
A= 25
p
er Fig.2.
(2) 每个端子安装在 0.31 x 0.31" (8.0 x 8.0 mm)铜焊盘上
Mounted on 0.31 x 0.31" (8.0 x 8.0 mm) copper pads to each terminal
Dimensions in inches and (millimeters)
DO-214AB(SMC)
.280(7.11)
.260(6.60)
.245(6.22)
.220(5.59)
.129(3.27)
.112(2.85)
.103(2.61)
.078(1.99)
.060(1.52)
.030(0.76)
.008(0.20)
.004(0.10)
.012(0.31)
.006(0.15)
0.119(3.03)
0.390
(9.90)
Mounting Pad Layout
0.151
(3.84)
0.150
(3.82)
.320(8.13)
.305(7.75)


Similar Part No. - 1.5SMC160CA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1.5SMC160CA CENTRAL-1.5SMC160CA Datasheet
146Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
Socay Electornics Co., ...
1.5SMC160CA SOCAY-1.5SMC160CA Datasheet
583Kb / 6P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
1.5SMC160CA LITTELFUSE-1.5SMC160CA Datasheet
170Kb / 4P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
logo
Central Semiconductor C...
1.5SMC160CA CENTRAL-1.5SMC160CA Datasheet
885Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
1.5SMC160CA TSC-1.5SMC160CA Datasheet
68Kb / 4P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - 1.5SMC160CA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com