Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34923 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC34923
Description  Full-Bridge PWM Motor Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC34923 Datasheet(HTML) 3 Page - Motorola, Inc

  MC34923 Datasheet HTML 1Page - Motorola, Inc MC34923 Datasheet HTML 2Page - Motorola, Inc MC34923 Datasheet HTML 3Page - Motorola, Inc MC34923 Datasheet HTML 4Page - Motorola, Inc MC34923 Datasheet HTML 5Page - Motorola, Inc MC34923 Datasheet HTML 6Page - Motorola, Inc MC34923 Datasheet HTML 7Page - Motorola, Inc MC34923 Datasheet HTML 8Page - Motorola, Inc MC34923 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
34923
3
.
PIN FUNCTION DESCRIPTION
Pin
Pin Name
Formal Name
Definition
1VB
Boost Voltage
Boost voltage storage node.
2
CP2
Switching Capacitor 2
Charge pump capacitor connection 2.
3
CP1
Switching Capacitor 1
Charge pump capacitor connection 1.
4
DIR
Direction
Logic-level input for direction control.
5
OSC
Oscillator
Logic-level oscillator (square wave) input.
6, 7, 18, 19
GND
Ground
Ground.
8VDD
Logic Voltage
Low voltage (typically 5.0 V) logic supply.
9
PWM/ENABLE
H-Bridge Enable
Logic-level input for enabling the H-bridge driver.
10
DATA
Serial Data
Logic-level input for serial interface.
11
CLOCK
Serial Data Clock
Logic-level input for serial port (data is entered on rising edge).
12
STROBE
Serial Data Latch Strobe
Logic-level input for serial port (active on rising edge).
13
VREF
Current Limit Reference
Voltage
Load current reference input voltage.
14
PWMMODE
PWM Mode Control
Logic-level input for PWM mode control when in internal PWM mode.
15, 22
NC
No Connect
No internal connection to this pin.
16
DCMA
H-Bridge Output A
One of two bridge outputs to the motor.
17
SENSE
Current Sense
Sense resistor.
20
VBB
H-Bridge Voltage Supply
High-current (20 V to 45 V) load supply.
21
DCMB
H-Bridge Output B
One of two bridge outputs to the motor.
23
SPAN
Current Limit Reference Range
Logic-level input for VREF range control.
24
VREG
Bandgap Voltage
Bandgap decoupling capacitor.
5
6
7
8
9
10
11
12
2
3
4
24
20
19
18
17
16
15
13
23
22
21
14
1
VREG
VBB
GND
GND
SENSE
DCMA
NC
PWMMODE
VREF
SPAN
NC
DCMB
VB
OSC
GND
GND
VDD
PWM/ENABLE
DATA
STROBE
CP2
CP1
DIR
CLOCK
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC34923

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34923DW FREESCALE-MC34923DW Datasheet
378Kb / 16P
   Full-Bridge PWM Motor Driver
MC34923DWR2 FREESCALE-MC34923DWR2 Datasheet
378Kb / 16P
   Full-Bridge PWM Motor Driver
More results

Similar Description - MC34923

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3951 ALLEGRO-3951 Datasheet
201Kb / 12P
   FULL-BRIDGE PWM MOTOR DRIVER
3952 ALLEGRO-3952 Datasheet
195Kb / 16P
   FULL-BRIDGE PWM MOTOR DRIVER
3953 ALLEGRO-3953 Datasheet
230Kb / 14P
   FULL-BRIDGE PWM MOTOR DRIVER
A4973 ALLEGRO-A4973_16 Datasheet
286Kb / 11P
   Full-Bridge PWM Motor Driver
logo
Freescale Semiconductor...
34923 FREESCALE-34923 Datasheet
378Kb / 16P
   Full-Bridge PWM Motor Driver
logo
Allegro MicroSystems
A4973SB-T ALLEGRO-A4973SB-T Datasheet
287Kb / 11P
   Full-Bridge PWM Motor Driver
A4973SLBTR-T ALLEGRO-A4973SLBTR-T Datasheet
286Kb / 11P
   Full-Bridge PWM Motor Driver
A3953 ALLEGRO-A3953 Datasheet
488Kb / 12P
   Full-Bridge PWM Motor Driver
3953 ALLEGRO-3953_05 Datasheet
317Kb / 15P
   FULL-BRIDGE PWM MOTOR DRIVER
logo
Sanken electric
SI-5300 SANKEN-SI-5300 Datasheet
638Kb / 12P
   Full-bridge PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com