Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA54CA Datasheet(PDF) 1 Page - Yangzhou yangjie electronic co., ltd

Part # SA54CA
Description  Transient Voltage Suppressor Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SA54CA Datasheet(HTML) 1 Page - Yangzhou yangjie electronic co., ltd

  SA54CA Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SA54CA Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SA54CA Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SA54CA Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd SA54CA Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
S-A143
Rev. 1.2, 28-Apr-14
www.21yangjie.com
SA SERIES
瞬变电压抑制二极管 Transient Voltage Suppressor Diodes
■特征
Features
■外形尺寸和印记
Outline Dimensions and Mark
●PPP 500W
●VBR 5.0V-190V
■用途  Applications
 
●箝位电压用  Clamping Voltage
■极限值(绝对最大额定值)
 
Limiting Values (Absolute Maximum Rating)
参数名称
Item
符号
Symbol
单位
Unit
条件
Conditions
最大值
Max
最大损耗功率
Peak power dissipation
PPPM
W
10/1000us 波形下测试
with a 10/1000us waveform
500
最大脉冲电流
Peak pulse current
IPPM
A
10/1000us 波形下测试
with a 10/1000us waveform
见下面表格
See Next Table
功率损耗
Power dissipation
PD
W
无限散热片
@ TL=75℃
on infinite heat sink at TL=75℃
3.0
最大正向浪涌电流
Peak forward surge current
IFSM
A
8.3ms正弦半波,仅单向型
8.3 ms single half sine-wave unidirectional only
70
工作结温和存储温度范围
Operating junction and
storage
temperature range
TJ,TSTG
-55 to +150
■电特性 (Ta=25℃ 除非另有规定)
Electrical Characteristics(Ta=25
Unl
ess otherwise specified)
参数名称
Item
符号
Symbol
单位
Unit
条件
Conditions
最大值
Max
最大瞬间正向电压(
1)
Maximum instantaneous forward
Voltage(1)
VF
V
35A下测试,仅单向型
at 35A for unidirectional only
3.5
备注:Notes:
1. 测试在8.3ms正弦半波或相等的方波下,占空系数=最大4个脉冲每分钟
Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum
1.0(25.4)
MIN
.300(7.60)
.230(5.80
.034(0.86)
.028(0.71)
DIA
.140(3.60)
.104(2.60)
1.0(25.4)
MIN
Dimensions in inches and (millimeters)
DO-204AC(DO-15)
DIA


Similar Part No. - SA54CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA54CA PANJIT-SA54CA Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Littelfuse
SA54CA LITTELFUSE-SA54CA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
SA54CA LUGUANG-SA54CA Datasheet
2Mb / 3P
   500W Transient Voltage Suppressor
logo
Won-Top Electronics
SA54CA WTE-SA54CA Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SA54CA LUGUANG-SA54CA Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
More results

Similar Description - SA54CA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com