Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2236 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS2236
Description  ExpressCard POWER INTERFACE SWITCH
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2236 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2236 Datasheet HTML 7Page - Texas Instruments TPS2236 Datasheet HTML 8Page - Texas Instruments TPS2236 Datasheet HTML 9Page - Texas Instruments TPS2236 Datasheet HTML 10Page - Texas Instruments TPS2236 Datasheet HTML 11Page - Texas Instruments TPS2236 Datasheet HTML 12Page - Texas Instruments TPS2236 Datasheet HTML 13Page - Texas Instruments TPS2236 Datasheet HTML 14Page - Texas Instruments TPS2236 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
www.ti.com
SYSRST
OC
FUNCTIONAL TRUTH TABLES
Truth Table for Voltage Outputs
Truth Table for Logic Outputs
TPS2231
TPS2236
SLVS536B – JULY 2004 – REVISED JANUARY 2005
Detailed Pin Descriptions (continued)
This input is driven by the host system and directly affects PERST. Asserting SYSRST (logic low) forces PERST
to assert. RCLKEN is not affected by the assertion of SYSRST. SYSRST has an internal pullup connected to
AUXIN.
This pin is an open-drain output. When any of the three power switches (AUX, 3.3V, and 1.5V) is in an
overcurrent condition, OC is asserted (logic low) by an internal discharge FET with a deglitch delay. Otherwise,
the discharge FET is open, and the pin can be pulled up to a power supply through an external resistor.
VOLTAGE INPUTS(1)
LOGIC INPUTS
VOLTAGE OUTPUTS(2)
MODE(3)
AUXIN
3.3VIN
1.5VIN
SHDN
STBY
CP (4)
AUXOUT
3.3VOUT
1.5VOUT
Off
x
x
x
x
x
Off
Off
Off
OFF
On
x
x
0
x
x
GND
GND
GND
Shutdown
On
x
x
1
x
1
GND
GND
GND
No Card
On
On
On
1
0
0
On
Off
Off
Standby
On
On
On
1
1
0
On
On
On
Card Inserted
(1)
For input voltages, On means the respective input voltage is higher than its turnon threshold voltage; otherwise, the voltage is Off (for
AUX input,Off means the voltage is close to zero volt).
(2)
For output voltages, On means the respective power switch is turned on so the input voltage is connected to the output; Off means the
power switch and its output discharge FET are both off; GND means the power switch is off but the output discharge FET is on so the
voltage on the output is pulled down to 0 V.
(3)
Mode assigns each set of input conditions and respective output voltage results to a different name. These modes are referred to as
input conditions in the following Truth Table for Logic Outputs.
(4)
CP = CPUSB and CPPE– equal to 1 when both CPUSB and CPPE signals are logic high, or equal to 0 when either CPUSB or CPPE is
low.
INPUT CONDITIONS
LOGIC OUTPUTS
MODE
SYSRST
RCLKEN(1)
PERST
RCLKEN(2)
OFF
Shutdown
X
X
0
0
No Card
Standby
0
Hi-Z
0
1
0
0
0
0
Card Inserted
1
Hi-Z
1
1
1
0
0
0
(1)
RCLKEN as a logic input in this column. RCLKEN is an I/O pin and it can be driven low externally, left open, or connected to
high-impedance terminals, such as the gate of a MOSFET. It must not be driven high externally.
(2)
RCLKEN as a logic output in this column.
11


Similar Part No. - TPS2236

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2236 TI-TPS2236 Datasheet
1Mb / 35P
[Old version datasheet]   ExpressCard TM POWER INTERFACE SWITCH
TPS2236DAP TI-TPS2236DAP Datasheet
1Mb / 35P
[Old version datasheet]   ExpressCard TM POWER INTERFACE SWITCH
TPS2236DAP TI1-TPS2236DAP Datasheet
1Mb / 43P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
TPS2236DAPG4 TI1-TPS2236DAPG4 Datasheet
1Mb / 43P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
TPS2236DAPR TI1-TPS2236DAPR Datasheet
1Mb / 43P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
More results

Similar Description - TPS2236

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W83L351YG NUVOTON-W83L351YG Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
W83L351 NUVOTON-W83L351 Datasheet
632Kb / 33P
   ExpressCard??Power Interface Switch
logo
Winbond
W83L351 WINBOND-W83L351 Datasheet
1Mb / 33P
   ExpressCard??Power Interface Switch
logo
Texas Instruments
TPS2231MRGPR-2 TI1-TPS2231MRGPR-2 Datasheet
1Mb / 43P
[Old version datasheet]   ExpressCard POWER INTERFACE SWITCH
TPS2231 TI-TPS2231_07 Datasheet
1Mb / 35P
[Old version datasheet]   ExpressCard TM POWER INTERFACE SWITCH
logo
Rohm
BD4153EFV ROHM-BD4153EFV Datasheet
295Kb / 6P
   Power switch for ExpressCard
BD4154FV ROHM-BD4154FV Datasheet
381Kb / 6P
   Power switch for ExpressCard
BD4153FV ROHM-BD4153FV Datasheet
275Kb / 6P
   Power switch for ExpressCard
BD4155FV ROHM-BD4155FV Datasheet
399Kb / 6P
   Power switch for ExpressCard
BD4153FV ROHM-BD4153FV_10 Datasheet
664Kb / 18P
   Power Switch ICs for ExpressCard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com