Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPANT30028-SA Datasheet(PDF) 4 Page - World Produts Inc.

Part # WPANT30028-SA
Description  2.4 GHz High Gain TRUE-OMNI Antenna
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT30028-SA Datasheet(HTML) 4 Page - World Produts Inc.

  WPANT30028-SA_15 Datasheet HTML 1Page - World Produts Inc. WPANT30028-SA_15 Datasheet HTML 2Page - World Produts Inc. WPANT30028-SA_15 Datasheet HTML 3Page - World Produts Inc. WPANT30028-SA_15 Datasheet HTML 4Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev: 4.0
Created on: June 3, 2015
Created by: MKS
Approved by: BP
Page | 4
3D Radiation Pattern of the Antenna
Note: The Radiation Patterns might appear little tilted. But, this is not because of the Antenna. This is due to the
tolerance in positioning of the Antenna in the 3D Anechoic Chamber.
2.4 GHz


Similar Part No. - WPANT30028-SA_15

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30028-SA WPI-WPANT30028-SA Datasheet
231Kb / 4P
   2.4 GHz High Gain TRUE-OMNI Antenna
More results

Similar Description - WPANT30028-SA_15

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30028-SA WPI-WPANT30028-SA Datasheet
231Kb / 4P
   2.4 GHz High Gain TRUE-OMNI Antenna
WPANT30063-S1A WPI-WPANT30063-S1A_15 Datasheet
253Kb / 4P
   915 MHz & 2.4 GHz ISM Dual-band TRUE-OMNI Antenna
WPANT30063-S1A WPI-WPANT30063-S1A Datasheet
267Kb / 4P
   915 MHz & 2.4 GHz ISM Dual-band TRUE-OMNI Antenna
WPANT30009-CC WPI-WPANT30009-CC_15 Datasheet
269Kb / 4P
   915 MHz & 2.4 GHz ISM Dual-band TRUE-OMNI Antenna
WPANT30009-CC WPI-WPANT30009-CC Datasheet
271Kb / 4P
   915 MHz & 2.4 GHz ISM Dual-band TRUE-OMNI Antenna
WPANT30083-R2A WPI-WPANT30083-R2A Datasheet
69Kb / 2P
   2.4 GHz Wi-Fi Omni-Directional Antenna
WPANT30096-R1A WPI-WPANT30096-R1A Datasheet
65Kb / 2P
   2.4 GHz Wi-Fi Omni-Directional Antenna
WPANTDP081-S2C WPI-WPANTDP081-S2C Datasheet
193Kb / 6P
   870 / 915 MHz, 2.4 GHz & 5.6 GHz Combo True-Omni
WPANT30059-RA WPI-WPANT30059-RA Datasheet
69Kb / 2P
   2.4 GHz Wi-Fi Omni-Directional Antenna
WPANT30150 WPI-WPANT30150 Datasheet
112Kb / 3P
   2.4 GHz Wi-Fi Omni-directional Antenna
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com