Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ400A Datasheet(PDF) 3 Page - Yangzhou yangjie electronic co., ltd

Part # SMBJ400A
Description  Transient Voltage Suppressor Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SMBJ400A Datasheet(HTML) 3 Page - Yangzhou yangjie electronic co., ltd

  SMBJ400A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SMBJ400A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SMBJ400A Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SMBJ400A Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd SMBJ400A Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S103
Rev. 1.3, 28-Apr-14
www.21yangjie.com
SMBJ SERIES
■电性参数 (TA=25℃ 除非另有规定)
Electrical Characteristics (TA =25
unless otherwise noted)
产品型号
(单向)
Part Number
(Uni)
产品型号
(双向)
Part Number
(Bi)
击穿电压 VBR@IT
Breakdown Voltage VBR@IT
最大反向漏电
流 IR @VWM
Maximum
Reverse
Leakage IR
(3)
(μA)
最大工作电压
VRWM
Working Peak
Reverse
Voltage
VRWM (V)
最大反向浪涌
电流 IPP
Maximum
Reverse Surge
Current IPP
(2)
(A)
最大箝位电压
Maximum
Clamping
Voltage Vc
@ IPP
(V)
最小
Min(V)
最大
Max (V)
测试电流
IT
(1)(mA)
SMBJ24
SMBJ24C
26.70
32.60
1.0
5.0
24.0
14.0
43.0
SMBJ24A
SMBJ24CA
26.70
29.50
1.0
5.0
24.0
15.4
38.9
SMBJ26
SMBJ26C
28.90
35.30
1.0
5.0
26.0
12.9
46.6
SMBJ26A
SMBJ26CA
28.90
31.90
1.0
5.0
26.0
14.3
42.1
SMBJ28
SMBJ28C
31.10
38.00
1.0
5.0
28.0
12.0
50.0
SMBJ28A
SMBJ28CA
31.10
34.40
1.0
5.0
28.0
13.2
45.4
SMBJ30
SMBJ30C
33.30
40.70
1.0
5.0
30.0
11.2
53.5
SMBJ30A
SMBJ30CA
33.30
36.80
1.0
5.0
30.0
12.4
48.4
SMBJ33
SMBJ33C
36.70
44.90
1.0
5.0
33.0
10.2
59.0
SMBJ33A
SMBJ33CA
36.70
40.60
1.0
5.0
33.0
11.3
53.3
SMBJ36
SMBJ36C
40.00
48.90
1.0
5.0
36.0
9.3
64.3
SMBJ36A
SMBJ36CA
40.00
44.20
1.0
5.0
36.0
10.3
58.1
SMBJ40
SMBJ40C
44.40
54.30
1.0
5.0
40.0
8.4
71.4
SMBJ40A
SMBJ40CA
44.40
49.10
1.0
5.0
40.0
9.3
64.5
SMBJ43
SMBJ43C
47.80
58.40
1.0
5.0
43.0
7.8
76.7
SMBJ43A
SMBJ43CA
47.80
52.80
1.0
5.0
43.0
8.6
69.4
SMBJ45
SMBJ45C
50.00
61.10
1.0
5.0
45.0
7.5
80.3
SMBJ45A
SMBJ45CA
50.00
55.30
1.0
5.0
45.0
8.3
72.7
SMBJ48
SMBJ48C
53.30
65.10
1.0
5.0
48.0
7.0
85.5
SMBJ48A
SMBJ48CA
53.30
58.90
1.0
5.0
48.0
7.8
77.4
SMBJ51
SMBJ51C
56.70
69.30
1.0
5.0
51.0
6.6
91.1
SMBJ51A
SMBJ51CA
56.70
62.70
1.0
5.0
51.0
7.3
82.4
SMBJ54
SMBJ54C
60.00
73.30
1.0
5.0
54.0
6.2
96.3
SMBJ54A
SMBJ54CA
60.00
66.30
1.0
5.0
54.0
6.9
87.1
SMBJ58
SMBJ58C
64.40
78.70
1.0
5.0
58.0
5.8
103.0
SMBJ58A
SMBJ58CA
64.40
71.20
1.0
5.0
58.0
6.4
93.6
SMBJ60
SMBJ60C
66.70
81.50
1.0
5.0
60.0
5.6
107.0
SMBJ60A
SMBJ60CA
66.70
73.70
1.0
5.0
60.0
6.2
96.8
SMBJ64
SMBJ64C
71.10
86.90
1.0
5.0
64.0
5.2
114.0
SMBJ64A
SMBJ64CA
71.10
78.60
1.0
5.0
64.0
5.8
103.0
SMBJ70
SMBJ70C
77.80
95.10
1.0
5.0
70.0
4.8
125.0
SMBJ70A
SMBJ70CA
77.80
86.00
1.0
5.0
70.0
5.3
113.0
SMBJ75
SMBJ75C
83.30
102.00
1.0
5.0
75.0
4.5
134.0
SMBJ75A
SMBJ75CA
83.30
92.10
1.0
5.0
75.0
5.0
121.0
SMBJ78
SMBJ78C
86.70
106.00
1.0
5.0
78.0
4.3
139.0
SMBJ78A
SMBJ78CA
86.70
95.80
1.0
5.0
78.0
4.8
126.0
SMBJ80
SMBJ80C
88.90
108.80
1.0
5.0
80.0
4.2
143.2
SMBJ80A
SMBJ80CA
88.80
97.60
1.0
5.0
80.0
4.6
129.6


Similar Part No. - SMBJ400A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMBJ400A LITTELFUSE-SMBJ400A Datasheet
255Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
logo
Nanjing International G...
SMBJ400A DGNJDZ-SMBJ400A Datasheet
290Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Formosa MS
SMBJ400A FORMOSA-SMBJ400A Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Shanghai Yint Electroni...
SMBJ400A YINT-SMBJ400A Datasheet
1Mb / 5P
   SMBJ Transient Voltage Suppressor Diode Series
logo
Socay Electornics Co., ...
SMBJ400A SOCAY-SMBJ400A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMBJ400A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com