Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G098PU1750M Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # G098PU1750M
Description  Laser Diode Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

G098PU1750M Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  G098PU1750M Datasheet HTML 1Page - Roithner LaserTechnik GmbH G098PU1750M Datasheet HTML 2Page - Roithner LaserTechnik GmbH G098PU1750M Datasheet HTML 3Page - Roithner LaserTechnik GmbH G098PU1750M Datasheet HTML 4Page - Roithner LaserTechnik GmbH G098PU1750M Datasheet HTML 5Page - Roithner LaserTechnik GmbH G098PU1750M Datasheet HTML 6Page - Roithner LaserTechnik GmbH G098PU1750M Datasheet HTML 7Page - Roithner LaserTechnik GmbH G098PU1750M Datasheet HTML 8Page - Roithner LaserTechnik GmbH G098PU1750M Datasheet HTML 9Page - Roithner LaserTechnik GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
02.04.2012
Manual G098PU Series
2 of 10
1 Introduction
Thank you for choosing this high power fiber coupled Laser Diode for your application.
Please read that manual carefully before using this product. If there is any question about
this manual, please contact us.
The 980nm series high power Fiber coupled Laser Diodes with optimized QW structure
have a high reliability, high performance. The MOCVD technical is used for epitaxy to get a
high quality epi-wafer. The 980nm series high power fiber coupled Laser Diode module
can get up to 25W multimode fiber coupled output at CW and N.A. 0.12 & 0.22. It can be
applied in a wide field such as laser pumps, medical, target designator, free-space
communication.


Similar Part No. - G098PU1750M

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
G098PU1750M ROITHNER-G098PU1750M Datasheet
240Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
More results

Similar Description - G098PU1750M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HLDPM12-655 ETC1-HLDPM12-655 Datasheet
379Kb / 1P
   Laser Diode Module
logo
Roithner LaserTechnik G...
G081PU1600M ROITHNER-G081PU1600M_12 Datasheet
802Kb / 10P
   Laser Diode Module
VLM650-03-LPA ROITHNER-VLM650-03-LPA Datasheet
106Kb / 2P
   Red diode laser module
VLM650-11-LPT ROITHNER-VLM650-11-LPT Datasheet
106Kb / 2P
   Red diode laser module
APCD-650-06-C2 ROITHNER-APCD-650-06-C2 Datasheet
133Kb / 2P
   Red diode laser module
APCD-780-06-C3 ROITHNER-APCD-780-06-C3 Datasheet
133Kb / 2P
   IR diode laser module
APCD-850-01-C3 ROITHNER-APCD-850-01-C3 Datasheet
125Kb / 2P
   Infrared diode laser module
APCD-850-06-C2 ROITHNER-APCD-850-06-C2 Datasheet
133Kb / 2P
   IR diode laser module
APCD-850-06-C3 ROITHNER-APCD-850-06-C3 Datasheet
133Kb / 2P
   IR diode laser module
C2021-E1 ROITHNER-C2021-E1 Datasheet
341Kb / 2P
   infrared diode laser module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com