Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5223 Datasheet(PDF) 3 Page - Yangzhou yangjie electronic co., ltd

Part # 1N5223
Description  Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

1N5223 Datasheet(HTML) 3 Page - Yangzhou yangjie electronic co., ltd

  1N5223 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd 1N5223 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd 1N5223 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd 1N5223 Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
www.21yangjie.com
S-A005
Rev.1.2,28-Apr-14
1N52 SERIES
■电性参数 (TA=25℃ 除非另有规定)
Electrical Characteristics (TA=25℃ unless otherwise noted)
1N5221...1N5266
产品型号
Part Number
额定齐纳电压
Nominal
Zener
voltage
1)
测试电流
Test
current
最大动态阻抗
Maximum dynamic
impedance
resistance
1)
最大动态阻抗
Maximum
dynamic
impedance
resistance
反向漏电流
Reverse leakage current
at IZT , VZ
IZT
ZZT at IZT
ZZK at
IZK=0.25mA
IR
VR
V
mA
Ω
Ω
μA
V
1N5256
30
4.2
49
600
0.1
23
1N5257
33
3.8
58
700
0.1
25
1N5258
36
3.4
70
700
0.1
27
1N5259
39
3.2
80
800
0.1
30
1N5260
43
3
93
900
0.1
33
1N5261
47
2.7
105
1000
0.1
36
1N5262
51
2.5
125
1100
0.1
39
1N5263
56
2.2
150
1300
0.1
43
1N5264
60
2.1
170
1400
0.1
46
1N5265
62
2
185
1400
0.1
47
1N5266
68
1.8
230
1600
0.1
52
备注:Notes:
1) 基于直流测试下的热平衡;引线长度=9.5(3/ 8");散热器的热阻为 30℃/W
Based on dc-measurement at thermal equilibrium; lead length = 9.5 (3/8 "); thermal resistance of heat sink = 30 ℃/W
2) STANDARD VOLTAGE TOLERANCE IS +5% AND
SUFFIX “A” FOR +3%
SUFFIX “B” FOR +5%
SUFFIX “C” FOR +10%
SUFFIX “D” FOR +20%


Similar Part No. - 1N5223

ManufacturerPart #DatasheetDescription
logo
Seme LAB
1N5223 SEME-LAB-1N5223 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Micro Commercial Compon...
1N5223 MCC-1N5223 Datasheet
393Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Semtech Corporation
1N5223 SEMTECH-1N5223 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
EIC discrete Semiconduc...
1N5223 EIC-1N5223 Datasheet
122Kb / 2P
   ZENER DIODES
logo
Shanghai Lunsure Electr...
1N5223 CHENYI-1N5223 Datasheet
66Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results

Similar Description - 1N5223

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com