Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5234 Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # 1N5234
Description  Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

1N5234 Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  1N5234 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd 1N5234 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd 1N5234 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd 1N5234 Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
www.21yangjie.com
S-A005
Rev.1.2,28-Apr-14
1N52 SERIES
■电性参数 (TA=25℃ 除非另有规定)
Electrical Characteristics (TA=25
unless otherwise noted)
1N5221...1N5266
产品型号
Part Number
额定齐纳电
Nominal
Zener
voltage
1)
测试电流
Test
current
最大动态阻抗
Maximum dynamic
impedance
resistance
1)
最大动态阻抗
Maximum
dynamic
impedance
resistance
反向漏电流
Reverse leakage current
at IZT , VZ
IZT
ZZT at IZT
ZZK at IZK=0.25mA
IR
VR
V
mA
Ω
Ω
μA
V
1N5221
2.4
20
30
1200
100
1
1N5222
2.5
20
30
1250
100
1
1N5223
2.7
20
30
1300
75
1
1N5224
2.8
20
30
1400
75
1
1N5225
3
20
29
1600
50
1
1N5226
3.3
20
28
1600
25
1
1N5227
3.6
20
24
1700
15
1
1N5228
3.9
20
23
1900
10
1
1N5229
4.3
20
22
2000
5
1
1N5230
4.7
20
19
1900
5
2
1N5231
5.1
20
17
1600
5
2
1N5232
5.6
20
11
1600
5
3
1N5233
6
20
7
1600
5
3.5
1N5234
6.2
20
7
1000
5
4
1N5235
6.8
20
5
750
3
5
1N5236
7.5
20
6
500
3
6
1N5237
8.2
20
8
500
3
6.5
1N5238
8.7
20
8
600
3
6.5
1N5239
9.1
20
10
600
3
7
1N5240
10
20
17
600
3
8
1N5241
11
20
22
600
2
8.4
1N5242
12
20
30
600
1
9.1
1N5243
13
9.5
13
600
0.5
9.9
1N5244
14
9
15
600
0.1
10
1N5245
15
8.5
16
600
0.1
11
1N5246
16
7.8
17
600
0.1
12
1N5247
17
7.4
19
600
0.1
13
1N5248
18
7
21
600
0.1
14
1N5249
19
6.6
23
600
0.1
14
1N5250
20
6.2
25
600
0.1
15
1N5251
22
5.6
29
600
0.1
17
1N5252
24
5.2
33
600
0.1
18
1N5253
25
5
35
600
0.1
19
1N5254
27
4.6
41
600
0.1
21
1N5255
28
4.5
44
600
0.1
21


Similar Part No. - 1N5234

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N5234 SURGE-1N5234 Datasheet
88Kb / 2P
   SILICON PLANAR ZENER DIODES?
logo
Daya Electric Group Co....
1N5234 DAYA-1N5234 Datasheet
112Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Nantong Hornby Electron...
1N5234 HORNBY-1N5234 Datasheet
571Kb / 6P
   SILICON ZENER DIODES
logo
Seme LAB
1N5234 SEME-LAB-1N5234 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Jinan Jingheng (Group) ...
1N5234 JINANJINGHENG-1N5234 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results

Similar Description - 1N5234

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com