Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4761 Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # 1N4761
Description  Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

1N4761 Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  1N4761 Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd 1N4761 Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd 1N4761 Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
www.21yangjie.com
Document Number S-A318
Rev. 1.0, 11-Feb-15
1N4736 THRU 1N4771
■Electrical Characteristics (TA=25℃ unless otherwise noted)
Part Number
VZ at IZT
IZT
ZZT at IZT
ZZK at IZK
IZK
IR @ VR
VR
IZM @50°
(V)
(mA)
(Ω)
(Ω)
(mA)
(uA)
(V)
(mA)
1N4751
30
8.5
40
1000
0.25
5
22.8
30
1N4752
33
7.5
45
1000
0.25
5
25.1
27
1N4753
36
7
50
1000
0.25
5
27.4
25
1N4754
39
6.5
60
1000
0.25
5
29.7
23
1N4755
43
6
70
1500
0.25
5
32.7
22
1N4756
47
5.5
80
1500
0.25
5
35.8
19
1N4757
51
5
95
1500
0.25
5
38.8
18
1N4758
56
4.5
110
2000
0.25
5
42.6
16
1N4759
62
4
125
2000
0.25
5
47.1
14
1N4760
68
3.7
150
2000
0.25
5
51.7
13
1N4761
75
3.3
175
2000
0.25
5
56
12
1N4762
82
3
200
3000
0.25
5
62.2
11
1N4763
91
2.8
250
3000
0.25
5
69.2
10
1N4764
100
2.5
350
3000
0.25
5
76
9
1N4765
110
2.3
450
4000
0.25
5
83.6
7.2
1N4766
120
2
550
4500
0.25
5
91.2
7
1N4767
130
1.9
700
5000
0.25
5
98.8
6.0
1N4768
150
1.7
1000
6000
0.25
5
114.0
5.5
1N4769
160
1.6
1100
6500
0.25
5
121.6
5.2
1N4770
180
1.4
1200
7000
0.25
5
136.8
4.6
1N4771
200
1.2
1500
8000
0.25
5
152.0
4.0
注释:
标准型的齐纳电压值偏差为 10%;附加标“A”的特选型,其偏差为 5%
齐纳阻抗是来自 60 秒的交流电压,结果当交流电流的均方根值等于 10%的直流稳压电流(IZT 或 IZK)%是 IZT 或 IZK 叠加
这里的最大齐纳电流值并非是绝对的,在实际稳态应用中,应保证电压和电流的乘积不超过额定功率值


Similar Part No. - 1N4761

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N4761 SURGE-1N4761 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Microdiode Electronics ...
1N4761 CHENDA-1N4761 Datasheet
1Mb / 3P
   ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N4761 JINANJINGHENG-1N4761 Datasheet
131Kb / 3P
   1W SILICON PLANAR ZENER DIODES
logo
Digitron Semiconductors
1N4761 DIGITRON-1N4761 Datasheet
184Kb / 3P
   SILICON 1 WATT ZENER DIODES
logo
Semtech Corporation
1N4761 SEMTECH-1N4761 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
More results

Similar Description - 1N4761

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com