Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17-4SR2VM Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # CNY17-4SR2VM
Description  Phototransistor Optocouplers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNY17-4SR2VM Datasheet(HTML) 4 Page - Fairchild Semiconductor

  CNY17-4SR2VM Datasheet HTML 1Page - Fairchild Semiconductor CNY17-4SR2VM Datasheet HTML 2Page - Fairchild Semiconductor CNY17-4SR2VM Datasheet HTML 3Page - Fairchild Semiconductor CNY17-4SR2VM Datasheet HTML 4Page - Fairchild Semiconductor CNY17-4SR2VM Datasheet HTML 5Page - Fairchild Semiconductor CNY17-4SR2VM Datasheet HTML 6Page - Fairchild Semiconductor CNY17-4SR2VM Datasheet HTML 7Page - Fairchild Semiconductor CNY17-4SR2VM Datasheet HTML 8Page - Fairchild Semiconductor CNY17-4SR2VM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
www.fairchildsemi.com
CNY17-1, CNY17-3, CNY17-2, CNY17-4 Rev. 1.0.2
Fall-Time (Fig. 19 and Fig. 20)
IF = 20 mA, VCE = 0.4V
tf
CNY17-1
20.0
µs
IF = 10 mA, VCE = 0.4V
CNY17-2,
CNY17-3,
CNY17-4
24.0
IF = 20 mA, VCC = 5V, RL = 1KΩ
CNY17-1-M
20.0
IF = 10 mA, VCC = 5V, RL = 1KΩ
CNY17-2-M,
CNY17-3-M,
24.0
Storage Time (Fig. 19 and Fig.
20)
IF = 20 mA, VCC = 5V, RL = 1KΩ
ts
CNY17-1-M
34.0
µs
IF = 10 mA, VCC = 5V, RL = 1KΩ
CNY17-2-M,
CNY17-3-M,
39.0
Transfer Characteristics (TA = 25°C Unless otherwise specified.) (Continued)
DC Characteristics
Test Conditions
Symbol
Device
Min
Typ Max Units


Similar Part No. - CNY17-4SR2VM

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
CNY17-4S(TA)-V EVERLIGHT-CNY17-4S(TA)-V Datasheet
873Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
CNY17-4S(TB)-V EVERLIGHT-CNY17-4S(TB)-V Datasheet
873Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
CNY17-4S1(TA)-V EVERLIGHT-CNY17-4S1(TA)-V Datasheet
873Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
CNY17-4S1(TB)-V EVERLIGHT-CNY17-4S1(TB)-V Datasheet
873Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR
More results

Similar Description - CNY17-4SR2VM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT2 FAIRCHILD-MCT2 Datasheet
619Kb / 15P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
MOC8111 QT-MOC8111 Datasheet
434Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AV1M FAIRCHILD-H11AV1M Datasheet
277Kb / 10P
   Phototransistor Optocouplers
CNY171M FAIRCHILD-CNY171M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com