Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FL7740MX Datasheet(PDF) 5 Page - ON Semiconductor

Part # FL7740MX
Description  Constant-Voltage Primary-Side-Regulation PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FL7740MX Datasheet(HTML) 5 Page - ON Semiconductor

  FL7740MX Datasheet HTML 1Page - ON Semiconductor FL7740MX Datasheet HTML 2Page - ON Semiconductor FL7740MX Datasheet HTML 3Page - ON Semiconductor FL7740MX Datasheet HTML 4Page - ON Semiconductor FL7740MX Datasheet HTML 5Page - ON Semiconductor FL7740MX Datasheet HTML 6Page - ON Semiconductor FL7740MX Datasheet HTML 7Page - ON Semiconductor FL7740MX Datasheet HTML 8Page - ON Semiconductor FL7740MX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
FL7740
www.onsemi.com
4
MAXIMUM RATINGS (Note 1)
1.
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device
functionality should not be assumed, damage may occur and reliability may be affected.
2.
Refer to ELECTRICAL CHARACTERISTICS, RECOMMENDED OPERATING RANGES and/or APPLICATION INFORMATION for Safe
Operating parameters.
3.
This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC-Q100-002 (EIA/JESD22-A114)
ESD Machine Model tested per AEC-Q100-003 (EIA/JESD22-A115)
Latchup Current Maximum Rating: ≤150 mA per JEDEC standard: JESD78
RECOMMENDED OPERATING RANGES (Note 4)
4.
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses
beyond the Recommended Operating Ranges limits may affect device reliability.
Rating
Symbol
Value
Unit
HV Pin Voltage Range
V
HV(MAX)
560
V
VDD, GATE Pin Voltage Range
V
MV(MAX)
-0.3 to 30
V
COMV, PF, BIAS, VS, CS Pin Voltage Range
VLV(MAX)
-0.3 to 6
V
VS, CS Pin Negative Pulse Voltage at ILV < 0.2 A and tPULSE < 300 ns
VLV(PULSE)
-1.5
V
Maximum Power Dissipation (TA < 50°C)
PD(MAX)
663
mW
Maximum Junction Temperature
T
J(max)
150
°C
Storage Temperature Range
TSTG
-55 to 150
°C
Junction-to-Ambient Thermal Impedance
RθJA
158
°C/W
Junction-to-Case Thermal Impedance
RθJC
39
°C/W
ESD Capability, Human Body Model (Note 3)
ESDHBM
2
kV
ESD Capability, Charged Device Model (Note 3)
ESDCDM
2
kV
Rating
Symbol
Min
Max
Unit
Ambient Temperature
TA
-40
125
°C


Similar Part No. - FL7740MX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FL7740MX ONSEMI-FL7740MX Datasheet
344Kb / 14P
   Constant-Voltage Primary-Side-Regulation PWM Controller
February 2018 - Rev. 3
More results

Similar Description - FL7740MX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FL7740 ONSEMI-FL7740_18 Datasheet
344Kb / 14P
   Constant-Voltage Primary-Side-Regulation PWM Controller
February 2018 - Rev. 3
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
   Primary-Side-Regulation PWM Controller
logo
Texas Instruments
UCC28700-Q1 TI-UCC28700-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28703DBVT TI-UCC28703DBVT Datasheet
1Mb / 31P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28720 TI-UCC28720 Datasheet
1Mb / 29P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI-UCC28710 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI1-UCC28710_14 Datasheet
1Mb / 32P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
Eutech Microelectronics...
EUP9287 EUTECH-EUP9287 Datasheet
97Kb / 1P
   Constant-Voltage, Constant-Current Controller with Primary-Side Regulation
logo
Texas Instruments
UCC28700 TI1-UCC28700 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com