Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FL7740MX Datasheet(PDF) 2 Page - ON Semiconductor

Part # FL7740MX
Description  Constant-Voltage Primary-Side-Regulation PWM Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FL7740MX Datasheet(HTML) 2 Page - ON Semiconductor

  FL7740MX Datasheet HTML 1Page - ON Semiconductor FL7740MX Datasheet HTML 2Page - ON Semiconductor FL7740MX Datasheet HTML 3Page - ON Semiconductor FL7740MX Datasheet HTML 4Page - ON Semiconductor FL7740MX Datasheet HTML 5Page - ON Semiconductor FL7740MX Datasheet HTML 6Page - ON Semiconductor FL7740MX Datasheet HTML 7Page - ON Semiconductor FL7740MX Datasheet HTML 8Page - ON Semiconductor FL7740MX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
© Semiconductor Components Industries, LLC, 2016
1
Publication Order Number:
April 2017 - Rev. P0
FL7740
FL7740
Constant-Voltage Primary-Side-
Regulation PWM Controller for
Power Factor Correction
The FL7740 provides accurate CV regulation in the steady state with
differentiated dynamic function to minimize overshoot and undershoot of
output voltage in line and load transient condition. Standby power is less
than 0.3 W for smart lighting application and power factor is higher than
0.9 even at half load condition when enabling PF optimizer for wide
output power scalability.
Startup time is less than 0.2 sec with built-in high voltage startup circuit
and output voltage quickly reaches to the target CV level by loop gain
transition technique during startup.
Various protections such as over load, output diode short, sensing resistor
short, output short and output over voltage protection guarantee high
system reliability.
Features
Wide universal input range (90 VAC ~ 305 VAC)
Precise CV regulation in the steady state : < ± 3 %
CV regulation in the load transient : < ±10 %
Overshoot-less fast HV start up time ( < 0.2 sec )
Low standby power
PF higher than 0.9 at high-line and half load by PF optimizer
Pulse-by-pulse current limit
Output short protection
Output over voltage protection
Output diode short protection
Sensing resistor short & open protection
Over load protection
Typical Applications
LED Lighting System
AC-DC Adapters, TVs, Monitors
Off Line Appliances Requiring Power Factor Correction
www.onsemi.com
SO 10L
NB
MARKING DIAGRAM
ZXYKK
Z
= Plant code
M = 1 digit year code
Y
= 1 digit week code
KK = 2 digit lot traceability code
M = Package code
A
= Product version
FL7740
MA
PIN CONNECTIONS
VDD
GND
GATE
CS
VS
HV
NC
COMV
BIAS
PF
ORDERING INFORMATION
See detailed ordering and shipping information in the
package dimensions section on page 13 of this data sheet.


Similar Part No. - FL7740MX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FL7740MX ONSEMI-FL7740MX Datasheet
344Kb / 14P
   Constant-Voltage Primary-Side-Regulation PWM Controller
February 2018 - Rev. 3
More results

Similar Description - FL7740MX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FL7740 ONSEMI-FL7740_18 Datasheet
344Kb / 14P
   Constant-Voltage Primary-Side-Regulation PWM Controller
February 2018 - Rev. 3
FL663 ONSEMI-FL663 Datasheet
406Kb / 15P
   Primary-Side-Regulation PWM Controller
June 2015 Rev. 1.0
logo
Fairchild Semiconductor
FAN103 FAIRCHILD-FAN103 Datasheet
952Kb / 16P
   Primary-Side-Regulation PWM Controller
logo
Texas Instruments
UCC28700-Q1 TI-UCC28700-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28703DBVT TI-UCC28703DBVT Datasheet
1Mb / 31P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28720 TI-UCC28720 Datasheet
1Mb / 29P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI-UCC28710 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
UCC28710 TI1-UCC28710_14 Datasheet
1Mb / 32P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
logo
Eutech Microelectronics...
EUP9287 EUTECH-EUP9287 Datasheet
97Kb / 1P
   Constant-Voltage, Constant-Current Controller with Primary-Side Regulation
logo
Texas Instruments
UCC28700 TI1-UCC28700 Datasheet
1Mb / 30P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller With Primary-Side Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com