Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP490 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # GP490
Description  ZigBee Home Automation Communications Controller
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

GP490 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  GP490 Datasheet HTML 1Page - TriQuint Semiconductor GP490 Datasheet HTML 2Page - TriQuint Semiconductor GP490 Datasheet HTML 3Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GP490
ZigBee Home Automation Communications Controller
GP_P006_PB_05920 V2.00 | Subject to change without notice
2 of 3
www.qorvo.com
®
Key Features
 IEEE 802.15.4 compliant PHY and Real-Time MAC
 Operates in the worldwide 2.4 GHz ISM-band
 Excellent range by antenna diversity: 8 dB more reliable
link budget compared to single antenna
 Additional robustness by packet-in-packet
resynchronization
 Optional LNA and/or PA
 Hardware accelerated AES and CCM* encryption with
 128-bit keys
 XAP5™ high performance 16/32-bit microcontroller
 4 Kbyte RAM, 64 Kbyte Program Memory
 Advanced Energy Management, supporting Energy
Harvester and battery operation
 UART, SPI or TWI serial interface
 ADC for two analog input channels and battery level
Low Cost
The GP490 is designed to operate on very low cost, single
layer, paper phenol like PCB material using only low cost
components and printed circuit antennas. No expensive
shielding, chip antennas or voltage regulators are required to
design a wireless harvesting control device. The integrated
microcontroller,
program
memory,
Real-Time
MAC
and
harvesting power management allow for a fully integrated,
single chip approach.
Ultra-Low Power, Maintenance Free
The GP490 is designed for ultra-low power consumption and
can run on a coin-cell battery for up to 10 years, essentially
removing the need for battery replacement. The energy
generated by a harvester is enough to send multiple packages
on the generated energy, allowing for a battery free solution.
Advanced Integrated Energy Management
The GP490 has an advanced integrated energy management
system, which allows it to operate from a standard lithium coin-
cell battery as well as from intermittent power supplies like
photovoltaic (solar), electro-mechanical and piezoelectric, with
a minimum of additional components. The energy management
system includes ultra-low power voltage level detectors and
overvoltage protection circuitry, allowing safe operation and
graceful shutdown. The battery lifetime monitor tracks the
usage of the battery and provides an early exhaustion warning.
Excellent Range and Reliability
The
Qorvo
radios
have
been
optimized
for
reliable
communication in harsh radio environments. The GP490, in
combination with other Qorvo products, provides robust and
reliable link quality. The high receiver sensitivity on Qorvo
products in combination with the built-in antenna diversity and
Qorvo
’s unique receiver technology provides excellent range
and reliability. In high density networks the packet-in-packet
resynchronization
further
improves
the
communication
reliability. The potential risks of interference by Wi-Fi and/or
Bluetooth devices have been reduced by the combination of
excellent receiver dynamic range and an auto tuned band-pass
filter.
General Characteristics
Package
QFN40, 6x6 mm
Operating Temperature
-40 to +85 °C (industrial)
Storage Temperature
-50 to +150 °C
Soldering Temperature
260 °C (10 s max)
Compliance
RoHS
Electrical Characteristics
Standby Mode Currents 1
Untimed, Event Driven
250 nA
Timed, using 16 MHz crystal
600 µA
Timed, using 32 KiHz crystal
750 nA
Operational Currents 1
Receive
21 mA
Transmit (at 0 dBm)
20 mA
Supply Voltage
2.1 to 3.6 V
Interfaces and Peripherals
Programmable GPIO lines
17
Analog input lines
2
Keyboard (HW assisted)
max 8 x 8
SPI Master peripheral interface
TWI Master peripheral interface
UART interface
Control for external LNA and/or PA
ADC to monitor the analog input lines and the power
supply level
High speed programming interface
Crystal Frequencies
Operational
16.000 MHz (±40 ppm)
Standby (optional)
32.768 kHz (±40 ppm)


Similar Part No. - GP490

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
GP490 QORVO-GP490 Datasheet
213Kb / 3P
   ZigBee Home Automation Communications Controller
More results

Similar Description - GP490

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
GP490 QORVO-GP490 Datasheet
213Kb / 3P
   ZigBee Home Automation Communications Controller
logo
TriQuint Semiconductor
QPG6095 TRIQUINT-QPG6095 Datasheet
305Kb / 3P
   ZigBee/Thread/BLE Smart Home Communications Controller
GP711 TRIQUINT-GP711 Datasheet
198Kb / 3P
   ZigBee Multi-Stack Communications Controller
logo
Qorvo, Inc
GP711 QORVO-GP711 Datasheet
197Kb / 3P
   ZigBee Multi-Stack Communications Controller
QPG6100 QORVO-QPG6100 Datasheet
189Kb / 3P
   Low Energy Smart Home Communications Controller
QPG6095 QORVO-QPG6095 Datasheet
197Kb / 3P
   Bluetooth Low Energy Smart Home Communications Controller
QPG6095J QORVO-QPG6095J Datasheet
202Kb / 3P
   Bluetooth Low Energy Smart Home Communications Controller
logo
STMicroelectronics
ST7537HS1 STMICROELECTRONICS-ST7537HS1 Datasheet
138Kb / 9P
   HOME AUTOMATION MODEM
June 1995
logo
NXP Semiconductors
1648290 NXP-1648290 Datasheet
265Kb / 29P
   Home automation modem
Rev. 5-13 January 2011
TDA5051A PHILIPS-TDA5051A Datasheet
152Kb / 28P
   Home automation modem
1999 May 31
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com