Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEPR60-50120AZ Datasheet(PDF) 7 Page - AIMTEC

Part # AMEPR60-50120AZ
Description  up to 5A | AC-DC / DC-DC | LED Driver / Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR60-50120AZ Datasheet(HTML) 7 Page - AIMTEC

Back Button AMEPR60-50120AZ Datasheet HTML 3Page - AIMTEC AMEPR60-50120AZ Datasheet HTML 4Page - AIMTEC AMEPR60-50120AZ Datasheet HTML 5Page - AIMTEC AMEPR60-50120AZ Datasheet HTML 6Page - AIMTEC AMEPR60-50120AZ Datasheet HTML 7Page - AIMTEC AMEPR60-50120AZ Datasheet HTML 8Page - AIMTEC AMEPR60-50120AZ Datasheet HTML 9Page - AIMTEC AMEPR60-50120AZ Datasheet HTML 10Page - AIMTEC AMEPR60-50120AZ Datasheet HTML 11Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Series AMEPR60-AZ
up to 5A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.AE
7 of 13
North America only
PFC Value vs. Output Load Current (Constant Current Mode)
AMEPR60-50120AZ
AMEPR60-36170AZ
115VAC, 0.6, 
0.996
115VAC, 1.2, 
1
230VAC, 0.6, 
0.957
230VAC, 1.2, 
0.988
277VAC, 0.6, 
0.893
277VAC, 1.2, 
0.962
290VAC, 0.6, 
0.822
290VAC, 1.2, 
0.803
0.46 
0.48 
(A)
(PF)
PF  VS. Output Current
115VAC
230VAC
277VAC
290VAC
305VAC
115VAC, 0.85, 
0.996
115VAC, 1.7, 
1
230VAC, 0.85, 
0.965
230VAC, 1.7, 
0.989
277VAC, 0.85, 
0.914
277VAC, 1.7, 
0.974
290VAC, 0.85, 
0.847
290VAC, 1.7, 
0.87
0.46 
0.48 
(A)
(PF)
PF  VS. Output Current
115VAC
230VAC
277VAC
290VAC
305VAC


Similar Part No. - AMEPR60-50120AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR60-50120AZ AIMTEC-AMEPR60-50120AZ Datasheet
558Kb / 11P
   up to 5A | AC-DC LED driver
AMEPR60-50120AZ AIMTEC-AMEPR60-50120AZ Datasheet
701Kb / 14P
   AC-DC Constant Current or Constant Voltage LED Driver
More results

Similar Description - AMEPR60-50120AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR60C-50120AZ AIMTEC-AMEPR60C-50120AZ_17 Datasheet
1Mb / 13P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-CAZ AIMTEC-AMER120-CAZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_12 Datasheet
738Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-50250CAZ AIMTEC-AMER120-50250CAZ_17 Datasheet
963Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-CAZ AIMTEC-AMER120-CAZ Datasheet
689Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_16 Datasheet
597Kb / 12P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_13 Datasheet
637Kb / 11P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60C-AZ AIMTEC-AMEOR60C-AZ_16 Datasheet
670Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com