Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61LV12816-8T Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS61LV12816-8T
Description  128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61LV12816-8T Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS61LV12816-8T Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61LV12816-8T Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61LV12816-8T Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61LV12816-8T Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61LV12816-8T Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61LV12816-8T Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61LV12816-8T Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61LV12816-8T Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61LV12816-8T Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IS61LV12816
6
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. A
11/30/00
ISSI®
DATA VALID
READ1.eps
PREVIOUS DATA VALID
t AA
t OHA
t OHA
t RC
DOUT
ADDRESS
t RC
t OHA
t AA
t DOE
t LZOE
t ACE
t LZCE
t HZOE
HIGH-Z
DATA VALID
UB_CEDR2.eps
t HZB
ADDRESS
OE
CE
LB, UB
DOUT
t HZCE
t BA
t LZB
READ CYCLE NO. 2(1,3)
AC WAVEFORMS
READ CYCLE NO. 1(1,2) (Address Controlled) (CE = OE = VIL, UB or LB = VIL)
Notes:
1.
WE is HIGH for a Read Cycle.
2. The device is continuously selected.
OE, CE, UB, or LB = VIL.
3. Address is valid prior to or coincident with
CE LOW transition.


Similar Part No. - IS61LV12816-8T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61LV12816-8T ICSI-IS61LV12816-8T Datasheet
146Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
IS61LV12816-8TI ICSI-IS61LV12816-8TI Datasheet
146Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61LV12816-8T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61LV12816L ISSI-IS61LV12816L Datasheet
112Kb / 16P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV12816 ISSI-IS61LV12816 Datasheet
59Kb / 12P
   128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV12824 ISSI-IS61LV12824 Datasheet
77Kb / 13P
   128K x 24 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS61WV12816BLL ISSI-IS61WV12816BLL Datasheet
120Kb / 5P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C12816 ISSI-IS61C12816 Datasheet
102Kb / 8P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26020A WINBOND-W26020A Datasheet
126Kb / 10P
   128K X 16 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS61LV12816 ICSI-IS61LV12816 Datasheet
146Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61LV6416 ISSI-IS61LV6416 Datasheet
146Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
IS64LV6416L ISSI-IS64LV6416L Datasheet
89Kb / 14P
   64K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
logo
List of Unclassifed Man...
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
   HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com