Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5413IPHP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5413IPHP
Description  SINGLE 12-BIT, 65-MSPS IF SAMPLING ANALOG-TO-DIGITAL CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5413IPHP Datasheet(HTML) 3 Page - Texas Instruments

  ADS5413IPHP Datasheet HTML 1Page - Texas Instruments ADS5413IPHP Datasheet HTML 2Page - Texas Instruments ADS5413IPHP Datasheet HTML 3Page - Texas Instruments ADS5413IPHP Datasheet HTML 4Page - Texas Instruments ADS5413IPHP Datasheet HTML 5Page - Texas Instruments ADS5413IPHP Datasheet HTML 6Page - Texas Instruments ADS5413IPHP Datasheet HTML 7Page - Texas Instruments ADS5413IPHP Datasheet HTML 8Page - Texas Instruments ADS5413IPHP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
ADS5413
SLWS153 − DECEMBER 2003
www.ti.com
3
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range, clock frequency = 65 MSPS, 50% clock duty cycle (AVDD = OVDD = 3.3 V), duty cylce adjust off,
internal reference, AIN = −1 dBFS, 1.2-VPP square differential clock (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC PERFORMANCE
Power Supply
Total analog supply current with internal
reference and DCA on
113
I(AVDD)
Analog supply current with external reference
and DCA on
AIN = 0 dBFS, fIN = 2 MHz
96
mA
Analog supply current with internal and DCA off
reference
107
I(OVDD)
Digital output driver supply current
AIN = 0 dBFS, fIN = 2 MHz
8
mA
PD
Total power dissipation
AIN = 0 dBFS, fIN = 2 MHz
400
480
mW
PD
Power down dissipation
PWDN = high
23
50
mW
DC Accuracy
No missing codes
Assured
DNL
Differential nonlinearity
Sinewave input, fIN = 2 MHz
−0.9
±0.5
1
LSB
INL
Integral nonlinearity
Sinewave input, fIN = 2 MHz
−2
±1
2
LSB
EO
Offset error
Sinewave input, fIN = 2 MHz
3
mV
EG
Gain error
Sinewave input, fIN = 2 MHz
0.3
%FS
Internal Reference Generator
VREFB
Reference bottom
1.1
1.25
1.4
V
VREFT
Reference top
2.1
2.25
2.4
V
VREFT − VREFB
1.06
V
VREFT − VREFB variation (6σ)
0.06
V
V(CML)
Common-mode output voltage
1.8
V
Digital Inputs (PWD, DCA, REF SEL)
IIH
High-level input current
VI = 2.4 V
−60
60
µA
IIL
Low-level input current
VI = 0.3 V
−60
60
µA
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
Digital Outputs
VOH
High-level output voltage
IOH = 50 µA
2.4
V
VOL
Low-level output voltage
IOL = −50 µA
0.8
V
AC PERFORMANCE
fIN = 14 MHz
63
68.5
fIN = 39 MHz
68.5
SNR
Signal-to-noise ratio
fIN = 70 MHz
68.2
dBFS
SNR
Signal to noise ratio
fIN = 150 MHz
64.8
dBFS
fIN = 220 MHz
63.8
fIN = 14 MHz
62.5
67.6
fIN = 39 MHz
67.8
SINAD
Signal-to-noise and distortion
fIN = 70 MHz
67.9
dBFS
SINAD
Signal to noise and distortion
fIN = 150 MHz
63.2
dBFS
fIN = 220 MHz
63
fIN = 14 MHz
72
77.5
fIN = 39 MHz
79
SFDR
Spurious free dynamic range
fIN = 70 MHz
81
dBc
py
g
fIN = 150 MHz
69
fIN = 220 MHz
72


Similar Part No. - ADS5413IPHP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5413-11 TI-ADS5413-11 Datasheet
311Kb / 19P
[Old version datasheet]   SINGLE 11-BIT, 65-MSPS HIGH IF SAMPLING
ADS5413-11IPHP TI-ADS5413-11IPHP Datasheet
311Kb / 19P
[Old version datasheet]   SINGLE 11-BIT, 65-MSPS HIGH IF SAMPLING
ADS5413-11IPHP TI1-ADS5413-11IPHP Datasheet
345Kb / 20P
[Old version datasheet]   SINGLE 11-BIT 65MSPS HIGH ANALLOG-TO-DIGITAL CONVERTER
ADS5413-11IPHPG4 TI1-ADS5413-11IPHPG4 Datasheet
345Kb / 20P
[Old version datasheet]   SINGLE 11-BIT 65MSPS HIGH ANALLOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS5413IPHP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1240 TI-THS1240 Datasheet
450Kb / 20P
[Old version datasheet]   12-BIT 40 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD6640 AD-AD6640 Datasheet
488Kb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. 0
AD6640 AD-AD6640_15 Datasheet
2Mb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD6640ASTZ AD-AD6640ASTZ Datasheet
920Kb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
logo
Texas Instruments
THS1050 TI-THS1050 Datasheet
397Kb / 20P
[Old version datasheet]   10-BIT 50 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
THS1060 TI-THS1060 Datasheet
353Kb / 21P
[Old version datasheet]   10-BIT 60 MSPS IF SAMPLING COMMUNICATIONS ANALOG-TO-DIGITAL CONVERTER
ADS5413-11 TI-ADS5413-11 Datasheet
311Kb / 19P
[Old version datasheet]   SINGLE 11-BIT, 65-MSPS HIGH IF SAMPLING
ADS5401 TI1-ADS5401_16 Datasheet
1Mb / 49P
[Old version datasheet]   Single 12-Bit 800-Msps Analog-to-Digital Converter
logo
Analog Devices
AD6644 AD-AD6644_15 Datasheet
836Kb / 24P
   14-Bit, 40 MSPS/65 MSPS Analog-to-Digital Converter
REV. D
logo
NXP Semiconductors
TDA8769 PHILIPS-TDA8769 Datasheet
227Kb / 28P
   12-bit, 60/80/105 Msps Analog-to-Digital Converter (ADC) Nyquist/high IF sampling
2003 Dec 09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com