Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TO3A4-HG-180 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # TO3A4-HG-180
Description  HIGH POWER LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

TO3A4-HG-180 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  TO3A4-HG-180 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO3A4-Hx-180 SERIES
TECHNICAL DATA
HIGH POWER LED
Design: 4 parallel power LED chips
Package: TO3 with clear epoxy resin
Optical-Electrical Characteristics (Tc = 25°C)
Operating
Voltage
[V]
Dominant
Wavelength
[nm]
Luminous
Flux
[lm]
Optical
Power
[mW]
DC Forward Current = 1.4 A
Item
Chip
Material
Emitting
Color
Lens
Type
Min
Max
Min
Max
Reverse
Current
[µA]
VR = 5 V
Viewing
Angle
[°]
2
θ
½
TO3A4-HW-180
InGaN
White *)
Clear
3.2
4.0
-
-
88
-
<300
180
TO3A4-HU-180
InGaN
UV
Clear
4.0
4.5
395
405
-
60
<300
180
TO3A4-HB-180
InGaN
Blue
Clear
3.2
4.0
460
470
24
90
<300
180
TO3A4-HG-180
InGaN
Cyan
Clear
3.2
4.0
500
510
72
80
<300
180
TO3A4-HG-180
InGaN
Green
Clear
3.2
4.0
515
525
72
50
<300
180
TO3A4-HY-180
AlGaInP
Yellow
Clear
2.2
2.6
585
595
64
60
<300
180
TO3A4-HR-180
AlGaInP
Red
Clear
2.1
2.5
625
635
48
110
<300
180
TO3A4-H850-180
GaAlAs
IR
Clear
1.8
1.9
840
850
-
260
<300
180
TO3A4-H880-180
GaAlAs
IR
Clear
1.8
1.9
870
880
-
200
<300
180
TO3A4-H940-180
GaAs
IR
Clear
1.6
1.7
940
950
-
150
<300
180
*) TO3A4-HW-180-S optional Warm White
IMPORTANT NOTE FOR SAFE OPERATION
This high power LED must be cooled! Use a heat sink with a thermal resistance
≤8K/W. Maximum uncooled
allowed operation current
≤150 mA. Do not view directly into the emitting area of the LED when in operation!
ROITHNER LASERTECHNIK


Similar Part No. - TO3A4-HG-180

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TO353 ATMEL-TO353 Datasheet
213Kb / 11P
   2.8 V Tri-band/ Quad-mode RF Receiver for CDMA/AMPS/ GPS
More results

Similar Description - TO3A4-HG-180

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
30-01UWC EVERLIGHT-30-01UWC Datasheet
139Kb / 6P
   HIGH POWER LED
logo
TAITRON Components Inco...
TSLG-XR8080-A08L TAITRON-TSLG-XR8080-A08L Datasheet
495Kb / 9P
   HIGH POWER LED
logo
P-tec Corporation
PL763H-WC3W P-TEC-PL763H-WC3W Datasheet
31Kb / 1P
   HIGH POWER LED
logo
Ningbo Foryard Optoelec...
FYB-E27W3W3B FORYARD-FYB-E27W3W3B Datasheet
753Kb / 4P
   High Power LED
FYG50-5052UW-3W FORYARD-FYG50-5052UW-3W Datasheet
599Kb / 4P
   High Power LED
FYLP-5052PGC-1W FORYARD-FYLP-5052PGC-1W Datasheet
518Kb / 8P
   High-Power LED
FYLP-5052UBC-1W FORYARD-FYLP-5052UBC-1W Datasheet
516Kb / 8P
   High-Power LED
FYLP-5052UWC-0.5W FORYARD-FYLP-5052UWC-0.5W Datasheet
522Kb / 8P
   High-Power LED
logo
Roithner LaserTechnik G...
ELJ-810-629 ROITHNER-ELJ-810-629 Datasheet
262Kb / 4P
   High Power LED
RLT-WNP1000-02 ROITHNER-RLT-WNP1000-02 Datasheet
227Kb / 4P
   High Power LED
SMB1W-770R ROITHNER-SMB1W-770R Datasheet
372Kb / 5P
   High Power LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com