Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN3181TMX Datasheet(PDF) 2 Page - ON Semiconductor

Part # FAN3181TMX
Description  Single 2A High-Speed, Low-Side IGBT Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN3181TMX Datasheet(HTML) 2 Page - ON Semiconductor

  FAN3181TMX Datasheet HTML 1Page - ON Semiconductor FAN3181TMX Datasheet HTML 2Page - ON Semiconductor FAN3181TMX Datasheet HTML 3Page - ON Semiconductor FAN3181TMX Datasheet HTML 4Page - ON Semiconductor FAN3181TMX Datasheet HTML 5Page - ON Semiconductor FAN3181TMX Datasheet HTML 6Page - ON Semiconductor FAN3181TMX Datasheet HTML 7Page - ON Semiconductor FAN3181TMX Datasheet HTML 8Page - ON Semiconductor FAN3181TMX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
© Semiconductor Components Industries, LLC, 2013
1
Publication Order Number:
December 2016- Rev. 1.0
FAN3181/D
FAN3181
Single 2A High-Speed, Low-Side
IGBT Driver
The FAN3181 is suitable for designed to stand-alone IGBT driver in low-
side switching applications by providing high peak current pulses during
the switching intervals. The protection functions include Under-Voltage
Lockout (UVLO) and Over-Current Protection (OCP), and Desaturation
Protection (DESAT) with fault-out function and active miller clamp
function. An open-drain fault-out signal is provided to indicate that an
over-current, under-voltage, and Desaturation detect has occurred. Soft
turn-off feature is used to increase the reliability of an application during
short-circuit or over-current periods. This feature works after the
desaturation or over-current protection is activated, which provides pro-
tection for IGBT against short-circuit and over-current events. With the
“Soft” turn-off feature, the gate voltage will be reduced slowly in order to
reduce IGBT current.
Features
Operating Supply Voltage 25 V
Typically 1.5 A/2.0 A Sourcing/Sinking Current-Driving Capability
at VCC = 15 V
Output In- Phase with Input Signal
Active Miller Clamp
Desaturation Protection
Cycle-by-Cycle Edge-Triggered Shutdown Function
Fault-Out and Shutdown Function
Built-in V
CC UVLO Function
Built-in Soft Turn-Off Function
Built-in Over-Current Protection (OCP)
Operating Junction Temperature Range of -40°C to 125°C
Typical Applications
Switch-Mode Power Supplies
DC – DC Converters
Motor Control for PFC in Air-conditioner Application
www.onsemi.com
PACKAGE PICTURE
8 Lead SOP
(Small Outline Package)
MARKETING DIAGRAM
ZXYTT
MX
FAN3181T
F: Fairchild Logo
Z: Plant Code
X: 1-Digit Year Code
Y: 1-Digit Week Code
TT: 2-Digit Die Run Code
M: Package Type (SOP)
X: Packing Type (Tape & Reel)
PIN CONNECTIONS
FAN3181
VCC
IN
OUT
1
2
3
4
8
7
6
FO/SD
DESAT
CIN
5
GND
GS
ORDERING INFORMATION
Device
Package
Packing
Method
FAN3181TMX
(1)
SOIC-8
Tape & Reel
Note:
1.
This device passed wave-soldering test by
JESD22A-111


Similar Part No. - FAN3181TMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3180 FAIRCHILD-FAN3180 Datasheet
1Mb / 18P
   Single 2-A Low-Side Driver with 3.3-V LDO
logo
ON Semiconductor
FAN3180 ONSEMI-FAN3180 Datasheet
1Mb / 19P
   Single 2-A Low-Side Driver with 3.3-V LDO
June 2013 Rev. 1.0.3
logo
Fairchild Semiconductor
FAN3180TSX FAIRCHILD-FAN3180TSX Datasheet
1Mb / 18P
   Single 2-A Low-Side Driver with 3.3-V LDO
logo
ON Semiconductor
FAN3180TSX ONSEMI-FAN3180TSX Datasheet
1Mb / 19P
   Single 2-A Low-Side Driver with 3.3-V LDO
June 2013 Rev. 1.0.3
More results

Similar Description - FAN3181TMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3100 FAIRCHILD-FAN3100_08 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_09 Datasheet
1Mb / 21P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100_11 Datasheet
1Mb / 22P
   Single 2A High-Speed, Low-Side Gate Driver
logo
Semtech Corporation
SC1301A SEMTECH-SC1301A Datasheet
159Kb / 9P
   2A High Speed Low-Side MOSFET Driver in SOT-23
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com