Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN6204AMX Datasheet(PDF) 3 Page - ON Semiconductor

Part # FAN6204AMX
Description  Synchronous Rectification Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN6204AMX Datasheet(HTML) 3 Page - ON Semiconductor

  FAN6204AMX Datasheet HTML 1Page - ON Semiconductor FAN6204AMX Datasheet HTML 2Page - ON Semiconductor FAN6204AMX Datasheet HTML 3Page - ON Semiconductor FAN6204AMX Datasheet HTML 4Page - ON Semiconductor FAN6204AMX Datasheet HTML 5Page - ON Semiconductor FAN6204AMX Datasheet HTML 6Page - ON Semiconductor FAN6204AMX Datasheet HTML 7Page - ON Semiconductor FAN6204AMX Datasheet HTML 8Page - ON Semiconductor FAN6204AMX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© 2015 Semiconductor Components Industries, LLC.
www.onsemi.com
FAN6204A
• Rev. 1.1
2
Application Diagrams
VIN
Q1
VDD
RES
AGND
GND
LPC
FAN6204A
R1
R2
R3
GATE
8
3
5
7
6
4
Q2
R4
ISR
VDET
VLPC
VRES
VOUT
VDD
RES
AGND
GND
LPC
VOUT
VIN
FAN6204A
R1
R2
R3
Q1
GATE
8
3
5
7
6
4
Q2
R4
Q2
Figure 1. Typical Application Circuit for
Flyback Converter
Figure 2. Typical Application Circuit for
Forward Freewheeling Rectification
Internal Block Diagram
5
+
-
4.8V/4.5V
Internal
Bias
5µA/V
VCT
VDD
8
LPC
Enable
1µA/V
S
R
Q
Q
3
4
CT
iCHR
iDISCHR
GND
GATE
Drive
PWM Block
27.5V/25.4V
OVP
50K
950K
VLPC-EN
0.05VDD
Green
Mode
tDIS
Frequency
Tracking
Detector
tSR-MAX
Rising
Edge
Causal
Function
RESET
0.05VDD
2
AGND
1
6
AGND
AGND
7
RES
Calculate
VLPC-EN
2V
+
-
+
-
+
-
1µs
Blanking
RESET
Figure 3. Functional Block Diagram


Similar Part No. - FAN6204AMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6204 FAIRCHILD-FAN6204 Datasheet
814Kb / 14P
   Synchronous Rectification Controller
FAN6204MY FAIRCHILD-FAN6204MY Datasheet
814Kb / 14P
   Synchronous Rectification Controller
More results

Similar Description - FAN6204AMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6204 FAIRCHILD-FAN6204 Datasheet
814Kb / 14P
   Synchronous Rectification Controller
logo
ON Semiconductor
FAN6224 ONSEMI-FAN6224 Datasheet
1Mb / 20P
   Synchronous Rectification Controller
September 2015 Rev. 1.4
logo
Diodes Incorporated
AR2003FV DIODES-AR2003FV Datasheet
733Kb / 15P
   ACTIVE/SYNCHRONOUS RECTIFICATION CONTROLLER
December 2014
AR2003FV DIODES-AR2003FV_15 Datasheet
733Kb / 15P
   ACTIVE/SYNCHRONOUS RECTIFICATION CONTROLLER
APR343 DIODES-APR343 Datasheet
473Kb / 12P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
logo
ON Semiconductor
FAN6230A ONSEMI-FAN6230A Datasheet
1Mb / 29P
   Secondary-Side Synchronous Rectification Controller
May 2015 Rev. 1.1
logo
Diodes Incorporated
APR345 DIODES-APR345 Datasheet
429Kb / 11P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
logo
International Rectifier
IR1161LPBF IRF-IR1161LPBF_15 Datasheet
991Kb / 25P
   Secondary side synchronous rectification controller
logo
Diodes Incorporated
APR340 DIODES-APR340 Datasheet
578Kb / 9P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev. 3 - 2 May 2021
APR349 DIODES-APR349 Datasheet
531Kb / 10P
   SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev. 2 - 2 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com