Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSBB15CH120DF Datasheet(PDF) 10 Page - ON Semiconductor

Part # FSBB15CH120DF
Description  Motion SPM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSBB15CH120DF Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FSBB15CH120DF Datasheet HTML 6Page - ON Semiconductor FSBB15CH120DF Datasheet HTML 7Page - ON Semiconductor FSBB15CH120DF Datasheet HTML 8Page - ON Semiconductor FSBB15CH120DF Datasheet HTML 9Page - ON Semiconductor FSBB15CH120DF Datasheet HTML 10Page - ON Semiconductor FSBB15CH120DF Datasheet HTML 11Page - ON Semiconductor FSBB15CH120DF Datasheet HTML 12Page - ON Semiconductor FSBB15CH120DF Datasheet HTML 13Page - ON Semiconductor FSBB15CH120DF Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
© 2017 Semiconductor Components Industries, LLC
9
www.fairchildsemi.com
www.onsemi.com
FSBB15CH120DF • Rev. 1.0
Recommended Operating Conditions
Note:
9. This product might not make response if input pulse width is less than the recommended value.
Figure 8. Allowable Maximum Output Current
Note:
10. This allowable output current value is the reference data for the safe operation of this product. This may be different from the actual application and operating condition.
Symbol
Parameter
Conditions
Value
Unit
Min.
Typ.
Max.
VPN
Supply Voltage
Applied between P - NU, NV, NW
300
600
800
V
VCC
Control Supply Voltage
Applied between VCC(UH, VH, WH) - COM, VCC(L) -
COM
13.5
15.0
16.5
V
VBS
High-Side Bias Voltage
Applied between VB(U) - VS(U), VB(V) - VS(V), VB(W) -
VS(W)
13.0
15.0
18.5
V
dVCC / dt,
dVBS / dt
Control Supply
Variation
-1
-
1
V /
s
tdead
Blanking Time for
Preventing Arm - Short
For Each Input Signal
2.0
-
-
s
fPWM
PWM Input Signal
-40
C T
C 125°C, -40C TJ 150°C
-
-
20
kHz
VSEN
Voltage for Current
Sensing
Applied between NU, NV, NW - COM
(Including Surge Voltage)
-5
5
V
PWIN(ON) Minimum Input Pulse
Width
VCC = VBS = 15 V, IC  30 A, Wiring Inductance
between NU, V, W and DC Link N < 10nH (Note 9)
2.0
-
-
s
PWIN(OFF)
2.0
-
-
TJ
Junction Temperature
-40
-
150
C
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
0
2
4
6
8
10
12
14
V
DC
= 600 V, V
CC
= V
BS
= 15 V
T
j
= 150℃ , T
C
= 125℃
M.I. = 0.9, P.F. = 0.8
Sinusoidal PWM
f
SW
= 15 kHz
f
SW
= 5 kHz
Case Temperature, T
C
[℃]


Similar Part No. - FSBB15CH120DF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSBB15CH120D ONSEMI-FSBB15CH120D Datasheet
653Kb / 16P
   Motion SPM
January 2017 Rev. 1.0
More results

Similar Description - FSBB15CH120DF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSB50450B ONSEMI-FSB50450B Datasheet
891Kb / 13P
   Motion SPM
February 2017 Rev. 1.2
FNB80460T3 ONSEMI-FNB80460T3 Datasheet
883Kb / 17P
   Motion SPM
April 2017 Rev. 1.0
FSBB20CH120DF ONSEMI-FSBB20CH120DF Datasheet
653Kb / 16P
   Motion SPM
February 2017 Rev. 1.0
FNB34060T ONSEMI-FNB34060T Datasheet
1Mb / 17P
   Motion SPM
Dec. 2016 Rev. 1.0
FSBB15CH120D ONSEMI-FSBB15CH120D Datasheet
653Kb / 16P
   Motion SPM
January 2017 Rev. 1.0
FSBB20CH120D ONSEMI-FSBB20CH120D Datasheet
653Kb / 16P
   Motion SPM
January 2017 Rev. 1.0
FNB35060T ONSEMI-FNB35060T Datasheet
1Mb / 17P
   Motion SPM
Dec. 2016 Rev. 1.0
FSB50550B ONSEMI-FSB50550B Datasheet
891Kb / 13P
   Motion SPM
Rev. 1.2
FSB50250A ONSEMI-FSB50250A Datasheet
765Kb / 13P
   Motion SPM 5 Series
January 2014 Rev. C4
FSB50325A ONSEMI-FSB50325A Datasheet
938Kb / 14P
   Motion SPM 5 Series
October 2014 Rev. C5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com