Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR3035CTR Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # MBR3035CTR
Description  30.0 Amperes Heatsink Dual Common Anode Schottky Half Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

MBR3035CTR Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  MBR3035CTR Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. MBR3035CTR Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pb Free Plating Product
MBR3035CTR thru MBR30200CTR
Pb
30.0 Amperes Heatsink Dual Common Anode Schottky Half Bridge Rectifiers
®
MBR3035CTR thru MBR30200CTR
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 1/2
Rev.07C
VRRM
35
45
50
60
90
100
150
200
V
VRMS
24
31
35
42
63
70
105
140
V
VDC
35
45
50
60
90
100
150
200
V
IF(AV)
A
IRRM
A
dV/dt
V/μs
RθJC
TJ
TSTG
Operating junction temperature range
- 55 to +150
Storage temperature range
- 55 to +150
Note 1: tp = 2.0 μs, 1.0KHz
Note 2: Pulse test with PW=300μs, 1% duty cycle
Typical thermal resistance
1.5
mA
20
15
Voltage rate of change (Rated VR)
10000
10
Maximum reverse current @ rated VR
TJ=25 ℃
TJ=125 ℃
IR
0.2
Maximum instantaneous forward voltage (Note 2)
IF=15A, TJ=25℃
IF=15A, TJ=125℃
IF=30A, TJ=25℃
IF=30A, TJ=125℃
VF
V
0.70
0.75
0.84
0.95
0.82
0.90
0.94
1.05
A
Peak forward surge current, 8.3 ms single half
sine-wave superimposed on rated load
IFSM
200
A
Peak repetitive reverse surge current (Note 1)
IFRM
30
0.73
0.78
0.82
0.92
0.60
0.65
0.70
0.80
MBR
30200
CTR
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
10.5
Maximum DC blocking voltage
Maximum average forward rectified current
30
Peak repetitive forward current
(Rated VR, Square wave, 20KHz)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
MBR
3035
CTR
MBR
3045
CTR
MBR
3050
CTR
MBR
3060
CTR
MBR
3090
CTR
MBR
30100
CTR
MBR
30150
CTR
/W
.196(5.00)
.054(1.39)
.038(0.96)
.419(10.66)
.139(3.55)
MIN
.163(4.16)
.045(1.15)
.019(0.50)
.025(0.65)MAX
.1(2.54)
.1(2.54)
.387(9.85)
TO-220AB
Unit : inch (mm)
Features
Low forward voltage drop
Standard MBR matured technology with high reliablity
High current capability
Case: Heatsink TO-220AB open type
High surge current capability
Weight: 2.0 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant
Application
Automotive Inverters/Solar Inverters
Plating Power Supply,SMPS and UPS
Car Audio Amplifiers and Sound Device Systems
Positive
Negative
Common Cathode
Case
Case
Case
Common Anode
Suffix "CT"
Case
Series
Tandem Polarity
Suffix "CTR"
Suffix "CTS"
Doubler
Tandem Polarity
Suffix "CTD"


Similar Part No. - MBR3035CTR

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR3035CT TSC-MBR3035CT Datasheet
206Kb / 4P
   Dual Common Cathode Schottky Rectifier
logo
Micro Commercial Compon...
MBR3035CT MCC-MBR3035CT Datasheet
134Kb / 2P
   30 Amp Rectifier 30 to 60 Volts Schottky Barrier
logo
Silicon Standard Corp.
MBR3035CT SSC-MBR3035CT Datasheet
285Kb / 5P
   Dual Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR3035CT KERSEMI-MBR3035CT Datasheet
492Kb / 2P
   30 Amp Schottky Barrier Rectifier 30 to 60 Volts
logo
Jiangsu Changjiang Elec...
MBR3035CT JIANGSU-MBR3035CT Datasheet
235Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR3035CTR

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MBRF3035CTR THINKISEMI-MBRF3035CTR Datasheet
541Kb / 2P
   30.0 Amperes Insulated Dual Common Anode Schottky Half Bridge Rectifiers
S16C20A THINKISEMI-S16C20A Datasheet
641Kb / 2P
   16.0 Amperes Heatsink Dual Common Anode Schottky Half Bridge Rectifiers
S30D35A THINKISEMI-S30D35A Datasheet
560Kb / 2P
   30.0 Amperes Heat Sink Dual Common Anode Schottky Half Bridge Rectifiers
FEN30BP THINKISEMI-FEN30BP Datasheet
1Mb / 3P
   30.0 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Half Bridge Rectifiers
MUR3020PTR THINKISEMI-MUR3020PTR_04 Datasheet
1Mb / 3P
   30.0 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Half Bridge Rectifiers
MUR3020PA THINKISEMI-MUR3020PA_04 Datasheet
1Mb / 3P
   30.0 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Half Bridge Rectifiers
MBR20100CTR THINKISEMI-MBR20100CTR Datasheet
350Kb / 2P
   20 Ampere Heatsink Dual Common Anode Schottky Half Bridge Rectifiers
MBRF4035CTR THINKISEMI-MBRF4035CTR Datasheet
720Kb / 2P
   40.0 Amperes Insulated Dual Common Anode Schottky Half Bridge Rectifiers
MBRF2045CTR THINKISEMI-MBRF2045CTR Datasheet
623Kb / 2P
   20 Amperes Insulated Dual Common Anode Schottky Half Bridge Rectifiers
MBRF1045CTR THINKISEMI-MBRF1045CTR Datasheet
541Kb / 2P
   10.0 Amperes Insulated Dual Common Anode Schottky Half Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com