Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM34DM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM34DM
Description  Precision Fahrenheit Temperature Sensors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM34DM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM34DM Datasheet HTML 1Page - National Semiconductor (TI) LM34DM Datasheet HTML 2Page - National Semiconductor (TI) LM34DM Datasheet HTML 3Page - National Semiconductor (TI) LM34DM Datasheet HTML 4Page - National Semiconductor (TI) LM34DM Datasheet HTML 5Page - National Semiconductor (TI) LM34DM Datasheet HTML 6Page - National Semiconductor (TI) LM34DM Datasheet HTML 7Page - National Semiconductor (TI) LM34DM Datasheet HTML 8Page - National Semiconductor (TI) LM34DM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DC Electrical Characteristics (Note 1 Note 6) (Continued)
LM34
LM34C LM34D
Parameter
Conditions
Tested
Design
Tested
Design
Units
Typical
Limit
Limit
Typical
Limit
Limit
(Max)
(Note 4)
(Note 5)
(Note 4)
(Note 5)
Accuracy LM34 LM34C
TA ea77 F
g
08
g
20
g
08
g
20
F
(Note 7)
TA e 0 F
g
10
g
10
g
30
F
TA e TMAX
g
16
g
30
g
16
g
30
F
TA e TMIN
g
16
g
30
g
16
g
40
F
Accuracy LM34D
TA ea77 F
g
12
g
30
F
(Note 7)
TA e TMAX
g
18
g
40
F
TA e TMIN
g
18
g
40
F
Nonlinearity (Note 8)
TMIN s TA s TMAX
g
06
g
10
g
04
g
10
F
Sensor Gain
TMIN s TA s TMAX
a
100
a
98
a
100
a
98
mV F min
(Average Slope)
a
102
a
102
mV F max
Load Regulation
TA ea77 F
g
04
g
25
g
04
g
25
mVmA
(Note 3)
TMIN s TA s a150 F
g
05
g
60
g
05
g
60
mVmA
0 s IL s 1mA
Line Regulation (Note 3)
TA ea77 F
g
001
g
01
g
001
g
01
mVV
5V s VS s 30V
g
002
g
02
g
002
g
02
mVV
Quiescent Current
VS ea5V a77 F
75
100
75
100
m
A
(Note 9)
VS ea5V
131
176
116
154
m
A
VS ea30V a77 F
76
103
76
103
m
A
VS ea30V
132
181
117
159
m
A
Change of Quiescent
4V s VS s 30V a77 F
a
05
30
05
30
m
A
Current (Note 3)
5V s VS s 30V
a
10
50
10
50
m
A
Temperature Coefficient
a
030
a
07
a
030
a
07
m
A F
of Quiescent Current
Minimum Temperature
In circuit of
Figure 1
a
30
a
50
a
30
a
50
F
for Rated Accuracy
IL e 0
Long-Term Stability
Tj e TMAX for 1000 hours
g
016
g
016
F
3


Similar Part No. - LM34DM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34DM NSC-LM34DM Datasheet
248Kb / 12P
   Precision Fahrenheit Temperature Sensors
logo
Texas Instruments
LM34DM TI1-LM34DM Datasheet
1Mb / 27P
[Old version datasheet]   Precision Fahrenheit Temperature Sensors
LM34DM/NOPB TI1-LM34DM/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Precision Fahrenheit Temperature Sensors
LM34DMX TI1-LM34DMX Datasheet
1Mb / 27P
[Old version datasheet]   Precision Fahrenheit Temperature Sensors
LM34DMX/NOPB TI1-LM34DMX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   Precision Fahrenheit Temperature Sensors
More results

Similar Description - LM34DM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM34 TI1-LM34_16 Datasheet
1Mb / 27P
[Old version datasheet]   Precision Fahrenheit Temperature Sensors
logo
National Semiconductor ...
LM34 NSC-LM34 Datasheet
248Kb / 12P
   Precision Fahrenheit Temperature Sensors
LM34 NSC-LM34_00 Datasheet
254Kb / 12P
   Precision Fahrenheit Temperature Sensors
logo
Texas Instruments
LM34 TI1-LM34 Datasheet
508Kb / 23P
[Old version datasheet]   Precision Fahrenheit Temperature Sensors
LM34 TI-LM34_15 Datasheet
307Kb / 19P
[Old version datasheet]   LM34 Precision Fahrenheit Temperature Sensors
logo
National Semiconductor ...
LM135 NSC-LM135_08 Datasheet
867Kb / 16P
   Precision Temperature Sensors
logo
STMicroelectronics
LM135 STMICROELECTRONICS-LM135_08 Datasheet
574Kb / 16P
   Precision temperature sensors
LM135 STMICROELECTRONICS-LM135 Datasheet
118Kb / 11P
   PRECISION TEMPERATURE SENSORS
logo
National Semiconductor ...
LM135 NSC-LM135 Datasheet
291Kb / 14P
   Precision Temperature Sensors
logo
Riedon Powertron
RTDW1N1001 RIEDON-RTDW1N1001 Datasheet
255Kb / 1P
   Precision Wirewound Temperature Sensors
201907_002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com