Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T98 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # T98
Description  Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Built-in-Fuse, Conformal Coated Case
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T98 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button T98_17 Datasheet HTML 3Page - Vishay Siliconix T98_17 Datasheet HTML 4Page - Vishay Siliconix T98_17 Datasheet HTML 5Page - Vishay Siliconix T98_17 Datasheet HTML 6Page - Vishay Siliconix T98_17 Datasheet HTML 7Page - Vishay Siliconix T98_17 Datasheet HTML 8Page - Vishay Siliconix T98_17 Datasheet HTML 9Page - Vishay Siliconix T98_17 Datasheet HTML 10Page - Vishay Siliconix T98_17 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Conformal Coated Guide
www.vishay.com
Vishay Sprague
Revision: 12-Sep-17
4
Document Number: 40150
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
HIGH RELIABILITY PRODUCTS
SOLID TANTALUM CAPACITORS - CONFORMAL COATED
SERIES
CWR06
CWR16
CWR26
13008
14002
PRODUCT IMAGE
TYPE
TANTAMOUNT™ chip, conformal coated
FEATURES
MIL-PRF-55365/4
qualified
MIL-PRF-55365/13
qualified
MIL-PRF-55365/13
qualified
DLA approved
TEMPERATURE RANGE
-55 °C to +125 °C (above 85 °C, voltage derating is required)
CAPACITANCE RANGE
0.10 μF to 100 μF
0.33 μF to 330 μF
10 μF to 100 μF
10 μF to 1500 μF
4.7 μF to 680 μF
VOLTAGE RANGE
4 V to 50 V
4 V to 35 V
15 V to 35 V
4 V to 63 V
4 V to 50 V
CAPACITANCE TOLERANCE
± 5 %, ± 10 %,
± 20 %
± 5 %, ± 10 %,
± 20 %
± 5 %, ± 10 %,
± 20 %
± 10 %, ± 20 %
± 10 %, ± 20 %
LEAKAGE CURRENT
0.01 CV or 1.0 μA, whichever is greater
0.01 CV or 0.5 μA, whichever is greater
DISSIPATION FACTOR
6 % to 10 %
6 % to 10 %
6 % to 12 %
6 % to 20 %
6 % to 14 %
CASE CODES
A, B, C, D, E, F, G,
H
A, B, C, D, E, F, G,
H
F, G, H
V, E, F, R, Z, D, M,
H, N
B, C, D, R
TERMINATION
Gold plated; tin / lead; tin / lead solder fused
Tin / lead
SOLID TANTALUM CAPACITORS - CONFORMAL COATED
SERIES
T95
T96
T97
T98
PRODUCT IMAGE
TYPE
TANTAMOUNT™ chip, Hi-Rel COTS, conformal coated
FEATURES
High reliability
High reliability,
built in fuse
High reliability,
ultra low ESR,
multi-anode
High reliability,
ultra low ESR, built in
fuse, multi-anode
TEMPERATURE RANGE
-55 °C to +125 °C (above 85 °C, voltage derating is required)
CAPACITANCE RANGE
0.15 μF to 680 μF
10 μF to 680 μF
10 μF to 1500 μF
10 μF to 1500 μF
VOLTAGE RANGE
4 V to 50 V
4 V to 50 V
4 V to 75 V
4 V to 75 V
CAPACITANCE TOLERANCE
± 10 %, ± 20 %
± 10 %, ± 20 %
± 10 %, ± 20 %
± 10 %, ± 20 %
LEAKAGE CURRENT
0.01 CV or 0.5 μA, whichever is greater
DISSIPATION FACTOR
4 % to 14 %
6 % to 14 %
6 % to 20 %
6 % to 10 %
CASE CODES
A, B, C, D, R, S, V, X, Y, Z
R
V, E, F, R, Z, D, M, H, N
V, E, F, R, Z, M, H
TERMINATION
100 % matte tin, tin / lead


Similar Part No. - T98_17

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T980000 E-SWITCH-T980000 Datasheet
166Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T980001 E-SWITCH-T980001 Datasheet
166Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T980002 E-SWITCH-T980002 Datasheet
168Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T980003 E-SWITCH-T980003 Datasheet
167Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T980004 E-SWITCH-T980004 Datasheet
164Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T98_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T96 VISHAY-T96_17 Datasheet
283Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
T97 VISHAY-T97_17 Datasheet
306Kb / 21P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-17
T97 VISHAY-T97_1 Datasheet
86Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-10
T97 VISHAY-T97 Datasheet
95Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Aug-08
T97R106K075LSA VISHAY-T97R106K075LSA Datasheet
103Kb / 7P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 25-Jun-13
T97 VISHAY-T97_11 Datasheet
98Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Dec-11
T95 VISHAY-T95_17 Datasheet
300Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Hi-Rel COTS, Conformal Coated
Revision: 10-Aug-17
T96 VISHAY-T96 Datasheet
93Kb / 4P
   TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
Revision: 25-Jun-08
T98 VISHAY-T98 Datasheet
86Kb / 4P
   TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
Revision: 25-Jun-08
T95 VISHAY-T95 Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com