Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

056PSM-SI Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 056PSM-SI
Description  Aluminum Electrolytic Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

056PSM-SI Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button 056PSM-SI_16 Datasheet HTML 3Page - Vishay Siliconix 056PSM-SI_16 Datasheet HTML 4Page - Vishay Siliconix 056PSM-SI_16 Datasheet HTML 5Page - Vishay Siliconix 056PSM-SI_16 Datasheet HTML 6Page - Vishay Siliconix 056PSM-SI_16 Datasheet HTML 7Page - Vishay Siliconix 056PSM-SI_16 Datasheet HTML 8Page - Vishay Siliconix 056PSM-SI_16 Datasheet HTML 9Page - Vishay Siliconix 056PSM-SI_16 Datasheet HTML 10Page - Vishay Siliconix 056PSM-SI_16 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
056/057 PSM-SI
www.vishay.com
Vishay BCcomponents
Revision: 12-Oct-16
8
Document Number: 28340
For technical questions, contact: aluminumcaps2@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IMPEDANCE (Z)
Fig. 10 - Typical multiplier of impedance as a function of
ambient temperature
Fig. 11 - Typical impedance as a function of frequency
Fig. 12 - Typical impedance as a function of frequency
Fig. 13 - Typical impedance as a function of frequency
Fig. 14 - Typical impedance as a function of frequency
Fig. 15 - Typical impedance as a function of frequency
Curve 1: U
R ≥ 250 V
Curve 2: U
R = 200 V
Curve 3: U
R ≤ 100 V
T
amb (°C)
ESR
ESR
0
1
10
1
1
3
2
- 100
50
0
- 50
150
100
1
2, 3
Z
0 = typical impedance at 20 °C and 10 kHz
Curve 1: 68 µF
Curve 2: 150 µF
Curve 3: 220 µF
Curve 4: 330 µF
Curve 5: 680 µF
Curve 6: 1500 µF
Curve 7: 2200 µF
Curve 8: 3300 µF
Curve 9: 4700 µF
Curve 10: 6800 µF
Curve 11: 10 000 µF
1
2
f (Hz)
10
1
10
3
10
2
10
7
10
6
10
5
10
4
10
1
10
3
10
2
10
5
10
4
Z
(m
Ω)
Case Ø D x L = 22 mm x 30 mm
T
amb = 20 °C
4
8
5
9
6
10
7
3
11
Curve 1: 150 µF
Curve 2: 330 µF
Curve 3: 470 µF
Curve 4: 680 µF
Curve 5: 1500 µF
Curve 6: 3300 µF
Curve 7: 4700 µF
Curve 8: 6800 µF
Curve 9: 10 000 µF
Curve 10: 15 000 µF
Curve 11: 22 000 µF
f (Hz)
10
1
10
3
10
2
10
7
10
6
10
5
10
4
10
1
10
3
10
2
10
5
10
4
Z
(m
Ω)
T
amb = 20 °C
10
2
3
1
4
8
5
9
6
7
11
Case Ø D x L = 30 mm x 30 mm and 25 mm x 40 mm
Curve 1: 47 µF
Curve 2: 100 µF
Curve 3: 150 µF
Curve 4: 220 µF
Curve 5: 470 µF
Curve 6: 1000 µF
Curve 7: 1500 µF
Curve 8: 2200 µF
Curve 9: 3300 µF
Curve 10: 4700 µF
Curve 11: 6800 µF
1
2
f (Hz)
10
1
10
3
10
2
10
7
10
6
10
5
10
4
10
1
10
3
10
2
10
5
10
4
Z
(m
Ω)
Case Ø D x L = 22 mm x 25 mm
T
amb = 20 °C
4
8
5
9
6
10
7
3
11
Curve 1: 100 µF
Curve 2: 220 µF
Curve 3: 330 µF
Curve 4: 470 µF
Curve 5: 1000 µF
Curve 6: 2200 µF
Curve 7: 3300 µF
Curve 8: 4700 µF
Curve 9: 6800 µF
Curve 10: 10 000 µF
Curve 11: 15 000 µF
f (Hz)
10
1
10
3
10
2
10
7
10
6
10
5
10
4
10
1
10
3
10
2
10
5
10
4
Z
(m
Ω)
T
amb = 20 °C
10
1
2
4
8
5
9
6
7
3
11
Case Ø D x L = 25 mm x 30 mm and 22 mm x 40 mm
Curve 1: 220 µF
Curve 2: 470 µF
Curve 3: 680 µF
Curve 4: 1000 µF
Curve 5: 2200 µF
Curve 6: 4700 µF
Curve 7: 6800 µF
Curve 8: 10 000 µF
Curve 9: 15 000 µF
Curve 10: 22 000 µF
Curve 11: 33 000 µF
f (Hz)
10
1
10
3
10
2
10
7
10
6
10
5
10
4
10
1
10
3
10
2
10
5
10
4
Z
(m
Ω)
T
amb = 20 °C
10
2
3
1
4
8
5
9
6
7
11
Case Ø D x L = 30 mm x 40 mm
and 25 mm x 50 mm


Similar Part No. - 056PSM-SI_16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
056PSM-SI VISHAY-056PSM-SI_V01 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Standard Miniature Snap-In
01-Jan-2023
More results

Similar Description - 056PSM-SI_16

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com