Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T96R127M010 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T96R127M010
Description  Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Low ESR, Built-in-Fuse, Conformal Coated Case
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T96R127M010 Datasheet(HTML) 2 Page - Vishay Siliconix

  T96R127M010 Datasheet HTML 1Page - Vishay Siliconix T96R127M010 Datasheet HTML 2Page - Vishay Siliconix T96R127M010 Datasheet HTML 3Page - Vishay Siliconix T96R127M010 Datasheet HTML 4Page - Vishay Siliconix T96R127M010 Datasheet HTML 5Page - Vishay Siliconix T96R127M010 Datasheet HTML 6Page - Vishay Siliconix T96R127M010 Datasheet HTML 7Page - Vishay Siliconix T96R127M010 Datasheet HTML 8Page - Vishay Siliconix T96R127M010 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
T96
www.vishay.com
Vishay Sprague
Revision: 22-Jun-17
2
Document Number: 40118
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CASE CODES
CAP. (μF)
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
10
R
15
RR
22
RR
33
RR
47
RR
68
R
R
100
R
R
R
120
R
R
150
R
R
180
R
R
220
R
R
R
330
R
R
R
390
R
470
R
680
R
R
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
STD. (S)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
LOW (L)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
AVAILABLE
RELIABILITY
LEVELS
4 VDC AT +85 °C; 2.7 VDC AT +125 °C
330
R
T96R337(1)004(2)(3)(4)(5)
13.2
8
0.230
0.180
S, Z
6.3 VDC AT +85 °C; 4 VDC AT 125 °C
180
R
T96R187(1)6R3(2)(3)(4)(5)
10.8
8
0.230
0.180
S, Z
220
R
T96R227(1)6R3(2)(3)(4)(5)
13.2
8
0.230
0.180
S, Z
390
R
T96R397(1)6R3(2)(3)(4)(5)
23.4
8
0.230
0.145
S, Z
680
R
T96R687(1)6R3(2)(3)(4)(5)
40.8
12
0.190
0.145
S, Z
10 VDC AT +85 °C; 7 VDC AT 125 °C
100
R
T96R107(1)010(2)(3)(4)(5)
10.0
8
0.240
0.175
S, Z
120
R
T96R127(1)010(2)(3)(4)(5)
12.0
8
0.240
0.170
S, Z
150
R
T96R157(1)010(2)(3)(4)(5)
15.0
8
0.230
0.165
S, Z
220
R
T96R227(1)010(2)(3)(4)(5)
22.0
8
0.230
0.155
S, Z
330
R
T96R337(1)010(2)(3)(4)(5)
33.0
8
0.230
0.155
S, Z
470
R
T96R477(1)010(2)(3)(4)(5)
47.0
14
0.220
0.145
S, Z
680
R
T96R687(1)010(2)(3)(4)(5)
68.0
14
0.190
0.145
S, Z
16 VDC AT +85 °C; 10 VDC AT +125 °C
68
R
T96R686(1)016(2)(3)(4)(5)
10.9
6
0.700
0.195
S, Z
180
R
T96R187(1)016(2)(3)(4)(5)
28.8
8
0.230
0.155
S, Z
220
R
T96R227(1)016(2)(3)(4)(5)
35.2
8
0.220
0.155
S, Z
330
R
T96R337(1)016(2)(3)(4)(5)
52.8
14
0.210
0.155
S, Z
20 VDC AT +85 °C; 13 VDC AT +125 °C
47
R
T96R476(1)020(2)(3)(4)(5)
9.4
6
0.300
0.210
S, Z
100
R
T96R107(1)020(2)(3)(4)(5)
20.0
8
0.240
0.170
S, Z
120
R
T96R127(1)020(2)(3)(4)(5)
24.0
8
0.240
0.180
S, Z
150
R
T96R157(1)020(2)(3)(4)(5)
30.0
8
0.240
0.175
S, Z
Note
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Termination and packaging: C, E, H, L
(3) Reliability level
(4) Surge current: A, B, S
(5) ESR: L, S


Similar Part No. - T96R127M010

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T96R107K010CAAL VISHAY-T96R107K010CAAL Datasheet
93Kb / 4P
   TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
Revision: 25-Jun-08
T96R107K010CAAS VISHAY-T96R107K010CAAS Datasheet
93Kb / 4P
   TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
Revision: 25-Jun-08
T96R107K010CABL VISHAY-T96R107K010CABL Datasheet
93Kb / 4P
   TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
Revision: 25-Jun-08
T96R107K010CABS VISHAY-T96R107K010CABS Datasheet
93Kb / 4P
   TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
Revision: 25-Jun-08
T96R107K010CASL VISHAY-T96R107K010CASL Datasheet
93Kb / 4P
   TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
Revision: 25-Jun-08
More results

Similar Description - T96R127M010

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T98 VISHAY-T98_17 Datasheet
284Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
T97 VISHAY-T97_17 Datasheet
306Kb / 21P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-17
T97 VISHAY-T97_1 Datasheet
86Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-10
T95 VISHAY-T95_17 Datasheet
300Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Hi-Rel COTS, Conformal Coated
Revision: 10-Aug-17
T97 VISHAY-T97 Datasheet
95Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Aug-08
T96 VISHAY-T96 Datasheet
93Kb / 4P
   TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
Revision: 25-Jun-08
T98 VISHAY-T98 Datasheet
86Kb / 4P
   TANTAMOUNT® Low ESR, Hi-Rel COTS, Built-In Fuse Conformal Coated
Revision: 25-Jun-08
T97R106K075LSA VISHAY-T97R106K075LSA Datasheet
103Kb / 7P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 25-Jun-13
T97 VISHAY-T97_11 Datasheet
98Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Dec-11
T95 VISHAY-T95 Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com