Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1E73A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LT1E73A
Description  2.7551.45mm, 0.9mm Thickness, Compact Milky Diffusion Chip LED Devices
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LT1E73A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LT1E73A Datasheet HTML 1Page - List of Unclassifed Manufacturers LT1E73A Datasheet HTML 2Page - List of Unclassifed Manufacturers LT1E73A Datasheet HTML 3Page - List of Unclassifed Manufacturers LT1E73A Datasheet HTML 4Page - List of Unclassifed Manufacturers LT1E73A Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
100
LT1t73A series
Chip LED Device
LT1t73A series
s Outline Dimensions
1
2
4
3
0.9
0.3
0.3
0.6
0.2
0.3
1.45
1.4
Milky diffusion
(4-R0.1)
Pin connections
Unspecified tolerance:
±0.1
1 4 Cathode
2 3 Anode
s Radiation Diagram
0
40
20
60
-20˚
+20˚
+40˚
+60˚
+80˚
-40˚
-60˚
-80˚
-30˚
-50˚
+10˚
100
-10˚
+30˚
+50˚
+70˚
+90˚
-90˚
-70˚
80
DC
Pulse
Model No. Radiation color Radiation material
Power dissipation
P
(mW)
Forward current
IF
(mA)
Derating factor
(mA/˚C)
Peak forward current
IFM*1
(mA)
Operating temperature
Topr
(˚C)
Storage temperature
Tstg
(˚C)
Soldering temperature
Tsol*2
(˚C)
Reverse voltage
VR
(V)
(Ta=25˚C)
LT1T73A
LT1P73A
LT1D73A
LT1S73A
LT1H73A
LT1E73A
LT1K73A
GaAlAs on GaAs
GaP
GaAsP on GaP
GaAsP on GaP
GaAsP on GaP
GaP
GaP
66
23
85
85
50
50
50
30
10
30
30
20
20
20
50
50
50
50
50
50
50
0.40
0.13
0.40
0.40
0.27
0.27
0.27
0.67
0.67
0.67
0.67
0.67
0.67
0.67
5
5
5
5
5
5
5
350
350
350
350
350
350
350
Red(High-luminosity)
Red
Red
Sunset orange
Yellow
Yellow-green
Green
-25 to +85
-25 to +85
-25 to +100
-25 to +100
-25 to +85
-25 to +85
-25 to +100
-25 to +100
-25 to +85
-25 to +85
-25 to +100
-25 to +100
-25 to +85
-25 to +100
*1 Duty ratio=1/10, Pulse width=0.1ms
*2 For 3s or less at the temperature of hand soldering. Temperature of reflow soldering is shown on the below page.
s Absolute Maximum Ratings
TYP
MAX
Model No.
Lens type
Forward voltage
VF(V)
λp(nm)
TYP
IV(mcd)
TYP
IF
(mA)
IF
(mA)
IF
(mA)
(MHZ)
VR
(V)
IR(
µA)
MAX
Ct(pF)
TYP
∆λ(nm)
TYP
Peak emission wavelength
Luminous intensity
Spectrum radiation bandwidth
Reverse current
Page for
characteristics
diagrams
Terminal capacitance
(Ta=25˚C)
LT1T73A
LT1P73A
LT1D73A
LT1S73A
LT1H73A
LT1E73A
LT1K73A
1.75
1.9
2.0
2.0
1.9
1.95
1.95
2.2
2.3
2.8
2.8
2.5
2.5
2.5
660
695
635
610
585
565
555
20
5
20
20
10
10
10
7.0
1.2
9.0
7.8
3.7
4.7
1.9
20
5
20
20
10
10
10
20
100
35
35
30
30
25
20
5
20
20
10
10
10
10
10
10
10
10
10
10
4
4
4
4
4
4
4
30
55
20
15
35
35
40
1
1
1
1
1
1
1
Milky
diffusion
s Electro-optical Characteristics
(Unit : mm)
(Ta=25˚C)
T type: Polarity faces in the opposite direction.
2.75!1.45mm, 0.9mm Thickness,
Compact Milky Diffusion Chip
LED Devices


Similar Part No. - LT1E73A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT1E77A SHARP-LT1E77A Datasheet
11Kb / 1P
   Chip LED Device
More results

Similar Description - LT1E73A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT1T73A SHARP-LT1T73A Datasheet
101Kb / 5P
   2.7X51.45mm, 0.9mm Thickness, Compact Milky Diffusion Chip LED Devices
LT1P53A SHARP-LT1P53A Datasheet
89Kb / 4P
   3.3X2.9mm, 1.1mm Thickness,Milky Diffusion Chip LED Devices
LT1ET53A SHARP-LT1ET53A Datasheet
120Kb / 5P
   3.3X2.9mm, 1.1mm Thickness, Milky Diffusion, Dichromatic Chip LED Devices
LT1T51A SHARP-LT1T51A Datasheet
101Kb / 5P
   3.3X2.9mm, 1.1mm Thickness, Colored Diffusion Chip LED Devices
logo
KODENSHI_AUK CORP.
SYB5670 KODENSHI-SYB5670 Datasheet
301Kb / 3P
   Milky Diffusion lens type
logo
Sharp Corporation
LT1EH67A SHARP-LT1EH67A Datasheet
104Kb / 4P
   1616 Size, 0.8mm Thickness, Compact Dichromatic Leadless Chip LED Devices
GL9ED2 SHARP-GL9ED2 Datasheet
223Kb / 4P
   2.0X5.0mm, Rectangle Type, Milky Diffusion, Dichromatic LED Lamps for Indicator
GL8ED5 SHARP-GL8ED5 Datasheet
226Kb / 4P
   1.9X3.9mm, Rectangle Type, Milky Diffusion, Dichromatic LED Lamps for Indicator
GL3ED8 SHARP-GL3ED8 Datasheet
194Kb / 3P
   첩3mmT-1, Cylinder Type, Milky Diffusion, Dichromatic LED Lamp for Backlight/Indicator
LT1U67A SHARP-LT1U67A Datasheet
106Kb / 5P
   1608 Size, 0.8mm Thickness, Leadless Chip LED Devices
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com