Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T95D337K010CAAL Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T95D337K010CAAL
Description  Solid Tantalum Chip Capacitors, TANTAMOUNT™, Hi-Rel COTS, Conformal Coated
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T95D337K010CAAL Datasheet(HTML) 3 Page - Vishay Siliconix

  T95D337K010CAAL Datasheet HTML 1Page - Vishay Siliconix T95D337K010CAAL Datasheet HTML 2Page - Vishay Siliconix T95D337K010CAAL Datasheet HTML 3Page - Vishay Siliconix T95D337K010CAAL Datasheet HTML 4Page - Vishay Siliconix T95D337K010CAAL Datasheet HTML 5Page - Vishay Siliconix T95D337K010CAAL Datasheet HTML 6Page - Vishay Siliconix T95D337K010CAAL Datasheet HTML 7Page - Vishay Siliconix T95D337K010CAAL Datasheet HTML 8Page - Vishay Siliconix T95D337K010CAAL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
T95
www.vishay.com
Vishay Sprague
Revision: 10-Aug-17
3
Document Number: 40081
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
STD. (S)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
LOW (L)
MAX. ESR
AT +25 °C
100 kHz
(
Ω)
AVAILABLE
RELIABILITY
LEVELS
4 VDC AT +85 °C; 2.7 VDC AT +125 °C
6.8
S
T95S685(1)004(2)(3)(4)(5)
0.5
6
4.000
2.000
A, S, Z
10
S
T95S106(1)004(2)(3)(4)(5)
0.5
6
4.000
2.000
A, S, Z
15
V
T95V156(1)004(2)(3)(4)(5)
0.6
6
3.000
1.500
A, S, Z
22
X
T95X226(1)004(2)(3)(4)(5)
0.9
6
2.000
1.000
A, S, Z
33
X
T95X336(1)004(2)(3)(4)(5)
1.3
6
2.000
1.000
A, S, Z
47
Y
T95Y476(1)004(2)(3)(4)(5)
1.9
6
1.200
0.600
A, S, Z
68
Y
T95Y686(1)004(2)(3)(4)(5)
2.7
6
1.200
0.600
A, S, Z
100
Z
T95Z107(1)004(2)(3)(4)(5)
4.0
6
0.800
0.400
A, S, Z
270
D
T95D277(1)004(2)(3)(4)(5)
10.8
8
0.130
0.060
A, S, Z
330
R
T95R337(1)004(2)(3)(4)(5)
13.2
8
0.130
0.080
A, S, Z
6.3 VDC AT +85 °C; 4 VDC AT +125 °C
4.7
S
T95S475(1)6R3(2)(3)(4)(5)
0.5
6
4.000
2.000
A, S, Z
6.8
S
T95S685(1)6R3(2)(3)(4)(5)
0.5
6
4.000
2.000
A, S, Z
10
V
T95V106(1)6R3(2)(3)(4)(5)
0.6
6
3.000
1.500
A, S, Z
15
X
T95X156(1)6R3(2)(3)(4)(5)
0.9
6
2.000
1.000
A, S, Z
22
X
T95X226(1)6R3(2)(3)(4)(5)
1.4
6
2.000
1.000
A, S, Z
47
Y
T95Y476(1)6R3(2)(3)(4)(5)
2.8
6
1.200
0.600
A, S, Z
100
Z
T95Z107(1)6R3(2)(3)(4)(5)
6.0
6
0.800
0.400
A, S, Z
180
R
T95R187(1)6R3(2)(3)(4)(5)
10.8
8
0.130
0.080
A, S, Z
220
D
T95D227(1)6R3(2)(6)(4)(5)
13.9
8
0.140
0.065
A, B, S, Z
220
R
T95R227(1)6R3(2)(3)(4)(5)
13.2
8
0.130
0.080
A, S, Z
330
C
T95C337(1)6R3(2)(7)(4)(5)
20.8
8
0.170
0.080
A, B, C, S, Z
390
R
T95R397(1)6R3(2)(3)(4)(5)
23.4
8
0.130
0.045
A, S, Z
470
D
T95D477(1)6R3(2)(3)(4)(5)
28.2
10
0.130
0.060
A, S, Z
680
R
T95R687(1)6R3(2)(3)(4)(5)
40.8
12
0.090
0.045
A, S, Z
10 VDC AT +85 °C; 7 VDC AT +125 °C
3.3
S
T95S335(1)010(2)(3)(4)(5)
0.5
6
5.000
2.500
A, S, Z
4.7
S
T95S475(1)010(2)(3)(4)(5)
0.5
6
4.000
2.000
A, S, Z
6.8
V
T95V685(1)010(2)(3)(4)(5)
0.7
6
4.000
2.000
A, S, Z
10
X
T95X106(1)010(2)(3)(4)(5)
1.0
6
3.000
1.500
A, S, Z
15
B
T95B156(1)010(2)(6)(4)(5)
1.5
6
0.750
0.550
A, B, S, Z
15
X
T95X156(1)010(2)(3)(4)(5)
1.5
6
2.000
1.000
A, S, Z
22
Y
T95Y226(1)010(2)(6)(4)(5)
2.2
6
1.200
0.600
A, B, S, Z
33
Z
T95Z336(1)010(2)(6)(4)(5)
3.3
6
0.800
0.400
A, B, S, Z
47
Z
T95Z476(1)010(2)(3)(4)(5)
4.7
6
0.800
0.400
A, S, Z
100
R
T95R107(1)010(2)(3)(4)(5)
10.0
8
0.140
0.075
A, S, Z
120
D
T95D127(1)010(2)(7)(4)(5)
12.0
8
0.140
0.085
A, B, C, S, Z
120
R
T95R127(1)010(2)(6)(4)(5)
12.0
8
0.140
0.070
A, B, S, Z
Note
• Part number definitions:
(1) Capacitance tolerance: K, M
(2) Termination and packaging: C, E, H, L
(3) Reliability level: A, S, Z
(4) Surge current: A, B, S
(5) ESR: L, S
(6) Reliability level: A, B, S, Z
(7) Reliability level: A, B, C, S, Z


Similar Part No. - T95D337K010CAAL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T95D107K010CAAS VISHAY-T95D107K010CAAS Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T95D107K010CBAS VISHAY-T95D107K010CBAS Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T95D107K010CSAS VISHAY-T95D107K010CSAS Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T95D107K010EAAS VISHAY-T95D107K010EAAS Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T95D107K010EBAS VISHAY-T95D107K010EBAS Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
More results

Similar Description - T95D337K010CAAL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T95 VISHAY-T95 Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T97 VISHAY-T97_17 Datasheet
306Kb / 21P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-17
T97 VISHAY-T97_1 Datasheet
86Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-10
T97 VISHAY-T97 Datasheet
95Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Aug-08
T97R106K075LSA VISHAY-T97R106K075LSA Datasheet
103Kb / 7P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 25-Jun-13
T96 VISHAY-T96_17 Datasheet
283Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
T97 VISHAY-T97_11 Datasheet
98Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Dec-11
195D VISHAY-195D_17 Datasheet
337Kb / 25P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated
Revision: 09-Nov-17
695D VISHAY-695D_17 Datasheet
320Kb / 22P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Conformal Coated
Revision: 21-Jun-17
T98 VISHAY-T98_17 Datasheet
284Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com