Electronic Components Datasheet Search |
|
T96R106K050 Datasheet(PDF) 7 Page - Vishay Siliconix |
|
T96R106K050 Datasheet(HTML) 7 Page - Vishay Siliconix |
7 / 18 page Conformal Coated Guide www.vishay.com Vishay Sprague Revision: 12-Sep-17 4 Document Number: 40150 For technical questions, contact: tantalum@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 HIGH RELIABILITY PRODUCTS SOLID TANTALUM CAPACITORS - CONFORMAL COATED SERIES CWR06 CWR16 CWR26 13008 14002 PRODUCT IMAGE TYPE TANTAMOUNT™ chip, conformal coated FEATURES MIL-PRF-55365/4 qualified MIL-PRF-55365/13 qualified MIL-PRF-55365/13 qualified DLA approved TEMPERATURE RANGE -55 °C to +125 °C (above 85 °C, voltage derating is required) CAPACITANCE RANGE 0.10 μF to 100 μF 0.33 μF to 330 μF 10 μF to 100 μF 10 μF to 1500 μF 4.7 μF to 680 μF VOLTAGE RANGE 4 V to 50 V 4 V to 35 V 15 V to 35 V 4 V to 63 V 4 V to 50 V CAPACITANCE TOLERANCE ± 5 %, ± 10 %, ± 20 % ± 5 %, ± 10 %, ± 20 % ± 5 %, ± 10 %, ± 20 % ± 10 %, ± 20 % ± 10 %, ± 20 % LEAKAGE CURRENT 0.01 CV or 1.0 μA, whichever is greater 0.01 CV or 0.5 μA, whichever is greater DISSIPATION FACTOR 6 % to 10 % 6 % to 10 % 6 % to 12 % 6 % to 20 % 6 % to 14 % CASE CODES A, B, C, D, E, F, G, H A, B, C, D, E, F, G, H F, G, H V, E, F, R, Z, D, M, H, N B, C, D, R TERMINATION Gold plated; tin / lead; tin / lead solder fused Tin / lead SOLID TANTALUM CAPACITORS - CONFORMAL COATED SERIES T95 T96 T97 T98 PRODUCT IMAGE TYPE TANTAMOUNT™ chip, Hi-Rel COTS, conformal coated FEATURES High reliability High reliability, built in fuse High reliability, ultra low ESR, multi-anode High reliability, ultra low ESR, built in fuse, multi-anode TEMPERATURE RANGE -55 °C to +125 °C (above 85 °C, voltage derating is required) CAPACITANCE RANGE 0.15 μF to 680 μF 10 μF to 680 μF 10 μF to 1500 μF 10 μF to 1500 μF VOLTAGE RANGE 4 V to 50 V 4 V to 50 V 4 V to 75 V 4 V to 75 V CAPACITANCE TOLERANCE ± 10 %, ± 20 % ± 10 %, ± 20 % ± 10 %, ± 20 % ± 10 %, ± 20 % LEAKAGE CURRENT 0.01 CV or 0.5 μA, whichever is greater DISSIPATION FACTOR 4 % to 14 % 6 % to 14 % 6 % to 20 % 6 % to 10 % CASE CODES A, B, C, D, R, S, V, X, Y, Z R V, E, F, R, Z, D, M, H, N V, E, F, R, Z, M, H TERMINATION 100 % matte tin, tin / lead |
Similar Part No. - T96R106K050 |
|
Similar Description - T96R106K050 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |