Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T97F226M063 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # T97F226M063
Description  Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T97F226M063 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button T97F226M063 Datasheet HTML 5Page - Vishay Siliconix T97F226M063 Datasheet HTML 6Page - Vishay Siliconix T97F226M063 Datasheet HTML 7Page - Vishay Siliconix T97F226M063 Datasheet HTML 8Page - Vishay Siliconix T97F226M063 Datasheet HTML 9Page - Vishay Siliconix T97F226M063 Datasheet HTML 10Page - Vishay Siliconix T97F226M063 Datasheet HTML 11Page - Vishay Siliconix T97F226M063 Datasheet HTML 12Page - Vishay Siliconix T97F226M063 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Conformal Coated Guide
www.vishay.com
Vishay Sprague
Revision: 12-Sep-17
3
Document Number: 40150
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
COMMERCIAL PRODUCTS
SOLID TANTALUM CAPACITORS - CONFORMAL COATED
SERIES
592W
592D
591D
595D
594D
PRODUCT IMAGE
TYPE
Surface mount TANTAMOUNT™ chip, conformal coated
FEATURES
Low profile, robust
design for use in
pulsed applications
Low profile,
maximum CV
Low profile, low ESR,
maximum CV
Maximum CV
Low ESR,
maximum CV
TEMPERATURE
RANGE
-55 °C to +125 °C
(above 40 °C, voltage
deratig is required)
-55 °C to +125 °C (above 85 °C, voltage derating is required)
CAPACITANCE
RANGE
330 μF to 2200 μF
1 μF to 2200 μF
1 μF to 1500 μF
0.1 μF to 1500 μF
1 μF to 1500 μF
VOLTAGE RANGE
6 V to 10 V
4 V to 50 V
4 V to 50 V
4 V to 50 V
4 V to 50 V
CAPACITANCE
TOLERANCE
± 20 %
± 10 %, ± 20 %
± 10 %, ± 20 %
± 10 %, ± 20 %
± 10 %, ± 20 %
LEAKAGE
CURRENT
0.01 CV or 0.5 μA, whichever is greater
DISSIPATION
FACTOR
14 % to 45 %
4 % to 50 %
4 % to 50 %
4 % to 20 %
4 % to 20 %
CASE CODES
C, M, X
S, A, B, C, D, R, M, X
A, B, C, D, R, M
T, S, A, B, C,
D, G, M, R
B, C, D, R
TERMINATION
100 % matte tin
100 % matte tin standard, tin / lead and gold plated available
SOLID TANTALUM CAPACITORS - CONFORMAL COATED
SERIES
597D
572D
695D
195D
194D
PRODUCT IMAGE
TYPE
TANTAMOUNT™ chip, conformal coated
FEATURES
Ultra low ESR,
maximum CV,
multi-anode
Low profile,
maximum CV
Pad compatible with
194D and CWR06
US and European
case sizes
Industrial version of
CWR06 / CWR16
TEMPERATURE
RANGE
-55 °C to +125 °C (above 85 °C, voltage derating is required)
CAPACITANCE
RANGE
10 μF to 1500 μF
2.2 μF to 220 μF
0.1 μF to 270 μF
0.1 μF to 330 μF
0.1 μF to 330 μF
VOLTAGE RANGE
4 V to 75 V
4 V to 35 V
4 V to 50 V
2 V to 50 V
4 V to 50 V
CAPACITANCE
TOLERANCE
± 10 %, ± 20 %
LEAKAGE
CURRENT
0.01 CV or 0.5 μA, whichever is greater
DISSIPATION
FACTOR
6 % to 20 %
6 % to 26 %
4 % to 8 %
4 % to 8 %
4 % to 10 %
CASE CODES
V, D, E, R, F, Z, M, H
P, Q, S, A, B, T
A, B, D, E, F, G, H
C, S, V, X, Y, Z, R,
A, B, D, E, F, G, H
A, B, C, D, E, F, G, H
TERMINATION
100 % matte tin
standard, tin / lead
solder plated
available
100 % matte tin
standard, gold plated
available
100 % matte tin standard,
tin / lead and gold plated available
Gold plated standard;
tin / lead solder plated
and hot solder
dipped available


Similar Part No. - T97F226M063

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T97F227K020CAA VISHAY-T97F227K020CAA Datasheet
95Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Aug-08
T97F227K020CBA VISHAY-T97F227K020CBA Datasheet
95Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Aug-08
T97F227K020CSA VISHAY-T97F227K020CSA Datasheet
95Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Aug-08
T97F227K020CZA VISHAY-T97F227K020CZA Datasheet
95Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Aug-08
T97F227K020EAA VISHAY-T97F227K020EAA Datasheet
95Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Aug-08
More results

Similar Description - T97F226M063

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T97 VISHAY-T97_1 Datasheet
86Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 21-Jun-10
T97 VISHAY-T97 Datasheet
95Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Aug-08
T97R106K075LSA VISHAY-T97R106K075LSA Datasheet
103Kb / 7P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 25-Jun-13
T97 VISHAY-T97_11 Datasheet
98Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
Revision: 05-Dec-11
T95 VISHAY-T95_17 Datasheet
300Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Hi-Rel COTS, Conformal Coated
Revision: 10-Aug-17
T98 VISHAY-T98_17 Datasheet
284Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
T95 VISHAY-T95 Datasheet
95Kb / 6P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Hi-Rel COTS, Conformal Coated Case
Revision: 23-Jan-08
T96 VISHAY-T96_17 Datasheet
283Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Low ESR, Built-in-Fuse, Conformal Coated Case
Revision: 22-Jun-17
DLA13008 VISHAY-DLA13008 Datasheet
285Kb / 18P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Conformal Coated Case, Ultra Low ESR, DLA Approved
Revision: 26-Jan-16
597D VISHAY-597D_17 Datasheet
296Kb / 20P
   Solid Tantalum Chip Capacitors, TANTAMOUNT™, Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 21-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com