Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCL101A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MCL101A
Description  Small Signal Schottky Barrier Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MCL101A Datasheet(HTML) 2 Page - Vishay Siliconix

  MCL101A Datasheet HTML 1Page - Vishay Siliconix MCL101A Datasheet HTML 2Page - Vishay Siliconix MCL101A Datasheet HTML 3Page - Vishay Siliconix MCL101A Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MCL101A–MCL101C
Vishay Semiconductors
2 (4)
Rev. 3, 25-Jun-01
www.vishay.com
Document Number 85627
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
MCL101A
60
V
Reverse Breakdown Voltage
IR=10mA
MCL101B
V(BR)R
50
V
g
R
m
MCL101C
(BR)R
40
V
VR= 50 V
MCL101A
200
nA
Leakage current
VR= 40 V
MCL101B
IR
200
nA
g
VR= 30 V
MCL101C
R
200
nA
MCL101A
0.41
V
IF=1mA
MCL101B
VF
0.4
V
Forward voltage drop
F
MCL101C
F
0.39
V
Forward voltage drop
MCL101A
1
V
IF=15mA
MCL101B
VF
0.95
V
F
MCL101C
F
0.9
V
MCL101A
2.0
pF
Diode capacitance
VR= 0 V, f= 1MHz
MCL101B
CD
2.1
pF
R
MCL101C
D
2.2
pF
Characteristics (Tj = 25_C unless otherwise specified)
0.01
0.10
1.00
10.00
100.00
0
5
10 15 20 25 30 35 40 45 50
VR – Reverse Voltage ( V )
16204
Tj=25°C
Tj=50°C
Tj=75°C
Tj=100°C
Tj=125°C
Tj=150°C
Figure 1. Reverse Current vs. Reverse Voltage
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
5
10 15 20 25 30 35 40 45 50
VR – Reverse Voltage ( V )
16205
Tj=25
°C
Figure 2. Diode Capacitance vs. Reverse Voltage


Similar Part No. - MCL101A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCL101A VISHAY-MCL101A Datasheet
122Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.3, 07-Mar-06
logo
SEMTECH ELECTRONICS LTD...
MCL101A SEMTECH_ELEC-MCL101A Datasheet
174Kb / 2P
   SILICON SCHOTTKY BARRIER DIODES
logo
GOOD-ARK Electronics
MCL101A GOOD-ARK-MCL101A Datasheet
103Kb / 2P
   Small Signal Schottky Barrier Diodes
logo
Vishay Siliconix
MCL101A VISHAY-MCL101A Datasheet
164Kb / 5P
   Small Signal Schottky Diodes
Rev. 1.4, 05-Aug-10
MCL101A VISHAY-MCL101A Datasheet
149Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.4, 05-Aug-10
More results

Similar Description - MCL101A

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
SD103A TAITRON-SD103A Datasheet
238Kb / 3P
   Small Signal Schottky Barrier Diodes
logo
List of Unclassifed Man...
SBT10K45WS ETC1-SBT10K45WS Datasheet
46Kb / 3P
   Small-Signal Schottky Barrier Diodes
logo
GOOD-ARK Electronics
MCL101A GOOD-ARK-MCL101A Datasheet
103Kb / 2P
   Small Signal Schottky Barrier Diodes
LS101A GOOD-ARK-LS101A Datasheet
98Kb / 2P
   Small Signal Schottky Barrier Diodes
MCL103A GOOD-ARK-MCL103A Datasheet
96Kb / 2P
   Small Signal Schottky Barrier Diodes
BAT81S GOOD-ARK-BAT81S_15 Datasheet
103Kb / 2P
   Small Signal Schottky Barrier Diodes
BAS81 GOOD-ARK-BAS81 Datasheet
114Kb / 2P
   Small Signal Schottky Barrier Diodes
logo
List of Unclassifed Man...
SBT103AT ETC1-SBT103AT Datasheet
50Kb / 3P
   Small-Signal Schottky Barrier Diodes
logo
GOOD-ARK Electronics
BAS81 GOOD-ARK-BAS81_15 Datasheet
114Kb / 2P
   Small Signal Schottky Barrier Diodes
logo
List of Unclassifed Man...
SBT103AD ETC1-SBT103AD Datasheet
42Kb / 3P
   Small-Signal Schottky Barrier Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com