Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR10100CTR Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # MBR10100CTR
Description  10 Ampere Heat Sink Dual Common Anode Schottky Half Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

MBR10100CTR Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  MBR10100CTR Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. MBR10100CTR Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pb Free Plating Product
MBR10100CTR/MBR10150CTR/MBR10200CTR
Pb
10 Ampere Heat Sink Dual Common Anode Schottky Half Bridge Rectifiers
®
MBR10100CTR thru MBR10200CTR
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 1/2
Rev.07C
.196(5.00)
.054(1.39)
.038(0.96)
.419(10.66)
.139(3.55)
MIN
.163(4.16)
.045(1.15)
.019(0.50)
.025(0.65)MAX
.1(2.54)
.1(2.54)
.387(9.85)
TO-220AB
Unit : inch (mm)
Features
Low forward voltage drop
HMBR matured technology with high reliablity
High current capability
Case: Heatsink TO-220AB
High surge current capability
Weight: 2.0 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant
Application
Automotive Inverters/Solar Inverters
Plating Power Supply,SMPS and UPS
Car Audio Amplifiers and Sound Device Systems
Positive
Negative
Common Cathode
Case
Case
Case
Common Anode
Suffix "CT"
Case
Series
Tandem Polarity
Suffix "CTR"
Suffix "CTS"
Doubler
Tandem Polarity
Suffix "CTD"
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
IRRM
A
μA
mA
dV/dt
V/μs
RθJC
TJ
TSTG
0.95
0.97
Storage temperature range
- 55 to +175
Note 1: tp = 2.0 μs, 1.0KHz
Maximum reverse current @ rated VR
TJ=25 ℃
TJ=125 ℃
IR
V
Note 2: Pulse test with PW=300μs, 1% duty cycle
MBR10100CTR
Voltage rate of change (Rated VR)
10000
Typical thermal resistance
1.5
Operating junction temperature range
- 55 to +175
0.85
0.85
5
1
Peak repetitive reverse surge current (Note 1)
Maximum instantaneous forward voltage (Note 2)
IF= 5A, TJ=25℃
IF= 5A, TJ=125℃
IF=10A, TJ=25℃
IF=10A, TJ=125℃
VF
1.0
0.5
0.85
0.88
0.75
Peak repetitive forward current
(Rated VR, Square Wave, 20KHz)
IFRM
10
0.75
A
Peak forward surge current, 8.3 ms single half
sine-wave superimposed on rated load
IFSM
120
A
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
10
100
150
200
70
105
140
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
Maximum repetitive peak reverse voltage
UNIT
SYMBOL
PARAMETER
100
150
200
oC
oC/W
oC
MBR10150CTR
MBR10200CTR


Similar Part No. - MBR10100CTR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR10100CT DIODES-MBR10100CT Datasheet
64Kb / 2P
   10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30028 Rev. A-2
MBR10100CT DIODES-MBR10100CT Datasheet
325Kb / 5P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
MBR10100CT CHENYI-MBR10100CT Datasheet
243Kb / 2P
   10Amp schottky barrier rectifier 80-100 volts
logo
Littelfuse
MBR10100CT LITTELFUSE-MBR10100CT Datasheet
597Kb / 3P
   Low forward voltage drop
logo
Vishay Siliconix
MBR10100CT VISHAY-MBR10100CT Datasheet
134Kb / 5P
   Dual Common-Cathode High Voltage Schottky Rectifier
Revision: 26-Apr-10
More results

Similar Description - MBR10100CTR

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MBRF10100CTR THINKISEMI-MBRF10100CTR Datasheet
724Kb / 2P
   10 Ampere Insulated Dual Common Anode Schottky Half Bridge Rectifiers
VF30D20A THINKISEMI-VF30D20A Datasheet
1Mb / 3P
   30.0 Ampere Heat Sink Dual Common Anode High Efficiency Half Bridge Rectifiers
MBR3035PTR THINKISEMI-MBR3035PTR Datasheet
948Kb / 2P
   30 Amperes Heat Sink Dual Common Anode Schottky Half Bridge Rectifiers
MBR4035PTR THINKISEMI-MBR4035PTR Datasheet
401Kb / 2P
   40.0 Amperes Heat Sink Dual Common Anode Schottky Half Bridge Rectifiers
S20D35A THINKISEMI-S20D35A Datasheet
922Kb / 2P
   20.0 Amperes Heat Sink Dual Common Anode Schottky Half Bridge Rectifiers
S30D35A THINKISEMI-S30D35A Datasheet
560Kb / 2P
   30.0 Amperes Heat Sink Dual Common Anode Schottky Half Bridge Rectifiers
MBR2045CTR THINKISEMI-MBR2045CTR Datasheet
835Kb / 2P
   20 Amperes Heat Sink Dual Common Anode Schottky Half Bridge Rectifiers
MBR4035PTR THINKISEMI-MBR4035PTR_17 Datasheet
401Kb / 2P
   40.0 Amperes Heat Sink Dual Common Anode Schottky Half Bridge Rectifiers
UF30D20A THINKISEMI-UF30D20A Datasheet
1Mb / 3P
   30.0 Ampere Heat Sink Dual Common Anode Ultra Fast Recovery Half Bridge Rectifiers
MBR20100CTR THINKISEMI-MBR20100CTR Datasheet
350Kb / 2P
   20 Ampere Heatsink Dual Common Anode Schottky Half Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com