Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6679BBPZRL7-500 Datasheet(PDF) 8 Page - Analog Devices

Part # AD6679BBPZRL7-500
Description  135 MHz BW IF Diversity Receiver
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6679BBPZRL7-500 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD6679BBPZRL7-500 Datasheet HTML 4Page - Analog Devices AD6679BBPZRL7-500 Datasheet HTML 5Page - Analog Devices AD6679BBPZRL7-500 Datasheet HTML 6Page - Analog Devices AD6679BBPZRL7-500 Datasheet HTML 7Page - Analog Devices AD6679BBPZRL7-500 Datasheet HTML 8Page - Analog Devices AD6679BBPZRL7-500 Datasheet HTML 9Page - Analog Devices AD6679BBPZRL7-500 Datasheet HTML 10Page - Analog Devices AD6679BBPZRL7-500 Datasheet HTML 11Page - Analog Devices AD6679BBPZRL7-500 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
Data Sheet
AD6679
Rev. B | Page 7 of 81
Parameter1
Temperature
Min
Typ
Max
Unit
SPURIOUS FREE DYNAMIC RANGE (SFDR), SECOND OR THIRD HARMONIC3
VDR Mode (Input Mask Not Triggered)
fIN = 10 MHz
25°C
83
dBFS
fIN = 170 MHz
Full
76
85
dBFS
fIN = 340 MHz
25°C
82
dBFS
fIN = 450 MHz
25°C
86
dBFS
fIN = 765 MHz
25°C
81
dBFS
fIN = 985 MHz
25°C
76
dBFS
fIN = 1950 MHz
25°C
69
dBFS
WORST OTHER (EXCLUDING SECOND OR THIRD HARMONIC)3
VDR Mode (Input Mask Not Triggered)
fIN = 10 MHz
25°C
−93
dBFS
fIN = 170 MHz
Full
−94
dBFS
fIN = 340 MHz
25°C
−90
dBFS
fIN = 450 MHz
25°C
−92
dBFS
fIN = 765 MHz
25°C
−89
dBFS
fIN = 985 MHz
25°C
−89
dBFS
fIN = 1950 MHz
25°C
−85
dBFS
TWO-TONE INTERMODULATION DISTORTION (IMD)3, AIN1 AND AIN2 = −7.0 dBFS
fIN1 = 185 MHz, fIN2 = 188 MHz
25°C
−88
dBFS
fIN1 = 338 MHz, fIN2 = 341 MHz
25°C
−87
dBFS
CROSSTALK4
25°C
95
dB
FULL POWER BANDWIDTH
25°C
2
GHz
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2
Noise density is measured at a low analog input frequency (30 MHz).
3
See Table 11 for the recommended settings for full-scale voltage and buffer control settings.
4
Crosstalk is measured at 185 MHz with a −1.0 dBFS analog input on one channel and no input on the adjacent channel.
DIGITAL SPECIFICATIONS
AVDD1 = 1.25 V, AVDD2 = 2.50 V, AVDD3 = 3.3 V, DVDD = 1.25 V, DRVDD = 1.25 V, SPIVDD = 1.8 V, specified maximum sampling
rate, 1.0 V internal reference, AIN = −1.0 dBFS, clock divider = 2, default SPI settings, unless otherwise noted.
Table 3.
Parameter
Temperature
Min
Typ
Max
Unit
CLOCK INPUTS (CLK+, CLK−)
Logic Compliance
Full
LVDS/LVPECL
Differential Input Voltage
Full
600
1200
1800
mV p-p
Input Common-Mode Voltage
Full
0.85
V
Input Resistance (Differential)
Full
35
kΩ
Input Capacitance
Full
2.5
pF
SYSTEM REFERENCE INPUTS (SYNC+, SYNC−)
Logic Compliance
Full
LVDS/LVPECL
Differential Input Voltage
Full
400
1200
1800
mV p-p
Input Common-Mode Voltage
Full
0.6
0.85
2.0
V
Input Resistance (Differential)
Full
35
kΩ
Input Capacitance (Differential)
Full
2.5
pF
LOGIC INPUTS (SDIO, SCLK, CSB, PDWN/STBY)
Logic Compliance
Full
CMOS
Logic 1 Voltage
Full
0.8 × SPIVDD
V
Logic 0 Voltage
Full
0
0.2 × SPIVDD
V
Input Resistance
Full
30
kΩ


Similar Part No. - AD6679BBPZRL7-500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6679BBPZRL7-500 AD-AD6679BBPZRL7-500 Datasheet
1Mb / 81P
   135 MHz BW IF Diversity Receiver
More results

Similar Description - AD6679BBPZRL7-500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6679 AD-AD6679 Datasheet
1Mb / 81P
   135 MHz BW IF Diversity Receiver
AD6674 AD-AD6674_17 Datasheet
4Mb / 97P
   385 MHz BW IF Diversity Receiver
AD6674 AD-AD6674 Datasheet
2Mb / 91P
   385 MHz BW IF Diversity Receiver
AD6684 AD-AD6684 Datasheet
2Mb / 107P
   135 MHz Quad IF Receiver
AD6655ABCPZ-80 AD-AD6655ABCPZ-80 Datasheet
2Mb / 88P
   IF Diversity Receiver
REV. A
AD6649 AD-AD6649_17 Datasheet
1Mb / 41P
   IF Diversity Receiver
AD6655 AD-AD6655_17 Datasheet
2Mb / 85P
   IF Diversity Receiver
AD6655 AD-AD6655 Datasheet
2Mb / 84P
   IF Diversity Receiver
REV. 0
AD6653 AD-AD6653 Datasheet
2Mb / 80P
   IF Diversity Receiver
REV. 0
AD6649 AD-AD6649_14 Datasheet
1Mb / 40P
   IF Diversity Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com