Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGB40T65SPD Datasheet(PDF) 9 Page - ON Semiconductor

Part # FGB40T65SPD
Description  Field Stop Trench IGBT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FGB40T65SPD Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FGB40T65SPD Datasheet HTML 3Page - ON Semiconductor FGB40T65SPD Datasheet HTML 4Page - ON Semiconductor FGB40T65SPD Datasheet HTML 5Page - ON Semiconductor FGB40T65SPD Datasheet HTML 6Page - ON Semiconductor FGB40T65SPD Datasheet HTML 7Page - ON Semiconductor FGB40T65SPD Datasheet HTML 8Page - ON Semiconductor FGB40T65SPD Datasheet HTML 9Page - ON Semiconductor FGB40T65SPD Datasheet HTML 10Page - ON Semiconductor FGB40T65SPD Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
©Semiconductor Components Industries, LLC, 2016
8
www.onsemi.com
November 2016 - Rev. 1.0
Typical Performance Characteristics
Figure 24. Transient Thermal Impedance of IGBT
Figure 25. Transient Thermal Impedance of Diode
NOTES:
DUTY FACTOR: D = t
1/t2
PEAK TJ = PDM x ZθJA x RθJA + TC
P
DM
t
1
t
2
NOTES:
DUTY FACTOR: D = t
1/t2
PEAK T
J = PDM x Z
θJA x RθJA + TC
P
DM
t
1
t2


Similar Part No. - FGB40T65SPD

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FGB40T65SPD ISC-FGB40T65SPD Datasheet
370Kb / 3P
   Field-Stop Trench IGBT
More results

Similar Description - FGB40T65SPD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGH75T65SHDTLN4 ONSEMI-FGH75T65SHDTLN4 Datasheet
465Kb / 9P
   IGBT - Field Stop, Trench IGBT - Field Stop, Trench
November, 2019 ??Rev. P2
AFGHL40T65SPD ONSEMI-AFGHL40T65SPD Datasheet
407Kb / 10P
   Field Stop Trench IGBT
September, 2020 ??Rev. 5
FGH40T65UQDF ONSEMI-FGH40T65UQDF Datasheet
1Mb / 11P
   Field Stop Trench IGBT
December 2016 Rev. 1.0
AFGHL75T65SQ ONSEMI-AFGHL75T65SQ Datasheet
246Kb / 9P
   Field Stop Trench IGBT
July, 2020 ??Rev. 0
FGH75T65SQDTL4 ONSEMI-FGH75T65SQDTL4 Datasheet
848Kb / 10P
   Field Stop Trench IGBT
February 2017 Rev. 1.0
logo
SemiHow Co.,Ltd.
HIH30N120TF SEMIHOW-HIH30N120TF Datasheet
892Kb / 8P
   1200V Field Stop Trench IGBT
logo
Microsemi Corporation
APTCV60TLM24T3G MICROSEMI-APTCV60TLM24T3G Datasheet
306Kb / 13P
   CoolMOS & Trench Field Stop IGBT
logo
Inchange Semiconductor ...
IXGA30N120 ISC-IXGA30N120 Datasheet
348Kb / 3P
   Trench gate Field-Stop IGBT
2023-8-14
FGHL75T65LQDT ISC-FGHL75T65LQDT Datasheet
405Kb / 4P
   Trench and Field Stop IGBT
FS75R17KE3-ISGM2006 ISC-FS75R17KE3-ISGM2006 Datasheet
427Kb / 6P
   Trench gate Field-Stop IGBT
2023-9-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com