Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G241GT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVC2G241GT
Description  Dual buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G241GT Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVC2G241GT Datasheet HTML 1Page - NXP Semiconductors 74LVC2G241GT Datasheet HTML 2Page - NXP Semiconductors 74LVC2G241GT Datasheet HTML 3Page - NXP Semiconductors 74LVC2G241GT Datasheet HTML 4Page - NXP Semiconductors 74LVC2G241GT Datasheet HTML 5Page - NXP Semiconductors 74LVC2G241GT Datasheet HTML 6Page - NXP Semiconductors 74LVC2G241GT Datasheet HTML 7Page - NXP Semiconductors 74LVC2G241GT Datasheet HTML 8Page - NXP Semiconductors 74LVC2G241GT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
2005 Feb 02
5
Philips Semiconductors
Product specification
Dual buffer/line driver with 5 V
tolerant inputs/outputs; 3-state
74LVC2G241
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V).
Notes
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. When VCC = 0 V (Power-down mode), the output voltage can be 5.5 V in normal operation.
3. Above 110
°C the value of Ptot derates linearly with 8 mW/K.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
1.65
5.5
V
VI
input voltage
0
5.5
V
VO
output voltage
VCC = 1.65 V to 5.5 V; enable
mode
0VCC
V
VCC = 1.65 V to 5.5 V; disable
mode
0
5.5
V
VCC = 0 V; Power-down mode
0
5.5
V
Tamb
operating ambient temperature
−40
+125
°C
tr, tf
input rise and fall times
VCC = 1.65 V to 2.7 V
0
20
ns/V
VCC = 2.7 V to 5.5 V
0
10
ns/V
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
−0.5
+6.5
V
IIK
input diode current
VI <0 V
−−50
mA
VI
input voltage
note 1
−0.5
+6.5
V
IOK
output diode current
VO >VCC or VO <0V
−±50
mA
VO
output voltage
enable mode; notes 1 and 2
−0.5
VCC + 0.5 V
disable mode; notes 1 and 2
−0.5
+6.5
V
Power-down mode; notes 1 and 2
−0.5
+6.5
V
IO
output source or sink current
VO =0VtoVCC
−±50
mA
ICC, IGND
VCC or GND current
−±100
mA
Tstg
storage temperature
−65
+150
°C
Ptot
power dissipation
Tamb = −40 °C to +125 °C; note 3
300
mW


Similar Part No. - 74LVC2G241GT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G241GT NXP-74LVC2G241GT Datasheet
98Kb / 17P
   Dual buffer/line driver; 3-state
Rev. 07-5 October 2007
74LVC2G241GT NXP-74LVC2G241GT Datasheet
111Kb / 18P
   Dual buffer/line driver; 3-state
Rev. 09-10 June 2008
logo
Nexperia B.V. All right...
74LVC2G241GT NEXPERIA-74LVC2G241GT Datasheet
274Kb / 18P
   Dual buffer/line driver; 3-state
Rev. 16 - 31 July 2019
More results

Similar Description - 74LVC2G241GT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G240 PHILIPS-74LVC2G240 Datasheet
90Kb / 20P
   Dual buffer/line driver with 5 V tolerant inputs/outputs; inverting; 3-state
2003 Mar 11
logo
Nexperia B.V. All right...
74LVC541A NEXPERIA-74LVC541A Datasheet
253Kb / 13P
   Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 6 - 27 August 2021
logo
NXP Semiconductors
74LVC244A PHILIPS-74LVC244A_03 Datasheet
103Kb / 17P
   Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
2003 Oct 30
logo
Nexperia B.V. All right...
74LVC541A-Q100 NEXPERIA-74LVC541A-Q100 Datasheet
713Kb / 16P
   Octal buffer/line driver with 5 V tolerant inputs/outputs;3-state
logo
NXP Semiconductors
74LVC541A PHILIPS-74LVC541A_15 Datasheet
294Kb / 17P
   Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4-25 November 2011
74LVC240A PHILIPS-74LVC240A_15 Datasheet
265Kb / 17P
   Octal buffer/line driver with 5 V tolerant inputs/outputs; inverting; 3-state
Rev. 8-29 November 2011
logo
Nexperia B.V. All right...
74LVC827A NEXPERIA-74LVC827A Datasheet
1Mb / 16P
   10-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4 - 25 November 2011
74LVC16241A NEXPERIA-74LVC16241A Datasheet
216Kb / 12P
   16-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 5 - 26 April 2019
logo
NXP Semiconductors
74LVC16241A PHILIPS-74LVC16241A_15 Datasheet
186Kb / 17P
   16-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4-26 October 2011
74LVC827A PHILIPS-74LVC827A_15 Datasheet
232Kb / 16P
   10-bit buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4-25 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com