Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3012AIDBVRG4 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TLV3012AIDBVRG4
Description  Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TLV3012AIDBVRG4 Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button TLV3012AIDBVRG4 Datasheet HTML 4Page - Burr-Brown (TI) TLV3012AIDBVRG4 Datasheet HTML 5Page - Burr-Brown (TI) TLV3012AIDBVRG4 Datasheet HTML 6Page - Burr-Brown (TI) TLV3012AIDBVRG4 Datasheet HTML 7Page - Burr-Brown (TI) TLV3012AIDBVRG4 Datasheet HTML 8Page - Burr-Brown (TI) TLV3012AIDBVRG4 Datasheet HTML 9Page - Burr-Brown (TI) TLV3012AIDBVRG4 Datasheet HTML 10Page - Burr-Brown (TI) TLV3012AIDBVRG4 Datasheet HTML 11Page - Burr-Brown (TI) TLV3012AIDBVRG4 Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TLV3011, TLV3012
SBOS300B
8
www.ti.com
FIGURE 3. TLV3011 Configured as a Low Battery Level Detector.
APPLICATIONS INFORMATION
The TLV3011 is a low-power, open-drain comparator with
on-chip 1.242V series reference. The open-drain output
allows multiple devices to be driven by a single pull-up
resistor to accomplish an OR function, making the TLV3011
useful for logic applications.
The TLV3012 comparator with on-chip 1.242V series refer-
ence has a push-pull output stage optimal for reduced power
budget applications and features no shoot-through current.
A typical supply current of 2.8
µA and tiny packaging combine
with 1.8V supply requirements to make the TLV3011 and
TLV3012 optimal for battery and portable designs.
BOARD LAYOUT
Typical connections for the TLV3011 and TLV3012 are
shown in Figure 1. The TLV3011 is an open-drain output
device. A pull-up resistor must be connected between the
comparator output and supply to enable operation.
To minimize supply noise, power supplies should be capaci-
tively decoupled by a 0.01
µF ceramic capacitor in parallel
with a 10
µF electrolytic capacitor. Comparators are sensitive
to input noise, and precautions such as proper grounding
(use of ground plane), supply bypassing, and guarding of
high-impedance nodes will minimize the effects of noise and
help to ensure specified performance.
FIGURE 1. Basic Connections of the TLV3011 and TLV3012.
FIGURE 2. Adding Hysteresis.
may be added by connecting a small amount of feedback to
the positive input. Figure 2 shows a typical topology used to
introduce hysteresis, described by the equation:
V
VR
RR
HYST =
×
+
+
1
12
V
IN–
V
IN+
V
OUT
0.01
µF
10
µF
R
PULL-UP
(1)
10k
V+
4
3
5
REF
2
V–
1
6
TLV301x
NOTE: (1) Use R
PULL-UP with the TLV3011 only.
OPEN-DRAIN OUTPUT (TLV3011)
The open-drain output of the TLV3011 is useful in logic
applications. The value of the pull-up resistor and supply
voltage used will affect current consumption due to additional
current drawn when the output is in a low state. This effect
can be seen in the typical curve
Quiescent Current vs Output
Switching Frequency.
EXTERNAL HYSTERESIS
Comparator inputs have no noise immunity within the range
of specified offset voltage (
±12mV). For noisy input signals,
the comparator output may display multiple switching as
input signals move through the switching threshold. The
typical comparator threshold of the TLV3011 and TLV3012 is
±0.5mV. To prevent multiple switching within the comparator
threshold of the TLV3011 or TLV3012, external hysteresis
VHYST will set the value of the transition voltage required to
switch the comparator output by increasing the threshold
region, thereby reducing sensitivity to noise.
APPLICATIONS
BATTERY LEVEL DETECT
The low power consumption and 1.8V supply voltage of the
TLV3011 make it an excellent candidate for battery-powered
applications. Figure 3 shows the TLV3011 configured as a
low battery level detector for a 3V battery.
Battery Okay Trip Voltage
RR
R
−=
+
1 242
2
12
.
TLV301x
V
IN
V
OUT
R
PULL-UP
(1)
V+
5.0V
V
REF
R
1
39k
R
2
560k
REF
V
HYST = 0.38V
NOTE: (1) Use R
PULL-UP with the TLV3011 only.
Battery
Okay
R
1
1M
R
2
2M
R
PULL-UP
(1)
TLV301x
When the battery voltage drops below 1.9V,
the battery-okay output will go low.
NOTE: (1) Use R
PULL-UP with the TLV3011 only.
REF
1.242V
+


Similar Part No. - TLV3012AIDBVRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV3012AIDBVRG4 BURR-BROWN-TLV3012AIDBVRG4 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Texas Instruments
TLV3012AIDBVRG4 TI-TLV3012AIDBVRG4 Datasheet
1Mb / 40P
[Old version datasheet]   TLV3011, TLV3012, TLV3011B and TLV3012B Low-Power Comparators With Integrated 1.24 V Voltage Reference
REVISED APRIL 2023
More results

Similar Description - TLV3012AIDBVRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Silicon Laboratories
TSM917 SILABS-TSM917 Datasheet
1Mb / 15P
   1.8V Nanopower Comparator with Internal 1.245V Reference
logo
Touchstone Semiconducto...
TSM917 TOUCHSTONE-TSM917 Datasheet
686Kb / 14P
   1.8V Nanopower Comparator with Internal 1.245V Reference
logo
Linear Technology
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
   Nanopower Comparator with Reference
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
logo
Maxim Integrated Produc...
MAX9015AEKAT MAXIM-MAX9015AEKAT Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
MAX9015 MAXIM-MAX9015_09 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9015 MAXIM-MAX9015 Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
logo
Linear Technology
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
   Nanopower Comparator with Reference
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
[Old version datasheet]   NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com