Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM186-5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OM186-5
Description  7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM186-5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OM186-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers OM186-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers OM186-5 Datasheet HTML 3Page - List of Unclassifed Manufacturers OM186-5 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3.3 - 67
3.3
OM183-5SC - OM186-15ST
ELECTRICAL CHARACTERISTICS (T
C = 25°C unless otherwise noted)
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage
OM183/4/5/6 - 5 V
I
OUT = 0 mA, Tj = 25°C, VIN = 8 V
4.95
5.0
5.05
V
0
≤ I
OUT
≤ I
FULL LOAD, 6.5 V
≤ V
IN
≤ 30 V
4.90
5.0
5.10
V
OM183/4/5/6 - 12 V
I
OUT = 0 mA, Tj = 25°C, VIN = 15 V
11.88
12.0
12.12
V
0
≤ I
OUT
≤ I
FULL LOAD, 13.5 V
≤ V
IN
≤ 30 V
11.76
12.0
12.24
V
OM183/4/5/6 - 15 V
I
OUT = 0 mA, Tj = 25°C, VIN = 20 V
14.85
15.0
15.15
V
0
≤ I
OUT
≤ I
FULL LOAD, 17.5 V
≤ V
IN
≤ 30 V
14.70
15.0
15.30
V
Line Regulation
OM183/4/5/6 - 5 V
I
OUT = 0 mA, Tj = 25°C, 6.5 V
≤ V
IN
≤ 20 V
0.5
10
mV
1.0
10
mV
6.5 V
≤ V
IN
≤ 30 V
2.0
25
mV
OM183/4/5/6 - 12 V
I
OUT = 0 mA, Tj = 25°C, 13.5 V
≤ V
IN
≤ 25 V
1.0
25
mV
2.0
25
mV
13.5 V
≤ V
IN
≤ 30 V
4.0
60
mV
OM183/4/5/6 - 15 V
I
OUT = 0 mA, Tj = 25°C, 17.5 V
≤ V
IN
≤ 25 V
2.0
50
mV
4.0
50
mV
17.5 V
≤ V
IN
≤ 30 V
8.0
100
mV
Load Regulation
OM183/4/5/6 - 5 V
V
IN = 8 V, 0
≤ I
OUT
≤ I
FULL LOAD,5
20
mV
T
j = 25°C
10
35
mV
OM183/4/5/6 - 12 V
V
IN = 15 V, 0
≤ I
OUT
≤ I
FULL LOAD,12
36
mV
T
j = 25°C
24
72
mV
OM183/4/5/6 - 15 V
V
IN = 20 V, 0
≤ I
OUT
≤ I
FULL LOAD,20
40
mV
T
j = 25°C
40
100
mV
Current Limit
OM183 - 5 V
V
IN = 10 V
7.5
9.5
A
OM183 - 12 V
V
IN = 17 V
7.5
9.5
A
OM183 - 15 V
V
IN = 20 V
7.5
9.5
A
OM184 - 5 V
V
IN = 10 V
5.0
6.5
A
OM184 - 12 V
V
IN = 17 V
5.0
6.5
A
OM184 - 15 V
V
IN = 20 V
5.0
6.5
A
OM185 - 5 V
V
IN = 10 V
3.0
4.0
A
OM185 - 12 V
V
IN = 17 V
3.0
4.0
A
OM185 - 15 V
V
IN = 20 V
3.0
4.0
A
OM186 - 5 V
V
IN = 10 V
1.5
1.8
A
OM186 - 12 V
V
IN = 17 V
1.5
1.8
A
OM186 - 15 V
V
IN = 20 V
1.5
1.8
A
Dropout Voltage
OM183/4/5/6 - 5 V
∆V
OUT = 50 mV, IOUT = IFULL LOAD
6.3
6.5
V
OM183/4/5/6 - 12 V
∆V
OUT = 120 mV, IOUT = IFULL LOAD
13.3
13.5
V
OM183/4/5/6 - 15 V
∆V
OUT = 180 mV, IOUT = IFULL LOAD
17.3
17.5
V
Quiescent Current
V
IN
≤ 30 V
5.0
10.0
mA
Thermal Regulation
T
A = 25°C, 30 ms pulse
OM183 - 5/12/15 V
0.002
0.01
%/W
OM184 - 5/12/15 V
0.003
0.015
%/W
OM185 - 5/12/15 V
0.004
0.02
%/W
OM186 - 5/12/15 V
0.008
0.04
%/W
Ripple Rejection
f = 120 Hz, C
OUT = 25 µF Tantalum
I
OUT = IFULL LOAD
OM183/4/5/6 - 5 V
V
IN = 8 V
63
dB
OM183/4/5/6 - 12 V
V
IN = 15 V
55
dB
OM183/4/5/6 - 15 V
VIN = 20 V
60
dB
Temperature Stability
0.5
%
Long Term Stability
T
A = 125°C, 1000 Hrs.
0.03
1.0
%
RMS Output Noise (% of V
OUT)TA = 25°C, 10 Hz
≤ f ≤ 10 kHz
0.003
%
Thermal Resistance
Junction-To-Case
TO-257AA
3.5
°C/W
TO-258AA
2.75
°C/W


Similar Part No. - OM186-5

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM186-5 IRF-OM186-5 Datasheet
18Kb / 2P
   SURFACE MOUNT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATORS
OM186-5NM IRF-OM186-5NM Datasheet
18Kb / 2P
   SURFACE MOUNT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATORS
OM186-5SM IRF-OM186-5SM Datasheet
35Kb / 2P
   SURFACE MOUNT LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
More results

Similar Description - OM186-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1084 LINER-LT1084_15 Datasheet
291Kb / 22P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085IT-12 LINER-LT1085IT-12 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1085CT-33 LINER-LT1085CT-33 Datasheet
148Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1084 LINER-LT1084_V01 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1083 LINER-LT1083 Datasheet
287Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Integrated Syste...
LT1083 LINEAR-LT1083_1 Datasheet
142Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
List of Unclassifed Man...
OM183SC ETC-OM183SC Datasheet
59Kb / 5P
   7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085 LINER-LT1085_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1085IT-12 LINER-LT1085IT-12 Datasheet
187Kb / 12P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com