Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16541DT Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # 16541DT
Description  Fast CMOS 16-Bit Octal Buffer/Line Drivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

16541DT Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  16541DT Datasheet HTML 1Page - Pericom Semiconductor Corporation 16541DT Datasheet HTML 2Page - Pericom Semiconductor Corporation 16541DT Datasheet HTML 3Page - Pericom Semiconductor Corporation 16541DT Datasheet HTML 4Page - Pericom Semiconductor Corporation 16541DT Datasheet HTML 5Page - Pericom Semiconductor Corporation 16541DT Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PI74FCT16541/162541/162H541T
16-BIT BUFFER/LINE DRIVERS
233
PS2037A 03/11/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Power Supply Characteristics
Parameters Description
Test Conditions
(1)
Min.
Typ
(2)
Max.
Units
ICC
Quiescent Power
VCC = Max.
VIN = GND or VCC
0.1
500
µA
Supply Current
∆ICC
Supply Current per
VCC = Max.
VIN = 3.4V
(3)
0.5
1.5
mA
Input @ TTL HIGH
ICCD
Supply Current per
VCC = Max.,
VIN = VCC
60
100
µA/
Input per MHz
(4)
Outputs Open
VIN = GND
MHz
X
OE = GND
One Bit Toggling
50% Duty Cycle
IC
Total Power Supply
VCC = Max.,
VIN = VCC
0.6
1.5
(5)
mA
Current
(6)
Outputs Open
VIN = GND
fI = 10 MHZ
50% Duty Cycle
X
OE = GND
One Bit Toggling
VIN = 3.4V
0.9
2.3
(5)
VIN = GND
VCC = Max.,
VIN = VCC
2.4
4.5
(5)
Outputs Open
VIN = GND
fI = 2.5 MHZ
50% Duty Cycle
X
OE = GND
16 Bits Toggling
VIN = 3.4V
6.4
16.5
(5)
VIN = GND
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at Vcc = 5.0V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V); all other inputs at Vcc or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the Icc formula. These limits are guaranteed but not tested.
6. IC =IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fCP/2 + fINI)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
fI = Input Frequency
NI = Number of Inputs at fI
All currents are in milliamps and all frequencies are in megahertz.


Similar Part No. - 16541DT

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
16541 COOPER-16541 Datasheet
197Kb / 3P
   Power Distribution & Terminal Blocks
More results

Similar Description - 16541DT

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT16244T PERICOM-PI74FCT16244T_07 Datasheet
504Kb / 9P
   Fast CMOS 16-Bit Buffer/Line Drivers
PI74FCT162244T PERICOM-PI74FCT162244T Datasheet
55Kb / 6P
   Fast CMOS 16-Bit Buffer/Line Drivers
PI74FCT16240T PERICOM-PI74FCT16240T Datasheet
64Kb / 6P
   Fast CMOS 16-Bit Buffer /Line Drivers
PI74FCT244T PERICOM-PI74FCT244T Datasheet
434Kb / 7P
   Fast CMOS Octal Buffer/Line Drivers
logo
Integrated Device Techn...
74541 IDT-74541 Datasheet
230Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
DECEMBER 1995
IDT74FC240T IDT-IDT74FC240T Datasheet
185Kb / 9P
   FAST CMOS OCTAL BUFFER/LINE DRIVERS
logo
Pericom Semiconductor C...
PI74FCT240T PERICOM-PI74FCT240T Datasheet
135Kb / 6P
   Fast CMOS Octal Buffer/Line Drivers
PI74FCT244T PERICOM-PI74FCT244T_06 Datasheet
730Kb / 8P
   Fast CMOS Octal Buffer/Line Drivers
PI74FCT162244MT PERICOM-PI74FCT162244MT Datasheet
71Kb / 8P
   Fast CMOS 16-Bit Heavy Buffer/Line Drivers
logo
Renesas Technology Corp
IDT74FCT166244AT RENESAS-IDT74FCT166244AT Datasheet
238Kb / 7P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com