Electronic Components Datasheet Search |
|
SD453N16S20PC Datasheet(PDF) 3 Page - International Rectifier |
|
SD453N16S20PC Datasheet(HTML) 3 Page - International Rectifier |
3 / 10 page SD453N/R Series 3 Bulletin I2076 rev. A 09/94 www.irf.com T J Max. junction operating temperature range -40 to 150 T stg Max. storage temperature range -40 to 150 R thJC Max. thermal resistance, junction to case 0.1 DC operation R thCS Max. thermal resistance, case Mounting surface, smooth, flat and to heatsink greased T Mounting torque, ± 10% 50 Nm Not lubricated threads wt Approximate weight 454 g Case style B - 8 See Outline Table °C 0.04 Parameter Units Conditions K/W Thermal and Mechanical Specifications SD453N/R S20 S30 180° 0.010 0.010 0.008 0.008 T J = T J max. 120° 0.014 0.014 0.014 0.014 90° 0.017 0.017 0.019 0.019 K/W 60° 0.025 0.025 0.026 0.026 30° 0.042 0.042 0.042 0.042 Conduction angle Units Conditions S20 S30 S20 S30 ∆R thJ-hs Conduction (The following table shows the increment of thermal resistence R thJ-hs when devices operate at different conduction angles than DC) Sinusoidal conduction Rectangular conduction Ordering Information Table SD 45 3 N 25 S30 P S C 1 2 3 4 5 6 7 Device Code 8 9 1 - Diode 2 - Essential part number 3 - 3 = Fast recovery 4 - N = Stud Normal Polarity (Cathode to Stud) R = Stud Reverse Polarity (Anode to Stud) 5 - Voltage code: Code x 100 = V RRM (see Voltage Ratings table) 6 -t rr code (see Recovery Characteristics table) 7 - P = Stud base B-8 3/4" 16UNF-2A M = Stud base B-8 M24 X 1.5 8 -7 S = Isolated lead with silicone sleeve (Red = Reverse Polarity; Blue = Normal Polarity) None = Not isolated lead T = Threaded Top Terminal 3/8" 24UNF-2A 9 - C = Ceramic housing |
Similar Part No. - SD453N16S20PC |
|
Similar Description - SD453N16S20PC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |