Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCWMVSG.EC Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LCWMVSG.EC
Description  Small size high-flux LED for slim designs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWMVSG.EC Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LCWMVSG.EC Datasheet HTML 4Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 5Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 6Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 7Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 8Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 9Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 10Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 11Page - OSRAM GmbH LCWMVSG.EC Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
2014-02-21
8
Version 1.0
LCW MVSG.EC
5E
0.3162
0.3282
6M
0.3773
0.3726
9U
0.4562
0.4260
0.3170
0.3212
0.3799
0.3828
0.4609
0.4352
0.3216
0.3334
0.3853
0.3776
0.4625
0.4275
0.3221
0.3262
0.3885
0.3882
0.4674
0.4367
6E
0.3154
0.3352
7M
0.3799
0.3828
4V
0.4379
0.3813
0.3162
0.3282
0.3826
0.3931
0.4428
0.3906
0.3210
0.3408
0.3885
0.3882
0.4432
0.3826
0.3216
0.3334
0.3916
0.3987
0.4483
0.3918
7E
0.3146
0.3422
8M
0.3826
0.3931
5V
0.4428
0.3906
0.3154
0.3352
0.3853
0.4033
0.4477
0.3998
0.3205
0.3481
0.3916
0.3987
0.4483
0.3918
0.3210
0.3408
0.3947
0.4093
0.4534
0.4011
8E
0.3138
0.3492
4N
0.3791
0.3564
6V
0.4477
0.3998
0.3146
0.3422
0.3822
0.3670
0.4526
0.4090
0.3200
0.3554
0.3862
0.3607
0.4534
0.4011
0.3205
0.3481
0.3898
0.3716
0.4585
0.4104
4F
0.3222
0.3243
5N
0.3822
0.3670
7V
0.4526
0.4090
0.3228
0.3169
0.3853
0.3776
0.4576
0.4182
0.3294
0.3306
0.3898
0.3716
0.4585
0.4104
0.3295
0.3228
0.3934
0.3825
0.4636
0.4197
5F
0.3217
0.3316
6N
0.3853
0.3776
8V
0.4576
0.4182
0.3222
0.3243
0.3885
0.3882
0.4625
0.4275
0.3293
0.3384
0.3934
0.3825
0.4636
0.4197
0.3294
0.3306
0.3970
0.3935
0.4688
0.4290
6F
0.3212
0.3389
7N
0.3885
0.3882
9V
0.4625
0.4275
0.3217
0.3316
0.3916
0.3987
0.4674
0.4367
0.3292
0.3461
0.3970
0.3935
0.4688
0.4290
0.3293
0.3384
0.4006
0.4044
0.4739
0.4382
7F
0.3207
0.3462
8N
0.3916
0.3987
4W
0.4432
0.3826
0.3212
0.3389
0.3947
0.4093
0.4483
0.3918
0.3291
0.3539
0.4006
0.4044
0.4485
0.3838
0.3292
0.3461
0.4042
0.4153
0.4538
0.3931
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy


Similar Part No. - LCWMVSG.EC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWMVSG.EC-AZBZ-4R9T-1 OSRAM-LCWMVSG.EC-AZBZ-4R9T-1 Datasheet
1Mb / 26P
   Automotive Interior Lighting
LCWMVSG.EC-AZBZ-4U9X OSRAM-LCWMVSG.EC-AZBZ-4U9X Datasheet
1Mb / 26P
   Automotive Interior Lighting
LCWMVSG.EC-BXCX-4C8E-1 OSRAM-LCWMVSG.EC-BXCX-4C8E-1 Datasheet
1Mb / 26P
   Automotive Interior Lighting
LCWMVSG.EC-BXCX-4F8G-1 OSRAM-LCWMVSG.EC-BXCX-4F8G-1 Datasheet
1Mb / 26P
   Automotive Interior Lighting
LCWMVSG.EC-BXCX-4J8K-1 OSRAM-LCWMVSG.EC-BXCX-4J8K-1 Datasheet
1Mb / 26P
   Automotive Interior Lighting
More results

Similar Description - LCWMVSG.EC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWM673-K2N1-FK0PM0-2 OSRAM-LWM673-K2N1-FK0PM0-2 Datasheet
664Kb / 23P
   Small size high-flux LED for slim designs
LWM673-P1R2-FK0PM0 OSRAM-LWM673-P1R2-FK0PM0 Datasheet
669Kb / 23P
   Small size high-flux LED for slim designs
LWM67C-T1U1-FK0KM0-24G6 OSRAM-LWM67C-T1U1-FK0KM0-24G6 Datasheet
675Kb / 23P
   Small size high-flux LED for slim designs
LWM67C-Q2R2-JKPL-1 OSRAM-LWM67C-Q2R2-JKPL-1 Datasheet
667Kb / 23P
   Small size high-flux LED for slim designs
LWMVSG-AZBZ-JKPL-Z486 OSRAM-LWMVSG-AZBZ-JKPL-Z486 Datasheet
688Kb / 23P
   Small size high-flux LED for slim designs
logo
ams AG
LTMVSG AMSCO-LTMVSG Datasheet
1Mb / 21P
   Small size high-flux LED for slim designs
Version 1.0 2020-03-30
logo
OSRAM GmbH
LWM673-P1R2-FKPL OSRAM-LWM673-P1R2-FKPL Datasheet
648Kb / 23P
   Small size high-flux LED for slim designs
LWMVSG-AYBZ-FK0PM0-Z486 OSRAM-LWMVSG-AYBZ-FK0PM0-Z486 Datasheet
741Kb / 23P
   Small size high-flux LED for slim designs
LCWMTSG-U2V2-4L8N OSRAM-LCWMTSG-U2V2-4L8N Datasheet
704Kb / 23P
   Small size high-flux LED for slim designs
LTMTSG-V2CA-35-1 OSRAM-LTMTSG-V2CA-35-1 Datasheet
1Mb / 21P
   Small size high-flux LED for slim designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com